Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL55110 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL55110
Description  Dual, High Speed MOSFET Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55110 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL55110 Datasheet HTML 1Page - Intersil Corporation ISL55110 Datasheet HTML 2Page - Intersil Corporation ISL55110 Datasheet HTML 3Page - Intersil Corporation ISL55110 Datasheet HTML 4Page - Intersil Corporation ISL55110 Datasheet HTML 5Page - Intersil Corporation ISL55110 Datasheet HTML 6Page - Intersil Corporation ISL55110 Datasheet HTML 7Page - Intersil Corporation ISL55110 Datasheet HTML 8Page - Intersil Corporation ISL55110 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
®
FN6228.1
ISL55110, ISL55111
Dual, High Speed MOSFET Driver
The ISL55110 and ISL55111 are dual high speed mosfet
drivers intended for applications requiring accurate pulse
generation and buffering. Target applications include
Ultrasound, CCD Imaging, Automotive Piezoelectric
distance sensing and clock generation circuits.
With a wide output voltage range and low on resistance,
these devices can drive a variety of resistive and capacitive
loads with fast rise and fall times, allowing high speed
operation with low skew as required in large CCD array
imaging applications.
The ISL55110 and ISL55111 are compatible with 3.3V and
5V logic families and incorporate tightly controlled input
thresholds to minimize the effect of input rise time on output
pulse width. The ISL55110 has a pair of in-phase drivers
while the ISL55111 has two drivers operating in antiphase.
Both inputs of the device have independent inputs to allow
external time phasing if required.
The ISL55110 has a power down mode for low power
consumption during equipment standby times, making it
ideal for portable products.
The ISL55110 and ISL55111 are available in 16 Ld Exposed
pad QFN packaging and 8 Ld TSSOP. Both devices are
specified for operation over the full -40°C to +85°C
temperature range.
Functional Block Diagram
Features
• 5V to 12V Pulse Magnitude
• High Current Drive 3.5A
• 6ns Minimum Pulse Width
• 1.5ns Rise and Fall Times, 100pF Load Time
•Low Skew
• 3.3V and 5V Logic Compatible
• In-Phase and Anti-Phase Outputs
• Small QFN and TSSOP Packaging
• Low Quiescent Current
• Pb-free Plus Anneal Available (RoHS compliant)
Applications
• Ultrasound Mosfet Driver
• CCD Array Horizontal Driver
• Automotive Piezo Driver Applications
• Clock Driver Circuits
ISLl55110 and ISL55111 DUAL DRIVER
VH
OA
OB
IN-A
o
o
o
o
o
IN-B
o
o
GND
o
POWER DOWN
o
VDD
o
HIZ-QFN*
* HIZ AVAILABLE IN QFN PACKAGE ONLY
* ISL55111 IN-B IS INVERTING
*
Ordering Information
PART
NUMBER
PART
MARKING
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
ISL55110IRZ*
(Note)
55 110IRZ
-40 to +85
16 Ld QFN
(Pb-free)
L16.4x4A
ISL55110IVZ*
(Note)
55110 IVZ
-40 to +85
8 Ld TSSOP
(Pb-free)
M8.173
ISL55111IRZ*
(Note)
55 11IRZ
-40 to +85
16 Ld QFN
(Pb-free)
L16.4x4A
ISL55111IVZ*
(Note)
55111 IVZ
-40 to +85
8 Ld TSSOP
(Pb-free)
M8.173
*Add “-T” suffix for tape and reel.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
Data Sheet
March 21, 2007
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2003, 2005, 2006. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL55110

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL55110 INTERSIL-ISL55110 Datasheet
305Kb / 15P
   Dual, High Speed MOSFET Driver
ISL55110 INTERSIL-ISL55110 Datasheet
413Kb / 15P
   Dual, High Speed MOSFET Driver
ISL55110 INTERSIL-ISL55110 Datasheet
434Kb / 18P
   Dual, High Speed MOSFET Driver
logo
Renesas Technology Corp
ISL55110 RENESAS-ISL55110 Datasheet
815Kb / 18P
   Dual, High Speed MOSFET Driver
logo
Intersil Corporation
ISL55110 INTERSIL-ISL55110 Datasheet
475Kb / 18P
   Dual, High Speed MOSFET Driver
January 29, 2015
More results

Similar Description - ISL55110

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
MD1213 SUTEX-MD1213 Datasheet
708Kb / 7P
   High Speed Dual MOSFET Driver
logo
Intersil Corporation
ISL55110IVZ-T INTERSIL-ISL55110IVZ-T Datasheet
434Kb / 18P
   Dual, High Speed MOSFET Driver
logo
Supertex, Inc
MD1210 SUTEX-MD1210_07 Datasheet
532Kb / 7P
   High Speed Dual MOSFET Driver
logo
Intersil Corporation
ISL55110IRZ INTERSIL-ISL55110IRZ Datasheet
475Kb / 18P
   Dual, High Speed MOSFET Driver
January 29, 2015
ISL55110 INTERSIL-ISL55110_11 Datasheet
413Kb / 15P
   Dual, High Speed MOSFET Driver
ISL55110_0712 INTERSIL-ISL55110_0712 Datasheet
305Kb / 15P
   Dual, High Speed MOSFET Driver
logo
Supertex, Inc
MD1210 SUTEX-MD1210 Datasheet
178Kb / 5P
   HIGH SPEED DUAL MOSFET DRIVER
logo
Renesas Technology Corp
ISL55110 RENESAS-ISL55110 Datasheet
815Kb / 18P
   Dual, High Speed MOSFET Driver
logo
Texas Instruments
TPS2811-Q1 TI1-TPS2811-Q1 Datasheet
998Kb / 30P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVER
logo
Supertex, Inc
MD1211 SUTEX-MD1211 Datasheet
377Kb / 4P
   High Speed, Dual MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com