Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6217CVZA-T Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL6217CVZA-T
Description  Precision Multi-Phase Buck PWM Precision Multi-Phase Buck PWM Positioning IMVP-IV??and IMVP-IV
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6217CVZA-T Datasheet(HTML) 1 Page - Intersil Corporation

  ISL6217CVZA-T Datasheet HTML 1Page - Intersil Corporation ISL6217CVZA-T Datasheet HTML 2Page - Intersil Corporation ISL6217CVZA-T Datasheet HTML 3Page - Intersil Corporation ISL6217CVZA-T Datasheet HTML 4Page - Intersil Corporation ISL6217CVZA-T Datasheet HTML 5Page - Intersil Corporation ISL6217CVZA-T Datasheet HTML 6Page - Intersil Corporation ISL6217CVZA-T Datasheet HTML 7Page - Intersil Corporation ISL6217CVZA-T Datasheet HTML 8Page - Intersil Corporation ISL6217CVZA-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
®
ISL6217
Data Sheet
December 2006
FN9089.3
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
|Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2006. All Rights Reserved
All other trademarks mentioned are the property of their respective owners
Precision Multi-Phase Buck PWM
Controller for Intel‚ Mobile Voltage
Positioning IMVP-IV
™and IMVP-IV+
The ISL6217 Multi-Phase Buck PWM control IC, with
integrated half bridge gate drivers, provides a precision
voltage regulation system for advanced Pentium“ IV
microprocessors in notebook computers. Two-phase
operation eases the thermal management issues and load
demand of Intel’s latest high performance processors. This
control IC also features both input voltage feed-forward and
average current mode control for excellent dynamic
response, “Loss-less” current sensing using MOSFET
RDS(ON) and user selectable switching frequencies from
250kHz to 1MHz per phase.
The ISL6217 includes a 6-bit digital-to-analog converter
(DAC) that dynamically adjusts the CORE PWM output
voltage from 0.700V to 1.708V in 16mV steps and conforms
to the Intel IMVP-IV™ and IMVP-IV+™ mobile VID
specification. The ISL6217 also has logic inputs to select
Active, Deep Sleep and Deeper Sleep modes of operation.
A precision reference, remote sensing and proprietary
architecture, with integrated processor-mode compensated
“Droop”, provide excellent static and dynamic CORE voltage
regulation.
To improve efficiency at light loading, the ISL6217 can be
configured to run in single phase PWM in ACTIVE, DEEP or
DEEPER SLEEP modes of operation.
Another feature of this IC controller is the PGOOD monitor
circuit that is held low until CORE voltage increases, during
its soft-start sequence, to within 12% of the “Boot” voltage.
This PGOOD signal is masked during VID changes. Output
Overcurrent, Overvoltage and Undervoltage are monitored
and result in the converter latching off and PGOOD signal
being held low.
The Overvoltage and Undervoltage thresholds are 112%
and 84% of the VID, Deep or Deeper Sleep setpoint,
respectively. Overcurrent protection features a 32 cycle
Overcurrent shutdown. PGOOD, Overvoltage, Undervoltage
and Overcurrent provide monitoring and protection for the
microprocessor and power system. The ISL6217 IC is
available in a 38 lead TSSOP.
Features
• IMVP-IV™ and IMVP-IV+™ Compliant CORE Regulator
• Single and/or Two-phase Power Conversion
• “Loss-less” Current sensing for improved efficiency and
reduced board area
− Optional Discrete Precision Current Sense Resistor
• Internal Gate-Drive and Boot-Strap Diodes
• Precision CORE Voltage Regulation
− 0.8% system accuracy over temperature
• 6-Bit Microprocessor Voltage Identification Input
• Programmable “Droop” and CORE Voltage Slew Rate to
comply with IMVP-IV™ and IMVP-IV+™ specification
• Direct Interface with System Logic (STP_CPU# and
DPRSLPVR) for Deep and Deeper Sleep modes of
operation
• Easily Programmable voltage setpoints for Initial “Boot”,
Deep Sleep and Deeper Sleep Modes
• Excellent Dynamic Response
− Combined Voltage Feed-Forward and Average
Current Mode Control
• Overvoltage, Undervoltage and Overcurrent Protection
• Power-Good Output with internal blanking during VID and
mode changes
• User programmable Switching Frequency of 250kHz -
1MHz per phase
• Pb-Free Plus Anneal Available (RoHS Compliant)
Ordering Information
PART NUMBER
TEMP (°C)
PACKAGE
PKG.
DWG. #
ISL6217CV
-10 to 85
38 Ld TSSOP
M38.173
ISL6217CV-T
38 Ld TSSOP Tape and Reel
M38.173
ISL6217CVZ
(Note 1)
-10 to 85
38 Ld TSSOP
(Pb-free)
M38.173
ISL6217CVZ-T
(Note 1)
38 Ld TSSOP Tape and Reel
(Pb-free)
M38.173
ISL6217CVZA
(Note 1)
-10 to 85
38 Ld TSSOP
(Pb-free)
M38.173
ISL6217CVZA-T
(Note 1)
38 Ld TSSOP Tape and Reel
(Pb-free)
M38.173
NOTES:
1. Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
NOT
REC
OM
MEN
DED
FOR
NEW
DES
IGN
S
SEE
SUB
STIT
UTE
PRO
DUC
T
ISL6
217
A


Similar Part No. - ISL6217CVZA-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6217CVZA-T RENESAS-ISL6217CVZA-T Datasheet
309Kb / 19P
   Precision Multi-Phase Buck PWM Controller for Intel‚ Mobile Voltage Positioning IMVP-IV™ and IMVP-IV™
December 2006
More results

Similar Description - ISL6217CVZA-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6217A INTERSIL-ISL6217A Datasheet
443Kb / 20P
   Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV??and IMVP-IV?
ISL6217ACV INTERSIL-ISL6217ACV Datasheet
437Kb / 20P
   Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV and IMVP-IV
June 30, 2005
logo
Renesas Technology Corp
ISL6217 RENESAS-ISL6217 Datasheet
309Kb / 19P
   Precision Multi-Phase Buck PWM Controller for Intel‚ Mobile Voltage Positioning IMVP-IV™ and IMVP-IV™
December 2006
ISL6217A RENESAS-ISL6217A Datasheet
877Kb / 20P
   Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV™ and IMVP-IV™
June 30, 2005
logo
Intersil Corporation
ISL6218 INTERSIL-ISL6218 Datasheet
410Kb / 19P
   Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
ISL6218CV INTERSIL-ISL6218CV Datasheet
407Kb / 19P
   Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
August 6, 2007
ISL6218CVZ-T INTERSIL-ISL6218CVZ-T Datasheet
410Kb / 19P
   Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
logo
Renesas Technology Corp
ISL6218 RENESAS-ISL6218 Datasheet
810Kb / 19P
   Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV??and IMVP-IV?
logo
Intersil Corporation
ISL9500 INTERSIL-ISL9500 Datasheet
467Kb / 20P
   Precision Multi-Phase Buck PWM Controller
December 2, 2005
logo
Semtech Corporation
SC451 SEMTECH-SC451 Datasheet
25Kb / 1P
   Portable IMVP-IV??and IMVP-IV??Single Phase Power Supply Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com