Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL22512WFRU10Z-TK Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL22512WFRU10Z-TK
Description  Single Push Button Controlled Potentiometer XDCP
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22512WFRU10Z-TK Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL22512WFRU10Z-TK Datasheet HTML 2Page - Intersil Corporation ISL22512WFRU10Z-TK Datasheet HTML 3Page - Intersil Corporation ISL22512WFRU10Z-TK Datasheet HTML 4Page - Intersil Corporation ISL22512WFRU10Z-TK Datasheet HTML 5Page - Intersil Corporation ISL22512WFRU10Z-TK Datasheet HTML 6Page - Intersil Corporation ISL22512WFRU10Z-TK Datasheet HTML 7Page - Intersil Corporation ISL22512WFRU10Z-TK Datasheet HTML 8Page - Intersil Corporation ISL22512WFRU10Z-TK Datasheet HTML 9Page - Intersil Corporation ISL22512WFRU10Z-TK Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
FN6679.0
March 24, 2008
Typical Performance Curves
FIGURE 1. WIPER RESISTANCE vs TAP POSITION
[ I(RW) = VCC/RTOTAL ] FOR 10kΩ (W)
FIGURE 2. STANDBY ICC vs TEMPERATURE
FIGURE 3. DNL vs TAP POSITION IN VOLTAGE DIVIDER
MODE FOR 10k
Ω (W)
FIGURE 4. INL vs TAP POSITION IN VOLTAGE DIVIDER
MODE FOR 10k
Ω (W)
FIGURE 5. ZS ERROR vs TEMPERATURE
FIGURE 6. FS ERROR vs TEMPERATURE
0
20
40
60
80
100
120
140
160
TAP POSITION (DECIMAL
0
3
6
9
12
15
+125ºC
+25ºC
-40ºC
VCC = 5.5V
0
20
40
60
80
100
120
140
160
TAP POSITION (DECIMAL
0
3
6
9
12
15
+125ºC
+25ºC
-40ºC
VCC = 5.5V
0
0.5
1.0
1.5
2.0
2.5
3.0
-40
-15
10
35
60
85
110
TEMPERATURE (°C)
VCC = 5V
VCC = 2.7V
-0.05
-0.03
-0.01
0.01
0.03
0.05
TAP POSITION (DECIMAL
0
3
6
9
12
15
VCC = 5.5V
VCC = 2.7V
-0.10
-0.05
0.00
0.05
0.10
06
12
15
TAP POSITION (DECIMAL)
39
VCC = 5.5V
VCC = 2.7V
0
0.0005
0.0010
0.0015
0.0020
0.0025
0.0030
-40
-15
10
35
60
85
110
TEMPERATURE (ºC)
VCC = 5.5V
VCC = 2.7V
-1
-0.8
-0.6
-0.4
-0.2
0
-40
-15
10
35
60
85
110
TEMPERATURE (ºC)
VCC = 5.5V
VCC = 2.7V
ISL22512


Similar Part No. - ISL22512WFRU10Z-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22512WFRU10Z-TK INTERSIL-ISL22512WFRU10Z-TK Datasheet
372Kb / 12P
   Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
October 12, 2015
logo
Renesas Technology Corp
ISL22512WFRU10Z-TK RENESAS-ISL22512WFRU10Z-TK Datasheet
671Kb / 13P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
More results

Similar Description - ISL22512WFRU10Z-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9511 INTERSIL-X9511 Datasheet
213Kb / 9P
   Single Digitally-Controlled (XDCP) Potentiometer (Push Button Controlled)
ISL22511 INTERSIL-ISL22511 Datasheet
423Kb / 13P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer Single Push Button Controlled Potentiometer XDCP
logo
Renesas Technology Corp
ISL22511 RENESAS-ISL22511 Datasheet
767Kb / 13P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
ISL23511 RENESAS-ISL23511 Datasheet
740Kb / 11P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
ISL22512 RENESAS-ISL22512 Datasheet
671Kb / 13P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
ISL23512 RENESAS-ISL23512 Datasheet
608Kb / 10P
   Single Push Button Controlled Potentiometer (XDCP™) Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
January 21, 2008
X9511 RENESAS-X9511 Datasheet
456Kb / 9P
   Single Push Button Controlled Potentiometer (XDCP?? Linear, 32 Taps, Push Button Controlled, Terminal Voltage 짹5V
logo
Intersil Corporation
ISL23511 INTERSIL-ISL23511_08 Datasheet
407Kb / 10P
   Single Push Button Controlled Potentiometer
X9511 INTERSIL-X9511_07 Datasheet
195Kb / 9P
   Single Push Button Controlled Potentiometer (
X93156 INTERSIL-X93156_07 Datasheet
190Kb / 7P
   Single Digitally Controlled Potentiometer (XDCP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com