Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL4223E Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL4223E
Description  QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 2.7V to 5.5V, 150nA, 250kbps, RS-232
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL4223E Datasheet(HTML) 2 Page - Intersil Corporation

  ISL4223E Datasheet HTML 1Page - Intersil Corporation ISL4223E Datasheet HTML 2Page - Intersil Corporation ISL4223E Datasheet HTML 3Page - Intersil Corporation ISL4223E Datasheet HTML 4Page - Intersil Corporation ISL4223E Datasheet HTML 5Page - Intersil Corporation ISL4223E Datasheet HTML 6Page - Intersil Corporation ISL4223E Datasheet HTML 7Page - Intersil Corporation ISL4223E Datasheet HTML 8Page - Intersil Corporation ISL4223E Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
FN6045.3
February 13, 2008
Ordering Information
PART
NUMBER
PART
MARKING
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
ISL3232EIRZ* (Note)
ISL3232 EIRZ
-40 to +85
16 Ld QFN (Pb-free)
L16.5x5B
ISL4221EIR*
ISL 4221EIR
-40 to +85
16 Ld QFN
L16.5x5B
ISL4221EIRZ* (Note)
ISL4221 EIRZ
-40 to +85
16 Ld QFN (Pb-free)
L16.5x5B
ISL4223EIR*
ISL 4223EIR
-40 to +85
20 Ld QFN
L20.5x5
ISL4223EIRZ* (Note)
ISL4223 EIRZ
-40 to +85
20 Ld QFN (Pb-free)
L20.5x5
*Add “-T” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and 100%
matte tin plate PLUS ANNEAL - e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations.
Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J
STD-020.
Pinouts
ISL3232E
(16 LD QFN)
TOP VIEW
ISL4221E
(16 LD QFN)
TOP VIEW
ISL4223E
(20 LD QFN)
TOP VIEW
1
3
4
15
C1-
C2+
C2-
V-
16
14
13
2
12
10
9
11
6
57
8
T1OUT
R1IN
R1OUT
T1IN
1
3
4
15
V+
C1-
C2+
C2-
16
14
13
2
12
10
9
11
6
57
8
GND
T1OUT
FORCEON
T1IN
V+
C1-
C2+
C2-
V-
T1OUT
R1IN
R1OUT
FORCEON
T1IN
1
2
3
4
5
78
9
10
6
20
19
18
17
16
13
14
15
12
11
ISL3232E, ISL4221E, ISL4223E


Similar Part No. - ISL4223E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL4223E INTERSIL-ISL4223E Datasheet
401Kb / 13P
   QFN Packaged, /-15kV ESD Protected, 2.7V to 5.5V, 150Nanoamp, 250kBps, RS-232 Transmitters/Receivers
ISL4223E INTERSIL-ISL4223E Datasheet
415Kb / 13P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kBps, RS-232 Transmitters/Receivers
ISL4223E INTERSIL-ISL4223E Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL4223E RENESAS-ISL4223E Datasheet
661Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL4223E INTERSIL-ISL4223E Datasheet
279Kb / 14P
   QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
May 13, 2010
More results

Similar Description - ISL4223E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL3232E RENESAS-ISL3232E Datasheet
661Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL4221E INTERSIL-ISL4221E_07 Datasheet
415Kb / 13P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kBps, RS-232 Transmitters/Receivers
ISL3232EIRZ INTERSIL-ISL3232EIRZ Datasheet
279Kb / 14P
   QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
May 13, 2010
logo
Renesas Technology Corp
ISL4241E RENESAS-ISL4241E Datasheet
684Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL4241E INTERSIL-ISL4241E Datasheet
266Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, 2.7V to 5.5V, 10Nanoamp, 250kbps,
ISL4221E INTERSIL-ISL4221E Datasheet
401Kb / 13P
   QFN Packaged, /-15kV ESD Protected, 2.7V to 5.5V, 150Nanoamp, 250kBps, RS-232 Transmitters/Receivers
ISL4260E INTERSIL-ISL4260E Datasheet
341Kb / 11P
   QFN Packaged, 짹15kV ESD Protected, 3V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply
logo
Renesas Technology Corp
ISL4260E RENESAS-ISL4260E Datasheet
599Kb / 11P
   QFN Packaged, 짹15kV ESD Protected, 3V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply
logo
Intersil Corporation
ISL4238E INTERSIL-ISL4238E Datasheet
291Kb / 17P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
logo
Renesas Technology Corp
ISL4238E RENESAS-ISL4238E Datasheet
783Kb / 17P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/ 1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com