Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6622IBZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL6622IBZ
Description  VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6622IBZ Datasheet(HTML) 4 Page - Intersil Corporation

  ISL6622IBZ Datasheet HTML 1Page - Intersil Corporation ISL6622IBZ Datasheet HTML 2Page - Intersil Corporation ISL6622IBZ Datasheet HTML 3Page - Intersil Corporation ISL6622IBZ Datasheet HTML 4Page - Intersil Corporation ISL6622IBZ Datasheet HTML 5Page - Intersil Corporation ISL6622IBZ Datasheet HTML 6Page - Intersil Corporation ISL6622IBZ Datasheet HTML 7Page - Intersil Corporation ISL6622IBZ Datasheet HTML 8Page - Intersil Corporation ISL6622IBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
FN6470.2
October 30, 2008
Absolute Maximum Ratings
Thermal Information
Supply Voltage (VCC, UVCC) . . . . . . . . . . . . . . . . . . . . . . . . . . .15V
BOOT Voltage (VBOOT-GND). . . . . . . . . . . . . . . . . . . . . . . . . . . .36V
Input Voltage (VPWM) . . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to 7V
UGATE. . . . . . . . . . . . . . . . . . . VPHASE - 0.3VDC to VBOOT + 0.3V
VPHASE - 3.5V (<100ns Pulse Width, 2µJ) to VBOOT + 0.3V
LGATE . . . . . . . . . . . . . . . . . . . . . . .GND - 0.3VDC to VLVCC + 0.3V
GND - 5V (<100ns Pulse Width, 2µJ) to VLVCC + 0.3V
PHASE. . . . . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3VDC to 15VDC
GND - 8V (<200ns, 10µJ) to 30V (<200ns, VBOOT-GND<36V)
Thermal Resistance
θJA (°C/W) θJC (°C/W)
SOIC Package (Note 1) . . . . . . . . . . . .
100
N/A
DFN Package (Notes 2, 3) . . . . . . . . . .
48
7
Maximum Junction Temperature (Plastic Package) . . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . . -65°C to +150°C
Pb-free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Ambient Temperature Range
ISL6622IBZ, ISL6622IRZ . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
ISL6622CBZ, ISL6622CRZ . . . . . . . . . . . . . . . . . . . 0°C to +70°C
Maximum Operating Junction Temperature. . . . . . . . . . . . . +125°C
Supply Voltage
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6.8V to 13.2V
UVCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.75V to 13.2V
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
1.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
2.
θ
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
3. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
4. Limits should be considered typical and are not production tested.
Electrical Specifications
Recommended Operating Conditions. Parameters with MIN and/or MAX limits are 100% tested at +25°C,
unless otherwise specified. Temperature limits established by characterization and are not
production tested
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VCC SUPPLY CURRENT (Note 4)
No Load Switching Supply Current
IVCC
ISL6622CBZ and ISL6622IBZ,
fPWM = 300kHz, VVCC = 12V
-8.2
-
mA
IVCC
ISL6622CRZ and ISL6622IRZ,
fPWM = 300kHz, VVCC = 12V
-6.2
-
mA
IUVCC
-2.0
-
mA
Standby Supply Current
IVCC
ISL6622CBZ and ISL6622IBZ, PWM
Transition from 0V to 2.5V
-5.7
-
mA
IVCC
ISL6622CRZ and ISL6622IRZ, PWM
Transition from 0V to 2.5V
-5
-
mA
IUVCC
-0.7
-
mA
POWER-ON RESET
VCC Rising Threshold
6.25
6.45
6.70
V
VCC Falling Threshold
4.8
5.0
5.25
V
LVCC Rising Threshold (Note 4)
-4.4
-
V
LVCC Falling Threshold (Note 4)
-3.4
-
V
PWM INPUT (See “TIMING DIAGRAM” on page 6)
Input Current (Note 4)
IPWM
VPWM = 5V
-
500
-
µA
VPWM = 0V
-
-430
-
µA
PWM Rising Threshold (Note 4)
VCC = 12V
-
3.4
-
V
PWM Falling Threshold (Note 4)
VCC = 12V
-
1.6
-
V
Three-State Lower Gate Falling Threshold (Note 4)
VCC = 12V
-
1.6
-
V
Three-State Lower Gate Rising Threshold (Note 4)
VCC = 12V
-
1.1
-
V
Three-State Upper Gate Rising Threshold (Note 4)
VCC = 12V
-
3.2
-
V
ISL6622


Similar Part No. - ISL6622IBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6622IBZ RENESAS-ISL6622IBZ Datasheet
629Kb / 12P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
More results

Similar Description - ISL6622IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6620CBZ INTERSIL-ISL6620CBZ Datasheet
223Kb / 10P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
April 25, 2008
logo
Renesas Technology Corp
ISL6622A RENESAS-ISL6622A Datasheet
569Kb / 11P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
logo
Intersil Corporation
ISL6622B INTERSIL-ISL6622B Datasheet
259Kb / 11P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
ISL6620 INTERSIL-ISL6620 Datasheet
226Kb / 10P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
logo
Renesas Technology Corp
ISL6620 RENESAS-ISL6620 Datasheet
536Kb / 10P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
ISL6622 RENESAS-ISL6622 Datasheet
629Kb / 12P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
ISL6622B RENESAS-ISL6622B Datasheet
657Kb / 11P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
March 19, 2009
logo
Intersil Corporation
ISL6622ACBZ INTERSIL-ISL6622ACBZ Datasheet
239Kb / 11P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
March 19, 2009
ISL6622A INTERSIL-ISL6622A Datasheet
238Kb / 11P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
ISL6627CRZ INTERSIL-ISL6627CRZ Datasheet
343Kb / 11P
   VR11.1, VR12 Compatible Synchronous Rectified Buck MOSFET Driver
January 24, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com