Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL4241EIRZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL4241EIRZ
Description  QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, 2.7V to 5.5V, 10Nanoamp, 250kbps,
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL4241EIRZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL4241EIRZ Datasheet HTML 4Page - Intersil Corporation ISL4241EIRZ Datasheet HTML 5Page - Intersil Corporation ISL4241EIRZ Datasheet HTML 6Page - Intersil Corporation ISL4241EIRZ Datasheet HTML 7Page - Intersil Corporation ISL4241EIRZ Datasheet HTML 8Page - Intersil Corporation ISL4241EIRZ Datasheet HTML 9Page - Intersil Corporation ISL4241EIRZ Datasheet HTML 10Page - Intersil Corporation ISL4241EIRZ Datasheet HTML 11Page - Intersil Corporation ISL4241EIRZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
FN8037.7
June 10, 2010
ISL4241E and ISL4243E monitor receivers remain active
even during manual power-down, making them extremely
useful for Ring Indicator monitoring. Standard receivers
driving powered down peripherals must be disabled to
prevent current flow through the peripheral’s protection
diodes (see Figures 2 and 3). This renders them useless for
wake-up functions, but the corresponding monitor receiver
can be dedicated to this task as shown in Figure 3.
Low Power Operation
These 3V devices require a nominal supply current of
0.3mA, even at VCC = 5.5V, during normal operation (not in
power-down mode). This is considerably less than the 5mA
to 11mA current required by comparable 5V RS-232 devices,
allowing users to reduce system power simply by switching
to this new family.
Power-down Functionality
The already low current requirement drops significantly
when the device enters power-down mode. In power-down,
supply current drops to 10nA, because the on-chip charge
pump turns off (V+ collapses to VCC, V- collapses to GND),
and the transmitter outputs three-state. Inverting receiver
outputs disable only in manual power-down; refer to Table 2
for details. This micro-power mode makes the ISL4241E and
ISL4243E ideal for battery powered and portable
applications.
TABLE 2. POWER-DOWN AND ENABLE LOGIC TRUTH TABLE
RS-232
SIGNAL
PRESENT
AT
RECEIVER
INPUT?
SHDN OR
FORCEOFF
INPUT
FORCEON
INPUT
EN
INPUT
TRANSMITTER
OUTPUTS
RECEIVER
OUTPUTS
ROUTB
OUTPUTS
INVALID
OUTPUT
MODE OF OPERATION
ISL4241E
N.A.
L
N/A
L
High-Z
Active
Active
N/A
Manual Power-down
N.A.
L
N/A
H
High-Z
High-Z
Active
N/A
Manual Power-down w/Receiver
Disabled
N.A.
H
N/A
L
Active
Active
Active
N/A
Normal Operation
N.A.
H
N/A
H
Active
High-Z
Active
N/A
Normal Operation w/Receiver
Disabled
ISL4243E
NO
H
H
N/A
Active
Active
Active
L
Normal Operation
(Auto Power-down Disabled)
YES
H
L
N/A
Active
Active
Active
H
Normal Operation
(Auto Power-down Enabled)
NO
H
L
N/A
High-Z
Active
Active
L
Power-down Due to Auto Power-down
Logic
YES
L
X
N/A
High-Z
High-Z
Active
H
Manual Power-down
NO
L
X
N/A
High-Z
High-Z
Active
L
Manual Power-down
FIGURE 2. POWER DRAIN THROUGH POWERED DOWN
PERIPHERAL
OLD
VCC
POWERED
GND
SHDN = GND
VCC
Rx
Tx
VCC
CURRENT
VOUT = VCC
FLOW
RS-232 CHIP
DOWN
UART
ISL4241E, ISL4243E


Similar Part No. - ISL4241EIRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL4241EIRZ RENESAS-ISL4241EIRZ Datasheet
684Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, RS-232 Transmitters/Receivers
ISL4241EIRZ-T RENESAS-ISL4241EIRZ-T Datasheet
684Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, RS-232 Transmitters/Receivers
More results

Similar Description - ISL4241EIRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL4241E RENESAS-ISL4241E Datasheet
684Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL3232E INTERSIL-ISL3232E Datasheet
281Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 2.7V to 5.5V, 150nA, 250kbps, RS-232
logo
Renesas Technology Corp
ISL4238E RENESAS-ISL4238E Datasheet
783Kb / 17P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/ 1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
logo
Intersil Corporation
ISL4238E INTERSIL-ISL4238E Datasheet
291Kb / 17P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
ISL4221E INTERSIL-ISL4221E_07 Datasheet
415Kb / 13P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kBps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ISL3232E RENESAS-ISL3232E Datasheet
661Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL4238EIR INTERSIL-ISL4238EIR Datasheet
288Kb / 17P
   QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/ 1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
May 13, 2010
ISL3232EIRZ INTERSIL-ISL3232EIRZ Datasheet
279Kb / 14P
   QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
May 13, 2010
ISL4221E INTERSIL-ISL4221E Datasheet
401Kb / 13P
   QFN Packaged, /-15kV ESD Protected, 2.7V to 5.5V, 150Nanoamp, 250kBps, RS-232 Transmitters/Receivers
ISL3241E INTERSIL-ISL3241E Datasheet
554Kb / 16P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 3.6V, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply Pin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com