Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL2100AABZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL2100AABZ
Description  100V, 2A Peak, High Frequency Half-Bridge Drivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL2100AABZ Datasheet(HTML) 1 Page - Intersil Corporation

  ISL2100AABZ Datasheet HTML 1Page - Intersil Corporation ISL2100AABZ Datasheet HTML 2Page - Intersil Corporation ISL2100AABZ Datasheet HTML 3Page - Intersil Corporation ISL2100AABZ Datasheet HTML 4Page - Intersil Corporation ISL2100AABZ Datasheet HTML 5Page - Intersil Corporation ISL2100AABZ Datasheet HTML 6Page - Intersil Corporation ISL2100AABZ Datasheet HTML 7Page - Intersil Corporation ISL2100AABZ Datasheet HTML 8Page - Intersil Corporation ISL2100AABZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
®
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2008, 2009, 2010. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
ISL2100A, ISL2101A
100V, 2A Peak, High Frequency
Half-Bridge Drivers
The ISL2100A, ISL2101A are 100V, high frequency,
half-bridge N-channel power MOSFET driver ICs. They are
based on the popular HIP2100, HIP2101 half-bridge drivers,
but offer several performance improvements. The ISL2100A
has additional input hysteresis for superior operation in noisy
environments and the inputs of the ISL2101A, like those of
the ISL2100A, can now safely swing to the VDD supply rail.
Finally, both parts are available in a very compact 9 Ld DFN
package to minimize the required PCB footprint
Features
• Drives N-Channel MOSFET Half-Bridge
• Space-Saving DFN Package
• DFN Package Compliant with 100V Conductor Spacing
Guidelines per IPC-2221
• Pb-Free (RoHS compliant)
• Bootstrap Supply Max Voltage to 114VDC
• On-Chip 1
Ω Bootstrap Diode
• Fast Propagation Times for Multi-MHz Circuits
• Drives 1nF Load with Typical Rise/Fall Times of 10ns
• CMOS Compatible Input Thresholds (ISL2100A)
• 3.3V/TTL Compatible Input Thresholds (ISL2101A)
• Independent Inputs Provide Flexibility
• No Start-Up Problems
• Outputs Unaffected by Supply Glitches, HS Ringing Below
Ground or HS Slewing at High dv/dt
• Low Power Consumption
• Wide Supply Voltage Range (9V to 14V)
• Supply Undervoltage Protection
•2.5
Ω Typical Output Pull-Up/Pull-Down Resistance
Applications
• Telecom Half-Bridge Converters
• Telecom Full-Bridge Converters
• Two-Switch Forward Converters
• Active-Clamp Forward Converters
• Class-D Audio Amplifiers
Ordering Information
PART NUMBER
(Note)
PART
MARKING
TEMP.
RANGE (°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL2100AAR3Z* 00AZ
-40 to +125 9 Ld 3x3 DFN L9.3x3
ISL2101AAR3Z* 01AZ
-40 to +125 9 Ld 3x3 DFN L9.3x3
ISL2100AABZ*
001ABZ
-40 to +125 8 Ld SOIC
M18.15
ISL2101AABZ*
01ABZ
-40 to +125 8 Ld SOIC
M18.15
*Add “-T” suffix for tape and reel. Please refer to TB347 for details on
reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ
special Pb-free material sets, molding compounds/die attach
materials, and 100% matte tin plate plus anneal (e3 termination
finish, which is RoHS compliant and compatible with both SnPb and
Pb-free soldering operations). Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J STD-020.
Pinouts
ISL2100A, ISL2101A
(9 LD DFN)
TOP VIEW
ISL2100A, ISL2101A
(8 LD SOIC)
TOP VIEW
NOTE: EPAD = Exposed PAD.
2
3
1
4
8
7
6
9
5
VDD
HB
HO
HS
LO
VSS
LI
HI
NC
EPAD
5
6
8
7
4
3
2
1
VDD
HB
HO
HS
LO
LI
HI
VSS
Data Sheet
May 6, 2010
FN6294.3


Similar Part No. - ISL2100AABZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL2100AABZ INTERSIL-ISL2100AABZ Datasheet
258Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
ISL2100AABZ INTERSIL-ISL2100AABZ Datasheet
255Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
May 6, 2010
logo
Renesas Technology Corp
ISL2100AABZ RENESAS-ISL2100AABZ Datasheet
559Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
More results

Similar Description - ISL2100AABZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL2100AAR3Z-T INTERSIL-ISL2100AAR3Z-T Datasheet
258Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
logo
Renesas Technology Corp
ISL2100A RENESAS-ISL2100A Datasheet
559Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
logo
Intersil Corporation
ISL2100AAR3Z INTERSIL-ISL2100AAR3Z Datasheet
255Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
May 6, 2010
logo
Renesas Technology Corp
ISL89400 RENESAS-ISL89400 Datasheet
614Kb / 12P
   100V, 1.25A Peak, High Frequency Half-Bridge Drivers
logo
Intersil Corporation
ISL89400 INTERSIL-ISL89400 Datasheet
249Kb / 11P
   100V, 1.25A Peak, High Frequency Half-Bridge Drivers
ISL89400AR3Z INTERSIL-ISL89400AR3Z Datasheet
250Kb / 11P
   100V, 1.25A Peak, High Frequency Half-Bridge Drivers
August 11, 2009
logo
Renesas Technology Corp
ISL2110 RENESAS-ISL2110 Datasheet
768Kb / 15P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
logo
Intersil Corporation
ISL2110ABZ INTERSIL-ISL2110ABZ Datasheet
305Kb / 13P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
March 8, 2012
ISL2110 INTERSIL-ISL2110 Datasheet
307Kb / 13P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
logo
Renesas Technology Corp
HIP2122 RENESAS-HIP2122 Datasheet
717Kb / 16P
   100V, 2A Peak, High Frequency Half-Bridge Drivers with Rising Edge Delay Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com