Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL89401AR3Z Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL89401AR3Z
Description  100V, 1.25A Peak, High Frequency Half-Bridge Drivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL89401AR3Z Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL89401AR3Z Datasheet HTML 3Page - Intersil Corporation ISL89401AR3Z Datasheet HTML 4Page - Intersil Corporation ISL89401AR3Z Datasheet HTML 5Page - Intersil Corporation ISL89401AR3Z Datasheet HTML 6Page - Intersil Corporation ISL89401AR3Z Datasheet HTML 7Page - Intersil Corporation ISL89401AR3Z Datasheet HTML 8Page - Intersil Corporation ISL89401AR3Z Datasheet HTML 9Page - Intersil Corporation ISL89401AR3Z Datasheet HTML 10Page - Intersil Corporation ISL89401AR3Z Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
FN6614.2
August 11, 2009
FIGURE 19. ISL89400 QUIESCENT CURRENT vs VOLTAGE
FIGURE 20. ISL89401 QUIESCENT CURRENT vs VOLTAGE
FIGURE 21. BOOTSTRAP DIODE I-V CHARACTERISTICS
FIGURE 22. VHS VOLTAGE vs VDD VOLTAGE
Typical Performance Curves (Continued)
0
5
10
15
20
0
20
40
60
80
100
120
140
160
180
200
220
240
260
VDD, VHB (V)
IHB
IDD
0
5
10
15
20
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
300
320
340
VDD, VHB (V)
IHB
IDD
0.3
0.4
0.5
0.6
0.7
0.8
1.10-3
0.01
0.10
1.00
FORWARD VOLTAGE (V)
1.10-4
1.10-5
1.10-6
12
13
14
15
16
0
20
40
60
80
100
120
VDD to VSS VOLTAGE (V)
ISL89400, ISL89401


Similar Part No. - ISL89401AR3Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL89401AR3Z INTERSIL-ISL89401AR3Z Datasheet
250Kb / 11P
   100V, 1.25A Peak, High Frequency Half-Bridge Drivers
August 11, 2009
logo
Renesas Technology Corp
ISL89401AR3Z RENESAS-ISL89401AR3Z Datasheet
614Kb / 12P
   100V, 1.25A Peak, High Frequency Half-Bridge Drivers
More results

Similar Description - ISL89401AR3Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL89400 RENESAS-ISL89400 Datasheet
614Kb / 12P
   100V, 1.25A Peak, High Frequency Half-Bridge Drivers
logo
Intersil Corporation
ISL89400AR3Z INTERSIL-ISL89400AR3Z Datasheet
250Kb / 11P
   100V, 1.25A Peak, High Frequency Half-Bridge Drivers
August 11, 2009
ISL2100AAR3Z-T INTERSIL-ISL2100AAR3Z-T Datasheet
258Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
logo
Renesas Technology Corp
ISL2100A RENESAS-ISL2100A Datasheet
559Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
logo
Intersil Corporation
ISL2100A INTERSIL-ISL2100A Datasheet
258Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
ISL2100AAR3Z INTERSIL-ISL2100AAR3Z Datasheet
255Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
May 6, 2010
logo
Renesas Technology Corp
ISL2110 RENESAS-ISL2110 Datasheet
768Kb / 15P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
logo
Intersil Corporation
ISL2110ABZ INTERSIL-ISL2110ABZ Datasheet
305Kb / 13P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
March 8, 2012
ISL2110 INTERSIL-ISL2110 Datasheet
307Kb / 13P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
logo
Renesas Technology Corp
HIP2122 RENESAS-HIP2122 Datasheet
717Kb / 16P
   100V, 2A Peak, High Frequency Half-Bridge Drivers with Rising Edge Delay Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com