Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6615CRZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL6615CRZ
Description  High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6615CRZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL6615CRZ Datasheet HTML 3Page - Intersil Corporation ISL6615CRZ Datasheet HTML 4Page - Intersil Corporation ISL6615CRZ Datasheet HTML 5Page - Intersil Corporation ISL6615CRZ Datasheet HTML 6Page - Intersil Corporation ISL6615CRZ Datasheet HTML 7Page - Intersil Corporation ISL6615CRZ Datasheet HTML 8Page - Intersil Corporation ISL6615CRZ Datasheet HTML 9Page - Intersil Corporation ISL6615CRZ Datasheet HTML 10Page - Intersil Corporation ISL6615CRZ Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
FN6481.0
April 24, 2008
• Shorten all gate drive loops (UGATE-PHASE and
LGATE-GND) and route them closely spaced.
• Minimize the inductance of the PHASE node. Ideally, the
source of the upper and the drain of the lower MOSFET
should be as close as thermally allowable.
• Minimize the current loop of the output and input power
trains. Short the source connection of the lower MOSFET
to ground as close to the transistor pin as feasible. Input
capacitors (especially ceramic decoupling) should be
placed as close to the drain of upper and source of lower
MOSFETs as possible.
• Avoid routing relatively high impedance nodes (such as
PWM and ENABLE lines) close to high dV/dt UGATE and
PHASE nodes.
In addition, for heat spreading, place copper underneath the
IC whether it has an exposed pad or not. The copper area
can be extended beyond the bottom area of the IC and/or
connected to buried power ground plane(s) with thermal
vias. This combination of vias for vertical heat escape,
extended copper plane, and buried planes for heat
spreading allows the IC to achieve its full thermal potential.
Upper MOSFET Self Turn-On Effects at Start-up
Should the driver have insufficient bias voltage applied, its
outputs are floating. If the input bus is energized at a high
dV/dt rate while the driver outputs are floating, due to the
self-coupling via the internal CGD of the MOSFET, the
UGATE could momentarily rise up to a level greater than the
threshold voltage of the MOSFET. This could potentially turn
on the upper switch and result in damaging inrush energy.
Therefore, if such a situation (when input bus powered up
before the bias of the controller and driver is ready) could
conceivably be encountered, it is a common practice to
place a resistor (RUGPH) across the gate and source of the
upper MOSFET to suppress the Miller coupling effect. The
value of the resistor depends mainly on the input voltage’s
rate of rise, the CGD/CGS ratio, as well as the gate-source
threshold of the upper MOSFET. A higher dV/dt, a lower
CDS/CGS ratio, and a lower gate-source threshold upper
FET will require a smaller resistor to diminish the effect of
the internal capacitive coupling. For most applications, the
integrated 20k
Ω typically sufficient, not affecting normal
performance and efficiency.
The coupling effect can be roughly estimated with the
formulas in Equation 5, which assume a fixed linear input
ramp and neglect the clamping effect of the body diode of
the upper drive and the bootstrap capacitor. Other parasitic
components such as lead inductances and PCB
capacitances are also not taken into account. These
equations are provided for guidance purpose only.
Therefore, the actual coupling effect should be examined
using a very high impedance (10M
Ω or greater) probe to
ensure a safe design margin.
V
GS_MILLER
dV
dt
------- RC
rss 1e
V
DS
dV
dt
------- RC
iss
----------------------------------
⎝⎠
⎜⎟
⎜⎟
⎜⎟
⎜⎟
⎛⎞
⋅⋅
=
RR
UGPH
R
GI
+
=
C
rss
C
GD
=
C
iss
C
GD
C
GS
+
=
(EQ. 5)
FIGURE 5. GATE-TO-SOURCE RESISTOR TO REDUCE
UPPER MOSFET MILLER COUPLING
VIN
QUPPER
D
S
G
RGI
BOOT
DU
CDS
CGS
CGD
DL
PHASE
PVCC
CBOOT
UGATE
ISL6615


Similar Part No. - ISL6615CRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6615CRZ RENESAS-ISL6615CRZ Datasheet
567Kb / 11P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
More results

Similar Description - ISL6615CRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6615A RENESAS-ISL6615A Datasheet
626Kb / 13P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
ISL6615 RENESAS-ISL6615 Datasheet
567Kb / 11P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
logo
Intersil Corporation
ISL6615AIRZ-T INTERSIL-ISL6615AIRZ-T Datasheet
412Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
ISL6615A INTERSIL-ISL6615A Datasheet
239Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
ISL6615ACBZ INTERSIL-ISL6615ACBZ Datasheet
414Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
April 13, 2012
ISL6594A INTERSIL-ISL6594A_06 Datasheet
247Kb / 10P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6594A INTERSIL-ISL6594A Datasheet
242Kb / 10P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
logo
Renesas Technology Corp
ISL6612 RENESAS-ISL6612 Datasheet
601Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6594A RENESAS-ISL6594A Datasheet
656Kb / 11P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
logo
Intersil Corporation
PX3511A INTERSIL-PX3511A Datasheet
229Kb / 10P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com