Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9008AIRUBZ-T Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL9008AIRUBZ-T
Description  Low Noise LDO with Low IQ, High PSRR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9008AIRUBZ-T Datasheet(HTML) 3 Page - Intersil Corporation

  ISL9008AIRUBZ-T Datasheet HTML 1Page - Intersil Corporation ISL9008AIRUBZ-T Datasheet HTML 2Page - Intersil Corporation ISL9008AIRUBZ-T Datasheet HTML 3Page - Intersil Corporation ISL9008AIRUBZ-T Datasheet HTML 4Page - Intersil Corporation ISL9008AIRUBZ-T Datasheet HTML 5Page - Intersil Corporation ISL9008AIRUBZ-T Datasheet HTML 6Page - Intersil Corporation ISL9008AIRUBZ-T Datasheet HTML 7Page - Intersil Corporation ISL9008AIRUBZ-T Datasheet HTML 8Page - Intersil Corporation ISL9008AIRUBZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
FN6300.2
April 16, 2007
Absolute Maximum Ratings
Thermal Information
Supply Voltage (VIN) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +7.1V
All Other Pins . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to (VIN+0.3V)
Recommended Operating Conditions
Ambient Temperature Range (TA) . . . . . . . . . . . . . . .-40°C to +85°C
Supply Voltage (VIN) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.3 to 6.5V
Thermal Resistance
θJA (°C/W)
5 Ld SC-70 Package (Note 3) . . . . . . . . . . . . . . . . .
231
6 Ld
μTDFN Package (Note 4) . . . . . . . . . . . . . . . .
125
Junction Temperature Range . . . . . . . . . . . . . . . . . -40°C to +125°C
Operating Temperature Range . . . . . . . . . . . . . . . . . -40°C to +85°C
Storage Temperature Range . . . . . . . . . . . . . . . . . . -65°C to +150°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
3.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
4.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
Electrical Specifications
Unless otherwise noted, all parameters are guaranteed over the operational supply voltage and temperature
range of the device as follows:
TA = -40°C to +85°C; VIN = (VO + 0.5V) to 6.5V with a minimum VIN of 2.3V; CIN = 1μF; CO = 1μF
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
DC CHARACTERISTICS
Supply Voltage
VIN
2.3
6.5
V
Ground Current
IDD
Quiescent condition: IO = 0μA46
66
μA
Shutdown Current
IDDS
0.5
1.2
μA
UVLO Threshold
VUV+
1.9
2.1
2.3
V
VUV-
1.6
1.8
2.0
V
Regulation Voltage Accuracy
Initial accuracy at VIN = VO + 0.5V, IO = 10mA, TJ = +25°C
-0.7
+0.7
%
VIN = VO + 0.5V to 6.5V, IO = 10μA to150mA, TJ = +25°C
-0.8
+0.8
%
VIN = VO + 0.5V to 6.5V, IO = 10μA to 150mA, TJ = -40°C to
+125°C
-1.8
+1.8
%
Maximum Output Current
IMAX
Continuous
150
mA
Internal Current Limit
ILIM
175
265
355
mA
Drop-out Voltage (Note 6)
VDO1
IO = 150mA; VO < 2.5V
300
500
mV
VDO2
IO = 150mA; 2.5V ≤ VO ≤ 2.8V
250
400
mV
VDO3
IO = 150mA; 2.8V < VO
200
325
mV
Thermal Shutdown
Temperature
TSD+
140
°C
TSD-
110
°C
AC CHARACTERISTICS
Ripple Rejection (Note 5)
IO = 10mA, VIN = 2.8V(min), VO = 1.8V
@ 1kHz
65
dB
@ 10kHz
45
dB
@ 100kHz
35
dB
Output Noise Voltage (Note 5)
VO = 1.5V, TA = +25°C
BW = 10Hz to 100kHz, IO = 100μA45
μV
RMS
BW = 10Hz to 100kHz, IO = 10mA
65
μVRMS
DEVICE START-UP CHARACTERISTICS
Device Enable Time
tEN
Time from assertion of the ENx pin to when the output voltage
reaches 95% of the VO(nom)
250
500
μs
LDO Soft-start Ramp Rate
tSSR
Slope of linear portion of LDO output voltage ramp during start-up
30
60
μs/V
ISL9008A


Similar Part No. - ISL9008AIRUBZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9008AIRUBZ-T INTERSIL-ISL9008AIRUBZ-T Datasheet
290Kb / 11P
   Low Noise LDO with Low IQ, High PSRR
June 27, 2014
logo
Renesas Technology Corp
ISL9008AIRUBZ-T RENESAS-ISL9008AIRUBZ-T Datasheet
575Kb / 12P
   Low Noise LDO with Low IQ, High PSRR
More results

Similar Description - ISL9008AIRUBZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9008A RENESAS-ISL9008A Datasheet
575Kb / 12P
   Low Noise LDO with Low IQ, High PSRR
logo
Intersil Corporation
ISL9008AIENZ-T INTERSIL-ISL9008AIENZ-T Datasheet
290Kb / 11P
   Low Noise LDO with Low IQ, High PSRR
June 27, 2014
ISL9003AIEJZ-T INTERSIL-ISL9003AIEJZ-T Datasheet
331Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
ISL9008IECZ-T INTERSIL-ISL9008IECZ-T Datasheet
181Kb / 10P
   Low Noise LDO with Low IQ and High PSRR
logo
Renesas Technology Corp
ISL9003A RENESAS-ISL9003A Datasheet
573Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
logo
Intersil Corporation
ISL9003 INTERSIL-ISL9003 Datasheet
186Kb / 10P
   Low Noise LDO with Low IQ And High PSRR
April 15, 2008
ISL9003A INTERSIL-ISL9003A Datasheet
297Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
ISL9003AIENZ-T INTERSIL-ISL9003AIENZ-T Datasheet
331Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
July 18, 2014
logo
Renesas Technology Corp
ISL9008 RENESAS-ISL9008 Datasheet
497Kb / 10P
   Low Noise LDO with Low IQ and High PSRR
logo
Intersil Corporation
ISL9014A INTERSIL-ISL9014A Datasheet
214Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com