Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6620IRZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL6620IRZ
Description  VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6620IRZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL6620IRZ Datasheet HTML 2Page - Intersil Corporation ISL6620IRZ Datasheet HTML 3Page - Intersil Corporation ISL6620IRZ Datasheet HTML 4Page - Intersil Corporation ISL6620IRZ Datasheet HTML 5Page - Intersil Corporation ISL6620IRZ Datasheet HTML 6Page - Intersil Corporation ISL6620IRZ Datasheet HTML 7Page - Intersil Corporation ISL6620IRZ Datasheet HTML 8Page - Intersil Corporation ISL6620IRZ Datasheet HTML 9Page - Intersil Corporation ISL6620IRZ Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
FN6494.0
April 25, 2008
Power-On Reset (POR) Function
During initial start-up, the VCC voltage rise is monitored. Once
the rising VCC voltage exceeds 3.8V (typically), operation of
the driver is enabled and the PWM input signal takes control
of the gate drives. If VCC drops below the falling threshold of
3.5V (typically), operation of the driver is disabled.
Internal Bootstrap Device
ISL6620, ISL6620A features an internal bootstrap Schottky
diode. Simply adding an external capacitor across the BOOT
and PHASE pins completes the bootstrap circuit. The
bootstrap function is also designed to prevent the bootstrap
capacitor from overcharging due to the large negative swing
at the trailing-edge of the PHASE node. This reduces
voltage stress on the BOOT to PHASE pins.
The bootstrap capacitor must have a maximum voltage
rating well above the maximum voltage intended for VCC. Its
capacitance value can be estimated using Equation 1:
where QG1 is the amount of gate charge per upper MOSFET
at VGS1 gate-source voltage and NQ1 is the number of
control MOSFETs. The
ΔV
BOOT_CAP term is defined as the
allowable droop in the rail of the upper gate drive. Select
results are exemplified in Figure 2.
Power Dissipation
Package power dissipation is mainly a function of the
switching frequency (FSW), the output drive impedance, the
layout resistance, and the selected MOSFET’s internal gate
resistance and total gate charge (QG). Calculating the power
dissipation in the driver for a desired application is critical to
ensure safe operation. Exceeding the maximum allowable
power dissipation level may push the IC beyond the maximum
recommended operating junction temperature. The DFN
package is more suitable for high frequency applications. See
“Layout Considerations” on page 8 for thermal impedance
improvement suggestions. The total gate drive power losses
due to the gate charge of MOSFETs and the driver’s internal
circuitry and their corresponding average driver current can
be estimated using Equations 2 and 3, respectively:
where the gate charge (QG1 and QG2) is defined at a
particular gate to source voltage (VGS1 and VGS2) in the
corresponding MOSFET data sheet; IQ is the driver’s total
quiescent current with no load at both drive outputs; NQ1
and NQ2 are number of upper and lower MOSFETs,
respectively; UVCC and LVCC are the drive voltages for
both upper and lower FETs, respectively. The IQ*VCC
product is the quiescent power of the driver without a load.
The total gate drive power losses are dissipated among the
resistive components along the transition path, as outlined in
Equation 4. The drive resistance dissipates a portion of the
total gate drive power losses, the rest will be dissipated by the
external gate resistors (RG1 and RG2) and the internal gate
resistors (RGI1 and RGI2) of MOSFETs. Figures 3 and 4 show
the typical upper and lower gate drives turn-on current paths.
20nC
FIGURE 2. BOOTSTRAP CAPACITANCE vs BOOT RIPPLE
VOLTAGE
ΔV
BOOT_CAP (V)
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
0.3
0.0
0.1
0.2
0.4
0.5
0.6
0.9
0.7
0.8
1.0
QGATE = 100nC
50nC
C
BOOT_CAP
Q
GATE
ΔV
BOOT_CAP
--------------------------------------
Q
GATE
Q
G1
VCC
V
GS1
-------------------------------
N
Q1
=
(EQ. 1)
FIGURE 3. TYPICAL UPPER-GATE DRIVE TURN-ON PATH
P
Qg_TOT
P
Qg_Q1
P
Qg_Q2
I
Q
VCC
++
=
(EQ. 2)
P
Qg_Q1
Q
G1
UVCC2
V
GS1
---------------------------------------
F
SW
N
Q1
=
P
Qg_Q2
Q
G2
LVCC2
V
GS2
--------------------------------------
F
SW
N
Q2
=
I
DR
Q
G1
UVCC
N
Q1
V
GS1
------------------------------------------------------
Q
G2
LVCC
N
Q2
V
GS2
-----------------------------------------------------
+
⎝⎠
⎜⎟
⎛⎞
F
SW
I
Q
+
=
(EQ. 3)
P
DR
P
DR_UP
P
DR_LOW
I
Q
VCC
++
=
(EQ. 4)
P
DR_UP
R
HI1
R
HI1
R
EXT1
+
--------------------------------------
R
LO1
R
LO1
R
EXT1
+
----------------------------------------
+
⎝⎠
⎜⎟
⎛⎞ P
Qg_Q1
2
---------------------
=
P
DR_LOW
R
HI2
R
HI2
R
EXT2
+
--------------------------------------
R
LO2
R
LO2
R
EXT2
+
----------------------------------------
+
⎝⎠
⎜⎟
⎛⎞ P
Qg_Q2
2
---------------------
=
R
EXT1
R
G1
R
GI1
N
Q1
-------------
+
=
R
EXT2
R
G2
R
GI2
N
Q2
-------------
+
=
Q1
D
S
G
RG1
RL1
BOOT
RHI1
CDS
CGS
CGD
RLO1
PHASE
UVCC
ISL6620, ISL6620A


Similar Part No. - ISL6620IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6620IRZ INTERSIL-ISL6620IRZ Datasheet
223Kb / 10P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
April 25, 2008
logo
Renesas Technology Corp
ISL6620IRZ RENESAS-ISL6620IRZ Datasheet
536Kb / 10P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
More results

Similar Description - ISL6620IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6620CBZ INTERSIL-ISL6620CBZ Datasheet
223Kb / 10P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
April 25, 2008
logo
Renesas Technology Corp
ISL6622A RENESAS-ISL6622A Datasheet
569Kb / 11P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
logo
Intersil Corporation
ISL6622B INTERSIL-ISL6622B Datasheet
259Kb / 11P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
logo
Renesas Technology Corp
ISL6620 RENESAS-ISL6620 Datasheet
536Kb / 10P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
ISL6622 RENESAS-ISL6622 Datasheet
629Kb / 12P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
ISL6622B RENESAS-ISL6622B Datasheet
657Kb / 11P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
March 19, 2009
logo
Intersil Corporation
ISL6622ACBZ INTERSIL-ISL6622ACBZ Datasheet
239Kb / 11P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
March 19, 2009
ISL6622A INTERSIL-ISL6622A Datasheet
238Kb / 11P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
ISL6622 INTERSIL-ISL6622 Datasheet
271Kb / 12P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
ISL6627CRZ INTERSIL-ISL6627CRZ Datasheet
343Kb / 11P
   VR11.1, VR12 Compatible Synchronous Rectified Buck MOSFET Driver
January 24, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com