Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS-3182 Datasheet(PDF) 4 Page - Intersil Corporation

Part # HS-3182
Description  ARINC 429 Bus Interface Line Driver Circuit
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS-3182 Datasheet(HTML) 4 Page - Intersil Corporation

  HS-3182 Datasheet HTML 1Page - Intersil Corporation HS-3182 Datasheet HTML 2Page - Intersil Corporation HS-3182 Datasheet HTML 3Page - Intersil Corporation HS-3182 Datasheet HTML 4Page - Intersil Corporation HS-3182 Datasheet HTML 5Page - Intersil Corporation HS-3182 Datasheet HTML 6Page - Intersil Corporation HS-3182 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
FN2963.3
May 30, 2008
AC Electrical Specifications
AC PARAMETER
SYMBOL
CONDITIONS
(Note 6)
MIN
MAX
UNITS
Rise Time (AOUT, BOUT)tR
CA = CB = 75pF, (Note 7)
1
2
µs
(at TA = -55°C Only)
0.9
2.4
µ
s
CA = CB = 300pF, (Note 7)
3
9
µ
s
Fall Time (AOUT, BOUT)tF
CA = CB = 75pF, (Note 8)
1
2
µs
(at TA = -55°C Only)
0.9
2.4
µ
s
CA = CB = 300pF, (Note 8)
3
9
µ
s
Propagation Delay Input to Output
tPLH
CA = CB = 75pF, No Load
-
3.3
µs
Propagation Delay Input to Output
tPHL
CA = CB = 75pF, No Load
-
3.3
µs
NOTES:
6. +V = +15V, -V = -15V, V1 = VREF = 5V, unless otherwise specified TA = -40°C to +85°C for HS-3182-9+ and TA = -55°C to +125°C for
HS-3182-8.
7. tR measured 50% to 90% x 2, no load.
8. tF measured 50% to 10% x 2, no load.
Electrical Specifications
PARAMETER
SYMBOL
CONDITIONS
(NOTE 9)
MIN
MAX
UNITS
Input Capacitance
CIN
TA = +25°C
-
15
pF
Supply Current +V (Short Circuit)
ISC (+V)
Short to GND, TA = +25°C
-
150
mA
Supply Current -V (Short Circuit)
ISC (-V)
Short to GND, TA = +25°C
-150
-
mA
NOTES:
9. Limits established by characterization and are not production tested.
Power Specifications
Nominal Power at +25°C, +V = +15V, -V = -15V, V1 = VREF = 5V, Notes 10, 12
DATA RATE
(k BITS/s)
LOAD
+V
V-
V1
CHIP POWER
POWER DISSIPATION IN
LOAD
0 to 100
No Load
11mA
-10mA
600µA
325mW
0
12.5 to 14
Full Load, Note 11
24mA
-24mA
600µA
660mW
60mW
100
Full Load, Note 11
46mA
-46mA
600µA
1 Watt
325mW
NOTES:
10. Heat sink may be required for 100k bits/s at +125°C and output short circuit at +125°C.
Thermal characteristics: T(CASE) = T(Junction) - θ(Junction - Case) P(Dissipation).
Where: T(Junction Max) = +175°C
θ(Junction - Case) = 10.9°C/W (6.1°C/W for LCC)
θ(Junction - Ambient) = 73.5°C/W (54.0°C/W for LCC)
11. Full Load for ARINC 429: RL = 400Ω and CL = 30,000pF in parallel between AOUT and BOUT (See “Block Diagram” on page 2).
12. Output Overvoltage Protection: The fuses used for output overvoltage protection may be blown by a fault at each output of greater than
±6.5V
relative to GND.
HS-3182


Similar Part No. - HS-3182

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-3182 INTERSIL-HS-3182 Datasheet
196Kb / 7P
   ARINC 429 Bus Interface Line Driver
HS-3182 INTERSIL-HS-3182 Datasheet
199Kb / 7P
   ARINC 429 Bus Interface Line Driver Circuit
May 30, 2008
HS-3182 INTERSIL-HS-3182_07 Datasheet
196Kb / 7P
   ARINC 429 Bus Interface Line Driver
More results

Similar Description - HS-3182

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS1-3182-8 INTERSIL-HS1-3182-8 Datasheet
199Kb / 7P
   ARINC 429 Bus Interface Line Driver Circuit
May 30, 2008
HS-3182 INTERSIL-HS-3182_07 Datasheet
196Kb / 7P
   ARINC 429 Bus Interface Line Driver
logo
Actel Corporation
CORE429-XX ACTEL-CORE429-XX Datasheet
258Kb / 22P
   ARINC 429 Bus Interface
logo
Device Engineering Inco...
DEI1032 DEIAZ-DEI1032 Datasheet
373Kb / 8P
   ARINC 429 Line Driver Integrated Circuit
DEI1038 DEIAZ-DEI1038 Datasheet
270Kb / 9P
   ARINC 429 Line Driver Integrated Circuit
logo
Holt Integrated Circuit...
HI-8585 HOLTIC-HI-8585_11 Datasheet
83Kb / 9P
   ARINC 429 Line Driver
HI-8585 HOLTIC-HI-8585_06 Datasheet
137Kb / 8P
   ARINC 429 LINE DRIVER
HI-8382 HOLTIC-HI-8382_11 Datasheet
97Kb / 9P
   ARINC 429 Differential Line Driver
HI-3182 HOLTIC-HI-3182 Datasheet
428Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-8382 HOLTIC-HI-8382 Datasheet
239Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com