Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS1-3182-8 Datasheet(PDF) 2 Page - Intersil Corporation

Part # HS1-3182-8
Description  ARINC 429 Bus Interface Line Driver Circuit
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS1-3182-8 Datasheet(HTML) 2 Page - Intersil Corporation

  HS1-3182-8 Datasheet HTML 1Page - Intersil Corporation HS1-3182-8 Datasheet HTML 2Page - Intersil Corporation HS1-3182-8 Datasheet HTML 3Page - Intersil Corporation HS1-3182-8 Datasheet HTML 4Page - Intersil Corporation HS1-3182-8 Datasheet HTML 5Page - Intersil Corporation HS1-3182-8 Datasheet HTML 6Page - Intersil Corporation HS1-3182-8 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
FN2963.3
May 30, 2008
Block Diagram
Ordering Information
PART
NUMBER
ORDERING
NUMBER
PART
MARKING
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
HS1-3182-8
5962-8687901EA
HS1-3182-8 RD
-55 to +125
16 Ld SBDIP, Solder Seal (Pb-free)
D16.3
HS1-3182-9+
HS1-3182-9+
HS1-3182-9+ RD
-40 to +85
16 Ld SBDIP, Solder Seal (Pb-free)
D16.3
HS4-3182-8
5962-86879013A
HS4- 3182-8 RD
-55 to +125
28 Ld TER CLCC, Solder Seal
J28.A
NOTE: These Intersil Pb-free Hermetic packaged products employ 100% Au plate - e4 termination finish, which is RoHS compliant and compatible
with both SnPb and Pb-free soldering operations.
LEVEL SHIFTER
AND SLOPE
CONTROL (A)
LEVEL SHIFTER
AND SLOPE
CONTROL (B)
CURRENT
REGULATOR
DATA (A)
CLOCK
VREF
SYNC
DATA (B)
V1
(4)
(14)
(1)
(3)
(13)
(16)
(2)
(9) (5)
+V CA
OUTPUT
DRIVER
(A)
ROUT/2
ROUT/2
OUTPUT
DRIVER
(B)
GND
(8)
-V
CB
(7)
(12)
OVER-VOLTAGE
PROTECTION
FA
FB
CL
AOUT
BOUT
RL
(6)
(11)
HS-3182
ARINC DRIVER
CIRCUIT
16 LEAD DIP
GND
GND
-V
DATA (B)
DATA (A)
SYNC
CLOCK
V1 VREF
CA
CB
+V
AOUT
BOUT
TO BUS
(SEE NOTE)
PIN NUMBER 10, 15 = NC
-15V
(7)
(8)
(2)
(9)
+15V
CA
CB
(12)
(5)
+5V
(1)
(16)
(14)
(3)
PIN NUMBERS INDICATED BY ( )
HS-3282
CMOS ARINC
CIRCUIT
429D0
429D0
31
32
(4)
(13)
Typical Application
NOTE: The rise and fall time of the outputs are set to ARINC specified values by CA and CB. Typical CA = CB = 75pF for high speed and 300pF for
low speed operation. The output HI and low levels are set to ARINC specifications by VREF.
HS-3182


Similar Part No. - HS1-3182-8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS1-3182-8 INTERSIL-HS1-3182-8 Datasheet
196Kb / 7P
   ARINC 429 Bus Interface Line Driver
HS1-3182-8 INTERSIL-HS1-3182-8 Datasheet
199Kb / 7P
   ARINC 429 Bus Interface Line Driver Circuit
May 30, 2008
More results

Similar Description - HS1-3182-8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS1-3182-8 INTERSIL-HS1-3182-8 Datasheet
199Kb / 7P
   ARINC 429 Bus Interface Line Driver Circuit
May 30, 2008
HS-3182 INTERSIL-HS-3182_07 Datasheet
196Kb / 7P
   ARINC 429 Bus Interface Line Driver
logo
Actel Corporation
CORE429-XX ACTEL-CORE429-XX Datasheet
258Kb / 22P
   ARINC 429 Bus Interface
logo
Device Engineering Inco...
DEI1032 DEIAZ-DEI1032 Datasheet
373Kb / 8P
   ARINC 429 Line Driver Integrated Circuit
DEI1038 DEIAZ-DEI1038 Datasheet
270Kb / 9P
   ARINC 429 Line Driver Integrated Circuit
logo
Holt Integrated Circuit...
HI-8585 HOLTIC-HI-8585_11 Datasheet
83Kb / 9P
   ARINC 429 Line Driver
HI-8585 HOLTIC-HI-8585_06 Datasheet
137Kb / 8P
   ARINC 429 LINE DRIVER
HI-8382 HOLTIC-HI-8382_11 Datasheet
97Kb / 9P
   ARINC 429 Differential Line Driver
HI-3182 HOLTIC-HI-3182 Datasheet
428Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-8382 HOLTIC-HI-8382 Datasheet
239Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com