Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7242CS-T7 Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL7242CS-T7
Description  Dual Input, High Speed, Dual Channel Power MOSFET Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7242CS-T7 Datasheet(HTML) 1 Page - Intersil Corporation

  EL7242CS-T7 Datasheet HTML 1Page - Intersil Corporation EL7242CS-T7 Datasheet HTML 2Page - Intersil Corporation EL7242CS-T7 Datasheet HTML 3Page - Intersil Corporation EL7242CS-T7 Datasheet HTML 4Page - Intersil Corporation EL7242CS-T7 Datasheet HTML 5Page - Intersil Corporation EL7242CS-T7 Datasheet HTML 6Page - Intersil Corporation EL7242CS-T7 Datasheet HTML 7Page - Intersil Corporation EL7242CS-T7 Datasheet HTML 8Page - Intersil Corporation EL7242CS-T7 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
®
FN7285.4
EL7242, EL7252
Dual Input, High Speed, Dual Channel
Power MOSFET Driver
The EL7242/EL7252 dual input, 2-channel drivers achieve
the same excellent switching performance of the EL7212
family while providing added flexibility. The 2-input logic and
configuration is applicable to numerous power MOSFET
drive circuits. As with other Intersil drivers, the
EL7242/EL7252 are excellent for driving large capacitive
loads with minimal delay and switching times. “Shoot-thru”
protection and latching circuits can be implemented by
simply “cross-coupling” the 2-channels.
Features
• Logic AND/NAND input
• 3V and 5V Input compatible
• Clocking speeds up to 10MHz
• 20ns Switching/delay time
• 2A Peak drive
• Isolated drains
• Low output impedance
• Low quiescent current
• Wide operating voltage — 4.5V to 16V
• Pb-free available (RoHS compliant)
Applications
• Short circuit protected switching
• Undervoltage shut-down circuits
• Switch-mode power supplies
• Motor controls
• Power MOSFET switching
• Switching capacitive loads
• Shoot-thru protection
• Latching drivers
Pinouts
EL7242
(8 LD PDIP, SOIC)
TOP VIEW
EL7252
(8 LD PDIP, SOIC)
TOP VIEW
1
2
3
4
8
7
6
5
A IN
B IN
C IN
D IN
V+
OUT A
OUT B
GND
1
2
3
4
8
7
6
5
A IN
B IN
C IN
D IN
V+
OUT A
OUT B
GND
Manufactured under U.S. Patent Nos. 5,334,883, #5,341,047
Data Sheet
July 29, 2009
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2003, 2005, 2008, 2009. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - EL7242CS-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7242CS-T7 INTERSIL-EL7242CS-T7 Datasheet
119Kb / 6P
   Dual Input, High Speed, Dual Channel Power MOSFET Driver
More results

Similar Description - EL7242CS-T7

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL7242C ELANTEC-EL7242C Datasheet
187Kb / 8P
   Dual Input, High Speed, Dual Channel Power MOSFET Driver
logo
Intersil Corporation
EL7242CNZ INTERSIL-EL7242CNZ Datasheet
251Kb / 9P
   Dual Input, High Speed, Dual Channel Power MOSFET Driver
EL7242 INTERSIL-EL7242_05 Datasheet
119Kb / 6P
   Dual Input, High Speed, Dual Channel Power MOSFET Driver
logo
Renesas Technology Corp
EL7242 RENESAS-EL7242 Datasheet
472Kb / 9P
   Dual Input, High Speed, Dual Channel Power MOSFET Driver
logo
Elantec Semiconductor
EL7243C ELANTEC-EL7243C Datasheet
221Kb / 12P
   Dual Input, High Speed, Dual Channel CCD Driver
logo
Intersil Corporation
EL7243 INTERSIL-EL7243 Datasheet
129Kb / 7P
   Dual Input, High Speed, Dual Channel CCD Driver
logo
Renesas Technology Corp
EL7243 RENESAS-EL7243 Datasheet
447Kb / 7P
   Dual Input, High Speed, Dual Channel CCD Driver
logo
Intersil Corporation
ISL55110 INTERSIL-ISL55110 Datasheet
311Kb / 15P
   Dual, High Speed MOSFET Driver
logo
Supertex, Inc
MD1210 SUTEX-MD1210_07 Datasheet
532Kb / 7P
   High Speed Dual MOSFET Driver
logo
Intersil Corporation
ISL55110IRZ INTERSIL-ISL55110IRZ Datasheet
475Kb / 18P
   Dual, High Speed MOSFET Driver
January 29, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com