Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9000AIRCCZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL9000AIRCCZ
Description  Dual LDO with Low Noise, Very High PSRR and Low IQ
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9000AIRCCZ Datasheet(HTML) 4 Page - Intersil Corporation

  ISL9000AIRCCZ Datasheet HTML 1Page - Intersil Corporation ISL9000AIRCCZ Datasheet HTML 2Page - Intersil Corporation ISL9000AIRCCZ Datasheet HTML 3Page - Intersil Corporation ISL9000AIRCCZ Datasheet HTML 4Page - Intersil Corporation ISL9000AIRCCZ Datasheet HTML 5Page - Intersil Corporation ISL9000AIRCCZ Datasheet HTML 6Page - Intersil Corporation ISL9000AIRCCZ Datasheet HTML 7Page - Intersil Corporation ISL9000AIRCCZ Datasheet HTML 8Page - Intersil Corporation ISL9000AIRCCZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
FN6391.1
March 11, 2008
DEVICE START-UP CHARACTERISTICS
Device Enable Time
tEN
Time from assertion of the ENx pin to when the output voltage
reaches 95% of the VO(nom)
250
500
µs
LDO Soft-Start Ramp Rate
tSSR
Slope of linear portion of LDO output voltage ramp during start-up
30
60
µs/V
EN1, EN2 PIN CHARACTERISTICS
Input Low Voltage
VIL
-0.3
0.5
V
Input High Voltage
VIH
1.4
VIN +
0.3
V
Input Leakage Current
IIL, IIH
0.1
µA
Pin Capacitance
CPIN
Informative
5
pF
POR1, POR2 PIN CHARACTERISTICS
POR1, POR2 Thresholds
VPOR+
As a percentage of nominal output voltage
91
94
97
%
VPOR-
87
90
93
%
POR1 Delay
tP1LH
1.0
2.0
3.0
ms
tP1HL
25
µs
POR2 Delay
tP2LH
CPOR = 0.01µF
100
200
300
ms
tP2HL
25
µs
POR1, POR2 Pin Output Low
Voltage
VOL
@ IOL = 1.0mA
0.2
V
POR1, POR2 Pin Internal
Pull-Up Resistance
RPOR
78
100
180
k
Ω
NOTES:
6. Limits established by characterization and are not production tested.
7. VOx = 0.98*VOx(NOM); Valid for VOx greater than 1.85V.
8. Parts are 100% tested at +25°C. Temperature limits established by characterization and are not production tested.
Electrical Specifications
Unless otherwise noted, all parameters are guaranteed over the operational supply voltage and temperature
range of the device as follows:
TA = -40°C to +85°C; VIN = (VO + 0.5V) to 6.5V with a minimum VIN of 2.3V; CIN = 1µF; CO = 1µF;
CBYP = 0.01µF; CPOR = 0.01µF. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 8) TYP
MAX
(Note 8)
UNITS
ISL9000A


Similar Part No. - ISL9000AIRCCZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9000AIRCCZ INTERSIL-ISL9000AIRCCZ Datasheet
335Kb / 13P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
March 26, 2014
logo
Renesas Technology Corp
ISL9000AIRCCZ RENESAS-ISL9000AIRCCZ Datasheet
660Kb / 14P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
More results

Similar Description - ISL9000AIRCCZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78302AARMMZ INTERSIL-ISL78302AARMMZ Datasheet
321Kb / 11P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
December 23, 2013
ISL9000AIRNNZ INTERSIL-ISL9000AIRNNZ Datasheet
335Kb / 13P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
March 26, 2014
ISL9000 INTERSIL-ISL9000_06 Datasheet
231Kb / 11P
   Dual LDO with Low Noise, Very High PSRR, and Low IQ
logo
Renesas Technology Corp
ISL9000A RENESAS-ISL9000A Datasheet
660Kb / 14P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
ISL9000AM RENESAS-ISL9000AM Datasheet
178Kb / 2P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
November 11, 2011
ISL78302A RENESAS-ISL78302A Datasheet
616Kb / 12P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
ISL9000 RENESAS-ISL9000 Datasheet
567Kb / 11P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
logo
Intersil Corporation
ISL9000AMRNCEP INTERSIL-ISL9000AMRNCEP Datasheet
59Kb / 2P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
ISL9014A INTERSIL-ISL9014A Datasheet
214Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Renesas Technology Corp
ISL9014A RENESAS-ISL9014A Datasheet
606Kb / 13P
   Dual LDO with Low Noise, Low IQ, and High PSRR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com