Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL88002IH29Z-T Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL88002IH29Z-T
Description  Ultra Low Power 3 Ld Voltage Supervisors in SC-70 and SOT-23 Packages
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL88002IH29Z-T Datasheet(HTML) 5 Page - Intersil Corporation

  ISL88002IH29Z-T Datasheet HTML 1Page - Intersil Corporation ISL88002IH29Z-T Datasheet HTML 2Page - Intersil Corporation ISL88002IH29Z-T Datasheet HTML 3Page - Intersil Corporation ISL88002IH29Z-T Datasheet HTML 4Page - Intersil Corporation ISL88002IH29Z-T Datasheet HTML 5Page - Intersil Corporation ISL88002IH29Z-T Datasheet HTML 6Page - Intersil Corporation ISL88002IH29Z-T Datasheet HTML 7Page - Intersil Corporation ISL88002IH29Z-T Datasheet HTML 8Page - Intersil Corporation ISL88002IH29Z-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
FN6174.0
March 26, 2008
Absolute Maximum Ratings
Thermal Information
Temperature Under Bias. . . . . . . . . . . . . . . . . . . . . -40°C to +125°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Voltage on Any Pin with respect to GND . . . . . . . . . . -0.3V to +6.5V
DC Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .10mA
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Temperature Range (Industrial) . . . . . . . . . . . . . . . . -40°C to +85°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
For guaranteed specifications and test conditions, see Electrical Specifications. The guaranteed specifications apply only for the test conditions listed. Some
performance characteristics may degrade when the device is not operated under the listed test conditions.
Electrical Specifications
Over the recommended operating conditions unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 4)
TYP
MAX
(Note 4) UNITS
BIAS
VDD
Supply Voltage Range
VTHVDD = 4.64V, 4.38V, 3.09V, 2.92V, 2.63V
1.8
5.5
V
VTHVDD = 2.32V, 2.19V, 1.67V, 1.58V
1.8
2.75
V
IDD
Supply Current (RESET, RESET open) VDD = 5.0V, VTHVDD = 4.64V, 4.38V
215
400
nA
VDD = 3.3V, VTHVDD = 3.09V, 2.92V, 2.63V
200
350
nA
VDD = 2.5V, VTHVDD = 2.32V, 2.19V
175
325
nA
VDD = 1.8V, VTHVDD = 1.67V, 1.58V
160
300
nA
VOLTAGE THRESHOLD
VTHVDD
Falling Fixed VDD Voltage Trip Point
ISL88001, 88002, 88003Ix346, TA = +25°C
4.570
4.625
4.681
V
ISL88001, 88002, 88003Ix346
4.500
4.750
V
ISL88001, 88002, 88003Ix344, TA = +25°C
4.327
4.380
4.433
V
ISL88001, 88002, 88003Ix344
4.262
4.498
V
ISL88001, 88002, 88003Ix331, TA = +25°C
3.038
3.075
3.112
V
ISL88001, 88002, 88003Ix331
3.000
3.150
V
ISL88001, 88002, 88003Ix329, TA = +25°C
2.890
2.925
2.960
V
ISL88001, 88002, 88003Ix329
2.850
3.000
V
ISL88001, 88002, 88003Ix326, TA = +25°C
2.598
2.630
2.662
V
ISL88001, 88002, 88003Ix326
2.559
2.701
V
ISL88001, 88002, 88003Ix323, TA = +25°C
2.292
2.320
2.348
V
ISL88001, 88002, 88003Ix323
2.257
2.383
V
ISL88001, 88002, 88003Ix322, TA = +25°C
2.164
2.190
2.216
V
ISL88001, 88002, 88003Ix322
2.131
2.249
V
ISL88001, 88002, 88003Ix317, TA = +25°C
1.650
1.670
1.690
V
ISL88001, 88002, 88003Ix317
1.625
1.715
V
ISL88001, 88002, 88003Ix316, TA = +25°C
1.561
1.580
1.599
V
ISL88001, 88002, 88003Ix316
1.537
1.623
V
VTHVDDHYST
Hysteresis at VDD Input
1%
TVTHVDD
VTHVDD Temperature Coefficient
0.48
mV/°C
ISL88001, ISL88002, ISL88003


Similar Part No. - ISL88002IH29Z-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL88002IH29Z-T RENESAS-ISL88002IH29Z-T Datasheet
547Kb / 11P
   Ultra Low Power 3 Ld Voltage Supervisors in SC-70 and SOT-23 Packages
More results

Similar Description - ISL88002IH29Z-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL88001 RENESAS-ISL88001 Datasheet
547Kb / 11P
   Ultra Low Power 3 Ld Voltage Supervisors in SC-70 and SOT-23 Packages
logo
Intersil Corporation
ISL88003IH46Z-T INTERSIL-ISL88003IH46Z-T Datasheet
339Kb / 11P
   Ultra Low Power 3 Ld Voltage Supervisors in SC-70 and SOT-23 Packages
logo
List of Unclassifed Man...
MB-4 ETC2-MB-4 Datasheet
1Mb / 1P
   Fits SOT-343 (SC-70) amplifier packages
logo
Micrel Semiconductor
MIC919 MICREL-MIC919 Datasheet
47Kb / 7P
   27MHz Low-Power SOT-23-5/SC-70 Op Amp
MIC918 MICREL-MIC918 Datasheet
47Kb / 7P
   51MHz Low-Power SOT-23-5/SC-70 Op Amp
logo
Texas Instruments
TPS61040DDCR TI-TPS61040DDCR Datasheet
977Kb / 27P
[Old version datasheet]   LOW-POWER DC/DC BOOST CONVERTER IN SOT-23 AND SON PACKAGES
TPS61040 TI-TPS61040_07 Datasheet
527Kb / 22P
[Old version datasheet]   LOW-POWER DC/DC BOOST CONVERTER IN SOT-23 AND SON PACKAGES
logo
Intersil Corporation
ISL88011 INTERSIL-ISL88011_11 Datasheet
330Kb / 13P
   5 Ld Voltage Supervisors
logo
Maxim Integrated Produc...
MAX6457 MAXIM-MAX6457_09 Datasheet
174Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 4; 3/09
MAX6457_V5 MAXIM-MAX6457_V5 Datasheet
158Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 5; 7/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com