Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9021II2Z-T Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL9021II2Z-T
Description  250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9021II2Z-T Datasheet(HTML) 2 Page - Intersil Corporation

  ISL9021II2Z-T Datasheet HTML 1Page - Intersil Corporation ISL9021II2Z-T Datasheet HTML 2Page - Intersil Corporation ISL9021II2Z-T Datasheet HTML 3Page - Intersil Corporation ISL9021II2Z-T Datasheet HTML 4Page - Intersil Corporation ISL9021II2Z-T Datasheet HTML 5Page - Intersil Corporation ISL9021II2Z-T Datasheet HTML 6Page - Intersil Corporation ISL9021II2Z-T Datasheet HTML 7Page - Intersil Corporation ISL9021II2Z-T Datasheet HTML 8Page - Intersil Corporation ISL9021II2Z-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
FN6867.1
June 12, 2009
Ordering Information
PART NUMBER
PART
MARKING
VO Voltage
(Note 2)
TEMP RANGE
(°C)
PACKAGE
Tape & Reel
(Pb-free)
PACKAGE
DWG. #
ISL9021II1Z-T (Notes 1, 3)
0211
1.1
-40 to +85
4 Ball WLCSP
W2x2.4
ISL9021II2Z-T (Notes 1, 3)
0212
2.1
-40 to +85
4 Ball WLCSP
W2x2.4
ISL9021II3Z-T (Notes 1, 3)
0213
1.3
-40 to +85
4 Ball WLCSP
W2x2.4
ISL9021II4Z-T (Notes 1, 3)
0214
1.0
-40 to +85
4 Ball WLCSP
W2x2.4
ISL9021IIBZ-T (Notes 1, 3)
021B
1.5
-40 to +85
4 Ball WLCSP
W2x2.4
ISL9021IICZ-T (Notes 1, 3)
021C
1.8
-40 to +85
4 Ball WLCSP
W2x2.4
ISL9021IIFZ-T (Notes 1, 3)
021F
2.5
-40 to +85
4 Ball WLCSP
W2x2.4
ISL9021IIGZ-T (Notes 1, 3)
021G
2.7
-40 to +85
4 Ball WLCSP
W2x2.4
ISL9021IIJZ-T (Notes 1, 3)
021J
2.8
-40 to +85
4 Ball WLCSP
W2x2.4
ISL9021IIKZ-T (Notes 1, 3)
021K
2.85
-40 to +85
4 Ball WLCSP
W2x2.4
ISL9021IIMZ-T (Notes 1, 3)
021M
3.0
-40 to +85
4 Ball WLCSP
W2x2.4
ISL9021IINZ-T (Notes 1, 3)
021N
3.3
-40 to +85
4 Ball WLCSP
W2x2.4
ISL9021IIPZ-T (Notes 1, 3)
021P
1.85
-40 to +85
4 Ball WLCSP
W2x2.4
ISL9021IIRZ-T (Notes 1, 3)
021R
2.6
-40 to +85
4 Ball WLCSP
W2x2.4
ISL9021IISZ-T (Notes 1, 3)
021S
1.6
-40 to +85
4 Ball WLCSP
W2x2.4
ISL9021IITZ-T (Notes 1, 3)
021T
1.9
-40 to +85
4 Ball WLCSP
W2x2.4
ISL9021IIWZ-T (Notes 1, 3)
021W
1.2
-40 to +85
4 Ball WLCSP
W2x2.4
ISL9021IIYZ-T (Notes 1, 3)
021Y
0.9
-40 to +85
4 Ball WLCSP
W2x2.4
ISL9021IRU1Z-T (Notes 1, 4)
S1
1.1
-40 to +85
6 Ld µTDFN
L6.1.6x1.6
ISL9021IRU2Z-T (Notes 1, 4)
S9
2.1
-40 to +85
6 Ld µTDFN
L6.1.6x1.6
ISL9021IRU3Z-T (Notes 1, 4)
S3
1.3
-40 to +85
6 Ld µTDFN
L6.1.6x1.6
ISL9021IRU4Z-T (Notes 1, 4)
S0
1.0
-40 to +85
6 Ld µTDFN
L6.1.6x1.6
ISL9021IRUBZ-T (Notes 1, 4)
S4
1.5
-40 to +85
6 Ld µTDFN
L6.1.6x1.6
ISL9021IRUCZ-T (Notes 1, 4)
S6
1.8
-40 to +85
6 Ld µTDFN
L6.1.6x1.6
ISL9021IRUFZ-T (Notes 1, 4)
T0
2.5
-40 to +85
6 Ld µTDFN
L6.1.6x1.6
ISL9021IRUGZ-T (Notes 1, 4)
T2
2.7
-40 to +85
6 Ld µTDFN
L6.1.6x1.6
ISL9021IRUJZ-T (Notes 1, 4)
T3
2.8
-40 to +85
6 Ld µTDFN
L6.1.6x1.6
ISL9021IRUKZ-T (Notes 1, 4)
T4
2.85
-40 to +85
6 Ld µTDFN
L6.1.6x1.6
ISL9021IRUMZ-T (Notes 1, 4)
T5
3.0
-40 to +85
6 Ld µTDFN
L6.1.6x1.6
ISL9021IRUNZ-T (Notes 1, 4)
R8
3.3
-40 to +85
6 Ld µTDFN
L6.1.6x1.6
ISL9021IRUPZ-T (Notes 1, 4)
S7
1.85
-40 to +85
6 Ld µTDFN
L6.1.6x1.6
ISL9021IRURZ-T (Notes 1, 4)
T1
2.6
-40 to +85
6 Ld µTDFN
L6.1.6x1.6
ISL9021IRUSZ-T (Notes 1, 4)
S5
1.6
-40 to +85
6 Ld µTDFN
L6.1.6x1.6
ISL9021IRUTZ-T (Notes 1, 4)
S8
1.9
-40 to +85
6 Ld µTDFN
L6.1.6x1.6
ISL9021IRUWZ-T (Notes 1, 4)
S21
1.2
-40 to +85
6 Ld µTDFN
L6.1.6x1.6
ISL9021IRUYZ-T (Notes 1, 4)
R9
0.9
-40 to +85
6 Ld µTDFN
L6.1.6x1.6
NOTES:
1. Please refer to TB347 for details on reel specifications.
2. For other output voltages, contact Intersil Marketing.
3. These Intersil Pb-free WLCSP and BGA packaged products employ special Pb-free material sets; molding compounds/die attach materials and
SnAgCu - e1 solder ball terminals, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free
WLCSP and BGA packaged products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
4. These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and NiPdAu
plate - e4 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products
are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
ISL9021


Similar Part No. - ISL9021II2Z-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9021II2Z-T INTERSIL-ISL9021II2Z-T Datasheet
265Kb / 10P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
January 14, 2010
logo
Renesas Technology Corp
ISL9021II2Z-T RENESAS-ISL9021II2Z-T Datasheet
494Kb / 10P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
More results

Similar Description - ISL9021II2Z-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9021II1Z-T INTERSIL-ISL9021II1Z-T Datasheet
265Kb / 10P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
January 14, 2010
logo
Renesas Technology Corp
ISL9021 RENESAS-ISL9021 Datasheet
494Kb / 10P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
logo
Intersil Corporation
ISL9021AIINZ-T INTERSIL-ISL9021AIINZ-T Datasheet
325Kb / 12P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
December 20, 2012
ISL9021A INTERSIL-ISL9021A Datasheet
352Kb / 10P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
logo
Renesas Technology Corp
ISL9021A RENESAS-ISL9021A Datasheet
574Kb / 12P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
logo
Intersil Corporation
ISL9003AIEJZ-T INTERSIL-ISL9003AIEJZ-T Datasheet
331Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
ISL9008IECZ-T INTERSIL-ISL9008IECZ-T Datasheet
181Kb / 10P
   Low Noise LDO with Low IQ and High PSRR
logo
Renesas Technology Corp
ISL9003A RENESAS-ISL9003A Datasheet
573Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
logo
Intersil Corporation
ISL9003 INTERSIL-ISL9003 Datasheet
186Kb / 10P
   Low Noise LDO with Low IQ And High PSRR
April 15, 2008
ISL9003A INTERSIL-ISL9003A Datasheet
297Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com