Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SJ597 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SJ597
Description  DC / DC Converter Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SJ597 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SJ597 Datasheet HTML 1Page - Sanyo Semicon Device 2SJ597 Datasheet HTML 2Page - Sanyo Semicon Device 2SJ597 Datasheet HTML 3Page - Sanyo Semicon Device 2SJ597 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SJ597
No.6670-2/4
PW=10
µs
D.C.
≤1%
0V
--10V
VIN
P.G
50
G
S
ID= --2A
RL=15Ω
VDD= --30V
VOUT
2SJ597
VIN
D
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDSS
--60
V
Gate-to-Source Voltage
VGSS
±20
V
Drain Current (DC)
ID
--4
A
Drain Current (Pulse)
IDP
PW
≤10µs, duty cycle≤1%
--16
A
Allowable Power Dissipation
PD
1W
Tc=25
°C15
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID=--1mA, VGS=0
--60
V
Zero-Gate Voltage Drain Current
IDSS
VDS=--60V, VGS=0
--10
µA
Gate-to-Sourse Leakage Current
IGSS
VGS=±16V, VDS=0
±10
µA
Cutoff Voltage
VGS(off)
VDS=--10V, ID=--1mA
--1.0
--2.4
V
Forward Transfer Admittance
yfs
VDS=--10V, ID=--2A
2.3
3.2
S
RDS(on)1
ID=--2A, VGS=--10V
300
400
m
Static Drain-to-Sourse On-State Resistance
RDS(on)2
ID=--1A, VGS=-4V
400
560
m
Input Capacitance
Ciss
VDS=--20V, f=1MHz
270
pF
Output Capacitance
Coss
VDS=--20V, f=1MHz
70
pF
Reverse Transfer Capacitance
Crss
VDS=--20V, f=1MHz
20
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit
8
ns
Rise Time
tr
See specified Test Circuit
11
ns
Turn-OFF Delay Time
td(off)
See specified Test Circuit
28
ns
Fall Time
tf
See specified Test Circuit
13
ns
Total Gate Charge
Qg
VDS=--10V, VGS=--10V, ID=--4A
9.8
nC
Gate-to-Source Charge
Qgs
VDS=--10V, VGS=--10V, ID=--4A
1.4
nC
Gate-to-Drain “Miller” Charge
Qgd
VDS=--10V, VGS=--10V, ID=--4A
1.7
nC
Diode Forward Voltage
VSD
IS=--4A, VGS=0
--0.92
--1.2
V
Switching Time Test Circuit
--2.0
--2.5
--4.0
--4.5
--5.0
--1.0
--1.5
--3.0
--3.5
0
--3
--2
--1
--4
--6
--5
--7
--8
Gate-to-Source Voltage, VGS -- V
ID -- VGS
VDS= --10V
0
0
--0.5
--1.0
--1.5
--3.0
--2.5
--0.4
--2.0
--4.5
--4.0
--3.5
--0.8
--1.2
--1.6
--2.0
--0.2
--0.6
--1.0
--1.4
--1.8
Drain-to-Source-Voltage, VDS -- V
ID -- VDS
VGS= --2.5V
IT02076
IT02077
--3.0V
--5.0V
--3.5V
--4.0V


Similar Part No. - 2SJ597

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SJ590 SANYO-2SJ590 Datasheet
33Kb / 4P
   DC / DC Converter Applications
2SJ590LS SANYO-2SJ590LS Datasheet
33Kb / 4P
   DC / DC Converter Applications
2SJ591 SANYO-2SJ591 Datasheet
32Kb / 4P
   DC / DC Converter Applications
2SJ591LS SANYO-2SJ591LS Datasheet
32Kb / 4P
   DC / DC Converter Applications
2SJ594 SANYO-2SJ594 Datasheet
31Kb / 4P
   DC / DC Converter Applications
More results

Similar Description - 2SJ597

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FP302 SANYO-FP302 Datasheet
124Kb / 4P
   DC-DC Converter Applications
FP303 SANYO-FP303 Datasheet
124Kb / 4P
   DC-DC Converter Applications
FSS216 SANYO-FSS216 Datasheet
146Kb / 4P
   DC/DC Converter Applications
CPH3206 SANYO-CPH3206 Datasheet
41Kb / 4P
   DC/DC Converter Applications
CPH5501 SANYO-CPH5501 Datasheet
58Kb / 6P
   DC/DC Converter Applications
CPH5704 SANYO-CPH5704 Datasheet
53Kb / 5P
   DC/DC Converter Applications
CPH6501 SANYO-CPH6501 Datasheet
30Kb / 4P
   DC / DC Converter Applications
CPH6801 SANYO-CPH6801 Datasheet
56Kb / 5P
   DC/DC Converter Applications
CPH3109 SANYO-CPH3109 Datasheet
55Kb / 5P
   DC/DC Converter Applications
MCH6103 SANYO-MCH6103 Datasheet
49Kb / 5P
   DC/DC Converter Applications
2SA2044 SANYO-2SA2044 Datasheet
37Kb / 5P
   DC / DC Converter Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com