Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32537B5474 Datasheet(PDF) 2 Page - EPCOS

Part # B32537B5474
Description  Film Capacitors Metallized Polyester Film Capacitors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32537B5474 Datasheet(HTML) 2 Page - EPCOS

  B32537B5474 Datasheet HTML 1Page - EPCOS B32537B5474 Datasheet HTML 2Page - EPCOS B32537B5474 Datasheet HTML 3Page - EPCOS B32537B5474 Datasheet HTML 4Page - EPCOS B32537B5474 Datasheet HTML 5Page - EPCOS B32537B5474 Datasheet HTML 6Page - EPCOS B32537B5474 Datasheet HTML 7Page - EPCOS B32537B5474 Datasheet HTML 8Page - EPCOS B32537B5474 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Typical applications
Measurement equipment
Rough environments
High-rel circuits in industrial electronics
Climatic
Max. operating temperature: 125
°C
Climatic category (IEC 60068-1): 55/100/56
Features
Optimum self-healing capability
Excellent short circuit protection
Very high reliability
Construction
Dielectric: polyethylene terephthalate
(polyester, PET)
Construction with structured metallization
Tubular winding
Encapsulated in metal tube
Insulating sleeve
Face ends sealed with epoxy resin
Terminals
Central axial leads, lead-free tinned
Marking
Manufacturer's logo, style (MKT-S),
rated capacitance (coded)
capacitance tolerance (code letter)
rated voltage, date of manufacture (coded)
Delivery mode
Bulk (untaped)
For notes on taping, refer to chapter "Taping and packing“.
Dimensional drawing
Dimensions in mm
Diameter d
<8.5
8.5 ... 16 >16
Lead diameter d1
0.6
0.8
1.0
When bending leads take care to leave a
clearance of 1 mm to the capacitor body.
Metallized polyester film capacitors (MKT-S)
B32537
High reliability (wound)
Page 2 of 20
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32537B5474

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32537B5474J000 TDK-B32537B5474J000 Datasheet
313Kb / 24P
   Metallized Polyester Film Capacitors (MKT-S)
B32537B5474K000 TDK-B32537B5474K000 Datasheet
313Kb / 24P
   Metallized Polyester Film Capacitors (MKT-S)
More results

Similar Description - B32537B5474

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32560 EPCOS-B32560_09 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
B32572 EPCOS-B32572 Datasheet
282Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors
logo
TDK Electronics
B32520 TDK-B32520 Datasheet
1Mb / 49P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32612_614 EPCOS-B32612_614 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32651_656 EPCOS-B32651_656 Datasheet
652Kb / 40P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32520_529 EPCOS-B32520_529 Datasheet
881Kb / 46P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com