Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32537B5105 Datasheet(PDF) 8 Page - EPCOS

Part # B32537B5105
Description  Film Capacitors Metallized Polyester Film Capacitors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32537B5105 Datasheet(HTML) 8 Page - EPCOS

Back Button B32537B5105 Datasheet HTML 4Page - EPCOS B32537B5105 Datasheet HTML 5Page - EPCOS B32537B5105 Datasheet HTML 6Page - EPCOS B32537B5105 Datasheet HTML 7Page - EPCOS B32537B5105 Datasheet HTML 8Page - EPCOS B32537B5105 Datasheet HTML 9Page - EPCOS B32537B5105 Datasheet HTML 10Page - EPCOS B32537B5105 Datasheet HTML 11Page - EPCOS B32537B5105 Datasheet HTML 12Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Pulse handling capability
"dV/dt" represents the maximum permissible voltage change per unit of time for non-sinusoidal
voltages, expressed in V/
µs.
"k0" represents the maximum permissible pulse characteristic of the waveform applied to the
capacitor, expressed in V2/
µs.
Note:
The values of dV/dt and k0 provided below must not be exceeded in order to avoid damaging the
capacitor.
dV/dt values
Length of capacitor
18.5 mm
21 mm
34 mm
VR
VRMS
V DC
V AC
dV/dt in V/
µs
50
20
2.5
1.5
100
35
13
9
6
160
60
20
12
8
250
90
23
16
10
630
200
40
26
18
k0 values
Length of capacitor
18.5 mm
21 mm
34 mm
VR
VRMS
V DC
V AC
k0 in V2/
µs
50
20
250
150
100
35
2 600
1 800
1 200
160
60
6 400
3 840
2 560
250
90
11 500
8 000
5 000
630
200
50 400
32 800
22 700
B32537
High reliability (wound)
Page 8 of 20
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32537B5105

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32537B5105J000 TDK-B32537B5105J000 Datasheet
313Kb / 24P
   Metallized Polyester Film Capacitors (MKT-S)
B32537B5105K000 TDK-B32537B5105K000 Datasheet
313Kb / 24P
   Metallized Polyester Film Capacitors (MKT-S)
More results

Similar Description - B32537B5105

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32560 EPCOS-B32560_09 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
B32572 EPCOS-B32572 Datasheet
282Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors
logo
TDK Electronics
B32520 TDK-B32520 Datasheet
1Mb / 49P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32612_614 EPCOS-B32612_614 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32651_656 EPCOS-B32651_656 Datasheet
652Kb / 40P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32520_529 EPCOS-B32520_529 Datasheet
881Kb / 46P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com