Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32559S8822 Datasheet(PDF) 4 Page - EPCOS

Part # B32559S8822
Description  Film Capacitors Metallized Polyester Film Capacitors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32559S8822 Datasheet(HTML) 4 Page - EPCOS

  B32559S8822 Datasheet HTML 1Page - EPCOS B32559S8822 Datasheet HTML 2Page - EPCOS B32559S8822 Datasheet HTML 3Page - EPCOS B32559S8822 Datasheet HTML 4Page - EPCOS B32559S8822 Datasheet HTML 5Page - EPCOS B32559S8822 Datasheet HTML 6Page - EPCOS B32559S8822 Datasheet HTML 7Page - EPCOS B32559S8822 Datasheet HTML 8Page - EPCOS B32559S8822 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Ordering codes and packing units
VR
V DC
VRMS
f
≤60 Hz
V AC
CR
µF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Ammo
pack
pcs./MOQ
Reel
pcs./MOQ
Untaped
pcs./MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further E series and intermediate capacitance values on request.
B32559S8...+9xx complies with ITU-T K.45 and ITU-T K.20.
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
M =
±20%
K =
±10%
J =
±5%
900 = Untaped crimped (lead length 6
1 mm)
902 = Untaped straight (lead length 6
1 mm)
904 = Ammo pack crimped
907 = Ammo pack straight
908 = Reel pack crimped
910 = Reel pack straight
630
400
0.0056 4.0
× 8.5 × 7.0 B32559S8562+*** 1600
1600
1200
0.0082 4.0
× 9.0 × 7.0 B32559S8822+*** 2000
1600
1600
0.010
4.5
× 10.0 × 7.0 B32559S8103+*** 1800
1500
1400
0.012
4.5
× 10.0 × 7.0 B32559S8123+*** 1800
1500
1400
0.015
4.5
× 10.0 × 7.0 B32559S8153+*** 1800
1500
1400
0.018
5.0
× 10.0 × 7.0 B32559S8183+*** 1700
1400
1300
0.022
5.5
× 13.0 × 7.0 B32559S8223+*** 1600
1400
1200
0.027
6.0
× 13.5 × 7.0 B32559S8273+*** 1600
1400
1200
B32559S
xDSL applications, compliant with ITU-T K.45/K.20
Page 4 of 18
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32559S8822

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32559S TDK-B32559S Datasheet
320Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
More results

Similar Description - B32559S8822

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32560 EPCOS-B32560_09 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
B32572 EPCOS-B32572 Datasheet
282Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors
logo
TDK Electronics
B32520 TDK-B32520 Datasheet
1Mb / 49P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32612_614 EPCOS-B32612_614 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32651_656 EPCOS-B32651_656 Datasheet
652Kb / 40P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32520_529 EPCOS-B32520_529 Datasheet
881Kb / 46P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com