Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GLDW34V03PMR001123 Datasheet(PDF) 8 Page - Bel Fuse Inc.

Part # GLDW34V03PMR001123
Description  DORADO HV DC/DC CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

GLDW34V03PMR001123 Datasheet(HTML) 8 Page - Bel Fuse Inc.

  GLDW34V03PMR001123 Datasheet HTML 1Page - Bel Fuse Inc. GLDW34V03PMR001123 Datasheet HTML 2Page - Bel Fuse Inc. GLDW34V03PMR001123 Datasheet HTML 3Page - Bel Fuse Inc. GLDW34V03PMR001123 Datasheet HTML 4Page - Bel Fuse Inc. GLDW34V03PMR001123 Datasheet HTML 5Page - Bel Fuse Inc. GLDW34V03PMR001123 Datasheet HTML 6Page - Bel Fuse Inc. GLDW34V03PMR001123 Datasheet HTML 7Page - Bel Fuse Inc. GLDW34V03PMR001123 Datasheet HTML 8Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
CORPORATE
Bel Fuse Inc.
206 Van Vorst Street
Jersey City, NJ 07302
Tel
201-432-0463
Fax 201-432-9542
www.belfuse.com
FAR EAST
Bel Fuse Ltd.
8F / 8 Luk Hop Street
San Po Kong
Kowloon, Hong Kong
Tel 852-2328-5515
Fax 852-2352-3706
www.belfuse.com
EUROPE
Bel Fuse Europe Ltd.
Preston Technology Management Centre
Marsh Lane, Suite G7, Preston
Lancashire, PR1 8UD, U.K.
Tel 44-1772-556601
Fax 44-1772-888366
www.belfuse.com
©2006 Bel Fuse Inc. Specifications subject to change without notice. 11.06
POWER PRODUCTS
DORADO HV DC/DC CONVERTER
GLDW34V03
48V Input – 34VDC – 3A Output
page 8
Notes:
1. Mechanical tolerances
x.xxx in. = ± 0.005 in.
x.xx in = ± 0.01 in.
2. Pin material: Brass with tin/lead plating over nickel
3. Workmanship: Meets or exceeds IPC-A-610B Class II
4. "A" = 0.040" dia. pins
5. "B" = 0.060" dia. pins
Mechanical
GLDW34V03
Pin
Function
Pin Dia. (In.)
1
– Input
0.040
2
On/Off
0.040
3
+ Input
0.040
4
+ Output
0.060
5
+ Sense
0.040
6
Trim
0.040
7
– Sense
0.040
*
8
– Output
0.060
Pin Configuration – Bottom View
* Connected to –Output internally.
RoHS Compliance
Complies with the European Directive 2002/95/EC, calling for the elimination of lead and other
hazardous substances from electronic products. These parts are not however compatible with
the higher temperatures associated with lead free solder processes and must be soldered using
a reflow profile with a peak temperature of no more than 240
˚C.


Similar Part No. - GLDW34V03PMR001123

ManufacturerPart #DatasheetDescription
logo
Galaxy Power, Inc.
GLDW34V03PMR-001-123 GALAXY-GLDW34V03PMR-001-123 Datasheet
346Kb / 6P
   High-efficiency DC/DC Converter 48V Input, 18V to 34VDC Output, 3A Output
GLDW34V03PMR-002-123 GALAXY-GLDW34V03PMR-002-123 Datasheet
346Kb / 6P
   High-efficiency DC/DC Converter 48V Input, 18V to 34VDC Output, 3A Output
GLDW34V03PMR-003-123 GALAXY-GLDW34V03PMR-003-123 Datasheet
346Kb / 6P
   High-efficiency DC/DC Converter 48V Input, 18V to 34VDC Output, 3A Output
More results

Similar Description - GLDW34V03PMR001123

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
GMDC12V08 BEL-GMDC12V08 Datasheet
561Kb / 7P
   DORADO MV DC/DC CONVERTERS
GMDW12V08 BEL-GMDW12V08 Datasheet
539Kb / 7P
   DORADO MV DC/DC CONVERTERS
logo
Wurth Elektronik GmbH &...
749196507 WURTH-749196507 Datasheet
479Kb / 5P
   WE-FLEX HV Flexible Transformer for DC/DC Converter
749196138 WURTH-749196138 Datasheet
441Kb / 5P
   WE-FLEX HV Flexible Transformer for DC/DC Converter
749196248 WURTH-749196248 Datasheet
473Kb / 5P
   WE-FLEX HV Flexible Transformer for DC/DC Converter
749196547 WURTH-749196547 Datasheet
479Kb / 5P
   WE-FLEX HV Flexible Transformer for DC/DC Converter
749196548 WURTH-749196548 Datasheet
479Kb / 5P
   WE-FLEX HV Flexible Transformer for DC/DC Converter
749196128 WURTH-749196128 Datasheet
441Kb / 5P
   WE-FLEX HV Flexible Transformer for DC/DC Converter
749196208 WURTH-749196208 Datasheet
473Kb / 5P
   WE-FLEX HV Flexible Transformer for DC/DC Converter
749196538 WURTH-749196538 Datasheet
480Kb / 5P
   WE-FLEX HV Flexible Transformer for DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com