Electronic Components Datasheet Search |
|
B32559C6103 Datasheet(PDF) 4 Page - EPCOS |
|
B32559C6103 Datasheet(HTML) 4 Page - EPCOS |
4 / 23 page Ordering codes and packing units VR V DC VRMS f ≤60 Hz V AC CR µF Max. dimensions w × h × l mm Ordering code (composition see below) Ammo pack pcs./MOQ Reel pcs./MOQ Untaped pcs./MOQ MOQ = Minimum Order Quantity, consisting of 4 packing units. Further E series and intermediate capacitance values on request. Composition of ordering code + = Capacitance tolerance code: *** = Packaging code: M = ±20% K = ±10% J = ±5% 489 = Ammo pack straight 389 = Reel straight 289 = Ammo pack crimped 189 = Reel crimped 000 = Untaped crimped (lead length 6 1 mm) 001 = Untaped (lead length 6 1 mm) 63 40 0.22 3.0 × 6.5 × 7.0 B32559C0224+*** 11200 9600 10000 0.33 3.0 × 6.5 × 7.0 B32559C0334+*** 12000 10400 10000 0.47 3.5 × 7.0 × 7.0 B32559C0474+*** 12000 10400 10000 0.68 3.5 × 8.5 × 7.0 B32559C0684+*** 9200 7600 8000 1.0 4.0 × 10.5 × 7.0 B32559C0105+*** 9200 7600 8000 100 63 0.033 3.0 × 6.5 × 7.0 B32559C1333+*** 12000 10400 12000 0.047 3.0 × 6.5 × 7.0 B32559C1473+*** 12800 11200 12000 0.056 3.0 × 7.0 × 7.0 B32559C1563+*** 12000 10400 12000 0.068 3.0 × 7.0 × 7.0 B32559C1683+*** 12800 11200 12000 0.10 3.0 × 7.0 × 7.0 B32559C1104+*** 12800 11200 12000 0.12 3.0 × 7.0 × 7.0 B32559C1124+*** 12800 11200 12000 0.15 3.0 × 7.0 × 7.0 B32559C1154+*** 12800 11200 12000 0.22 3.5 × 8.5 × 7.0 B32559C1224+*** 11600 10000 12000 0.33 3.5 × 8.5 × 7.0 B32559C1334+*** 11600 10000 12000 0.47 3.5 × 9.0 × 7.0 B32559C1474+*** 10000 8400 10000 250 160 0.022 3.0 × 7.0 × 7.0 B32559C3223+*** 12800 11200 12000 0.027 3.0 × 7.0 × 7.0 B32559C3273+*** 12800 11200 12000 0.033 3.0 × 7.0 × 7.0 B32559C3333+*** 12000 10400 12000 0.047 3.0 × 7.0 × 7.0 B32559C3473+*** 12800 11200 12000 0.056 3.0 × 7.0 × 7.0 B32559C3563+*** 10800 9200 1000 0.068 3.5 × 7.0 × 7.0 B32559C3683+*** 10800 9200 1000 0.10 3.5 × 9.0 × 7.0 B32559C3104+*** 12000 10400 8000 0.12 4.5 × 9.0 × 7.0 B32559C3124+*** 7200 5800 8000 0.15 4.5 × 10.0 × 7.0 B32559C3154+*** 7200 5600 8000 B32559C Compact design (stacked) Page 4 of 23 Please read Cautions and warnings and Important notes at the end of this document. |
Similar Part No. - B32559C6103 |
|
Similar Description - B32559C6103 |