Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32562H6684 Datasheet(PDF) 9 Page - EPCOS

Part # B32562H6684
Description  Film Capacitors Metallized Polyester Film Capacitors
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32562H6684 Datasheet(HTML) 9 Page - EPCOS

Back Button B32562H6684 Datasheet HTML 5Page - EPCOS B32562H6684 Datasheet HTML 6Page - EPCOS B32562H6684 Datasheet HTML 7Page - EPCOS B32562H6684 Datasheet HTML 8Page - EPCOS B32562H6684 Datasheet HTML 9Page - EPCOS B32562H6684 Datasheet HTML 10Page - EPCOS B32562H6684 Datasheet HTML 11Page - EPCOS B32562H6684 Datasheet HTML 12Page - EPCOS B32562H6684 Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Ordering codes and packing units (lead spacing 15 mm)
VR
V DC
VRMS
f
≤60 Hz
V AC
CR
µF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Ammo
pack
pcs./MOQ
Reel
pcs./
MOQ
Untaped
pcs./
MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further E series and intermediate capacitance values on request.
Special dimensions available on request.
For corresponding design rules, refer to chapter "General technical information", page .
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
M =
±20%
K =
±10%
J =
±5%
289 = Ammo pack
189 = Reel
000 = Untaped (lead length 5
1 mm)
100
63
2.2
4.9
× 8.0 × 16.5 B32562J1225+***
4760
5200
3200
3.3
6.0
× 9.3 × 16.5 B32562J1335+***
3840
4000
2000
4.7
7.3
× 10.6 × 16.5 B32562H1475+***
3160
3600
1600
6.8
9.0
× 11.8 × 16.5 B32562H1685+***
2560
2800
1160
10
11.8
× 13.0 × 16.5 B32562H1106+000
800
250
160
0.47
5.0
× 6.7 × 16.5 B32562J3474+***
4760
5200
3800
0.68
6.0
× 7.8 × 16.5 B32562J3684+***
3840
4000
2000
1.0
7.0
× 9.3 × 16.5 B32562J3105+***
3320
3600
2000
1.5
8.7
× 11.0 × 16.5 B32562H3155+***
2640
2800
1200
2.2
10.7
× 12.8 × 16.5 B32562H3225+000
800
3.3
13.9
× 14.5 × 16.5 B32562H3335+000
600
400
200
0.22
4.7
× 7.5 × 16.5 B32562J6224+***
4960
5200
3400
0.33
6.0
× 8.3 × 16.5 B32562J6334+***
3840
4000
2000
0.47
7.3
× 9.3 × 16.5 B32562J6474+***
3160
3600
1800
0.68
8.9
× 10.8 × 16.5 B32562H6684+***
2560
2800
1200
1.0
10.9
× 12.5 × 16.5 B32562H6105+000
800
1.5
13.7
× 15.2 × 16.5 B32562H6155+000
400
630
350
0.22
9.2
× 12.2 × 16.5 B32562H8224+000
1400
0.33
11.2
× 14.2 × 16.5 B32562H8334+000
1000
0.47
13.5
× 16.3 × 16.5 B32562H8474+000
720
B32562
General purpose (stacked) SilverCapTM
Page 9 of 32
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32562H6684

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32562H6155K EPCOS-B32562H6155K Datasheet
577Kb / 32P
   Metallized Polyester Film Capacitors (MKT)
More results

Similar Description - B32562H6684

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32572 EPCOS-B32572 Datasheet
282Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors
logo
TDK Electronics
B32520 TDK-B32520 Datasheet
1Mb / 49P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32612_614 EPCOS-B32612_614 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32651_656 EPCOS-B32651_656 Datasheet
652Kb / 40P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32520_529 EPCOS-B32520_529 Datasheet
881Kb / 46P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com