Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL35111DRZ-TS Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL35111DRZ-TS
Description  11.1Gb/s Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL35111DRZ-TS Datasheet(HTML) 4 Page - Intersil Corporation

  ISL35111DRZ-TS Datasheet HTML 1Page - Intersil Corporation ISL35111DRZ-TS Datasheet HTML 2Page - Intersil Corporation ISL35111DRZ-TS Datasheet HTML 3Page - Intersil Corporation ISL35111DRZ-TS Datasheet HTML 4Page - Intersil Corporation ISL35111DRZ-TS Datasheet HTML 5Page - Intersil Corporation ISL35111DRZ-TS Datasheet HTML 6Page - Intersil Corporation ISL35111DRZ-TS Datasheet HTML 7Page - Intersil Corporation ISL35111DRZ-TS Datasheet HTML 8Page - Intersil Corporation ISL35111DRZ-TS Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
FN6975.1
January 27, 2010
Output Return Loss Limit
(Common Mode)
SCC22
100MHz to 2.5GHz
See 9
dB
9
2.5GHz to 11.1GHz
-3
dB
8
Residual Deterministic Jitter
11.1Gbps; no channel attenuation;
de-emphasis disabled
0.1
UI
10
Random Jitter
0.7
psRMS
Output Transition Time
tr, tf
20% to 80%
35
ps
11
Minimum De-Emphasis Level
0dB
Maximum De-Emphasis Level
4dB
De-Emphasis Resolution
0.5
dB
NOTES:
6. Maximum Reflection Coefficient given by equation SDDXX(dB)= -12 + 2*√(f ), with f in GHz. Established by characterization
and not production tested.
7. Maximum Reflection Coefficient given by equation SDDXX(dB)= -6.3 + 13Log10(f/5.5), with f in GHz. Established by
characterization and not production tested.
8. Limits established by characterization and are not production tested.
9. Reflection Coefficient given by equation SCCXX(dB) < -7 + 1.6*f, with f in GHz. Established by characterization and not
production tested.
10. Measured using a PRBS 215-1 pattern.
11. Rise and fall times measured using a 2GHz clock with a 20ps edge rate and with de-emphasis disabled.
Electrical Characteristics VDD = 1.2V, TA = +25°C, and VIN = 600mVP-P, unless otherwise noted. (Continued)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS NOTES
Typical Performance Characteristics
Performance is measured using the test setup illustrated in Figure 2. The signal from the pattern generator is launched
into the chip evaluation board. The ISL35111 output signal is then visualized on a scope to determine signal integrity
parameters such as jitter.
FIGURE 2. DEVICE CHARACTERIZATION TEST SETUP
3A. DE-EMPHASIS 0
3B. DE-EMPHASIS 6
FIGURE 3. ISL35111 10.3125Gbps OUTPUT; NO CHANNEL; PRBS-31
P a tte r n
G ene r a to r
IS L 3 5 111 E v al
Bo a r d
O s c illo s c o p e
ISL35111


Similar Part No. - ISL35111DRZ-TS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL35111DRZ-TS INTERSIL-ISL35111DRZ-TS Datasheet
531Kb / 8P
   11.1Gb/s Driver
logo
Renesas Technology Corp
ISL35111DRZ-TS RENESAS-ISL35111DRZ-TS Datasheet
864Kb / 9P
   11.1Gb/s Driver
More results

Similar Description - ISL35111DRZ-TS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL35111 INTERSIL-ISL35111 Datasheet
531Kb / 8P
   11.1Gb/s Driver
logo
Renesas Technology Corp
ISL35111 RENESAS-ISL35111 Datasheet
864Kb / 9P
   11.1Gb/s Driver
ISL36111 RENESAS-ISL36111 Datasheet
648Kb / 9P
   11.1Gb/s Lane Extender
logo
Intersil Corporation
ISL36111 INTERSIL-ISL36111 Datasheet
299Kb / 8P
   11.1Gb/s Lane Extender
QLX111GRX INTERSIL-QLX111GRX Datasheet
467Kb / 10P
   11.1Gb/s Lane Extender
logo
Renesas Technology Corp
QLX111GRX RENESAS-QLX111GRX Datasheet
590Kb / 10P
   11.1Gb/s Lane Extender
logo
TriQuint Semiconductor
TGA4947-SL TRIQUINT-TGA4947-SL Datasheet
323Kb / 1P
   Dual channel 40Gb/s & 100Gb/s Modulator Driver
TQP5115 TRIQUINT-TQP5115 Datasheet
204Kb / 1P
   11.3 Gb/s EML Driver
logo
Zarlink Semiconductor I...
PX6419 ZARLINK-PX6419 Datasheet
226Kb / 3P
   12x10 Gb/s VCSEL Driver
logo
TriQuint Semiconductor
TGA4840-SM TRIQUINT-TGA4840-SM Datasheet
287Kb / 1P
   28Gb/s CFP2 Modulator Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com