Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL88731CHRTZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL88731CHRTZ
Description  SMBus Level 2 Battery Charger
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL88731CHRTZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL88731CHRTZ Datasheet HTML 3Page - Intersil Corporation ISL88731CHRTZ Datasheet HTML 4Page - Intersil Corporation ISL88731CHRTZ Datasheet HTML 5Page - Intersil Corporation ISL88731CHRTZ Datasheet HTML 6Page - Intersil Corporation ISL88731CHRTZ Datasheet HTML 7Page - Intersil Corporation ISL88731CHRTZ Datasheet HTML 8Page - Intersil Corporation ISL88731CHRTZ Datasheet HTML 9Page - Intersil Corporation ISL88731CHRTZ Datasheet HTML 10Page - Intersil Corporation ISL88731CHRTZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
7
FN6978.0
March 8, 2010
Battery Quiescent Current
Adapter present, not charging,
ICSOP + ICSON + IPHASE + ICSSP + ICSSN + IFB
VPHASE = VCSON = VCSOP = VDCIN = 19V,
VACIN = 5V
135
200
µA
Adapter Absent
ICSOP + ICSON + IPHASE + ICSSP + ICSSN + IFB
VPHASE = VCSON = VCSOP = 19V, VDCIN = 0V
-1
0.2
2
µA
Adapter Quiescent Current
IDCIN + ICSSP + ICSSN
Vadapter = 8V to 26V, Vbattery 4V to 16.8V
3
5
mA
INPUT CURRENT REGULATION
CSSP to CSSN Full-Scale Current-
Sense Voltage
CSSP = 19V
106.7
110
113.3
mV
Input Current Accuracy
RS1 = 10mΩ (see Figure 4)
Adapter Current = 11004mA or 3584mA
-3
3
%
RS1 = 10mΩ (see Figure 4)
Adapter Current = 2048mA
-5
5
%
Input Current Limit Gain Error
Based on InputCurrent = 1024mA and 11004mA
-1.5
1.5
%
Input Current Limit Offset
-1
1
mV
CSSP/CSSN Input Voltage Range
826
V
ICM Gain
VCSSP-CSSN = 110mV
19.8
20
20.2
V/V
ICM Offset
Based on VCSSP-CSSN = 110mV and 20mV
-1.5
1.5
mV
ICM Accuracy
VCSSP-CSSN = 110mV
-2.5
2.5
%
VCSSP-CSSN = 55mV or 35mV
-4
4
%
VCSSP-CSSN = 20mV
-8
8
%
ICM Max Output Current
VCSSP-CSSN = 0.1V
500
µA
SUPPLY AND LINEAR REGULATOR
DCIN, Input Voltage Range
826
V
VDDP Output Voltage
8.0V < VDCIN < 28V, no load
5.0
5.1
5.23
V
VDDP Load Regulation
0 < IVDDP < 30mA
35
100
mV
VDDSMB Range
2.7
5.5
V
VDDSMB UVLO Rising
2.4
2.5
2.6
V
VDDSMB UVLO Hysteresis
100
150
200
mV
VDDSMB Quiescent Current
VDDP = SCL = SDA = 5.5V
20
27
µA
V REFERENCE
VREF Output Voltage
0 < IVREF < 300µA
3.168
3.2
3.232
V
ACOK
ACOK Sink Current
VACOK = 0.4V, ACIN = 1.5V
2
8mA
ACOK Leakage Current
VACOK = 5.5V, ACIN = 2.5V
1
µA
ACIN
ACIN rising Threshold
3.15
3.2
3.25
V
ACIN Threshold Hysteresis
40
60
90
mV
ACIN Input Bias Current
-1
1
µA
Electrical Specifications DCIN = CSSP = CSSN = 18V, CSOP = CSON = 12V, VDDP = 5V, BOOT-PHASE = 5.0V,
GND = PGND = 0V, CVDDP = 1µF, IVDDP = 0mA, TA = -10°C to +100°C. Boldface limits
apply over the operating temperature range, -10°C to +100°C. (Continued)
PARAMETER
CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8) UNITS
ISL88731C


Similar Part No. - ISL88731CHRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL88731CHRTZ INTERSIL-ISL88731CHRTZ Datasheet
897Kb / 25P
   SMBus Level 2 Battery Charger
June 8, 2011
ISL88731CHRTZ INTERSIL-ISL88731CHRTZ Datasheet
897Kb / 25P
   SMBus Level 2 Battery Charger
June 8, 2011
logo
Renesas Technology Corp
ISL88731CHRTZ RENESAS-ISL88731CHRTZ Datasheet
1Mb / 26P
   SMBus Level 2 Battery Charger
More results

Similar Description - ISL88731CHRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL88731A INTERSIL-ISL88731A Datasheet
490Kb / 23P
   SMBus Level 2 Battery Charger
ISL88731AHRZ INTERSIL-ISL88731AHRZ Datasheet
772Kb / 23P
   SMBus Level 2 Battery Charger
June 8, 2011
ISL88731CHRTZ INTERSIL-ISL88731CHRTZ Datasheet
897Kb / 25P
   SMBus Level 2 Battery Charger
June 8, 2011
logo
ON Semiconductor
NCP3800V ONSEMI-NCP3800V Datasheet
221Kb / 15P
   SMBus Level 2 Battery Charger
April, 2013 ??Rev. 0
logo
Intersil Corporation
ISL88731HRZ INTERSIL-ISL88731HRZ Datasheet
806Kb / 22P
   SMBus Level 2 Battery Charger
June 8, 2011
logo
Renesas Technology Corp
ISL88731A RENESAS-ISL88731A Datasheet
1Mb / 24P
   SMBus Level 2 Battery Charger
ISL88733 RENESAS-ISL88733 Datasheet
194Kb / 2P
   SMBus Level 2 Battery Charger
ISL88731 RENESAS-ISL88731 Datasheet
1Mb / 22P
   SMBus Level 2 Battery Charger
ISL88731C RENESAS-ISL88731C Datasheet
1Mb / 26P
   SMBus Level 2 Battery Charger
logo
Intersil Corporation
ISL88731 INTERSIL-ISL88731 Datasheet
462Kb / 22P
   SMBus Level 2 Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com