Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL54409 Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL54409
Description  Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54409 Datasheet(HTML) 5 Page - Intersil Corporation

  ISL54409 Datasheet HTML 1Page - Intersil Corporation ISL54409 Datasheet HTML 2Page - Intersil Corporation ISL54409 Datasheet HTML 3Page - Intersil Corporation ISL54409 Datasheet HTML 4Page - Intersil Corporation ISL54409 Datasheet HTML 5Page - Intersil Corporation ISL54409 Datasheet HTML 6Page - Intersil Corporation ISL54409 Datasheet HTML 7Page - Intersil Corporation ISL54409 Datasheet HTML 8Page - Intersil Corporation ISL54409 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
FN6983.1
January 14, 2010
Absolute Maximum Ratings
Thermal Information
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 5.5V
Input Voltages
LIN, RIN (Note 6) . . . . . . . . . . . . . -2V to ((VDD) + 0.3V)
IN, CTRL (Note 6). . . . . . . . . . . . -0.3V to ((VDD) + 0.3V)
Output Voltages
COM-, COM+ (Note 6) . . . . . . . . . . . -2V to ((VDD) + 0.3V)
Continuous Current (LIN, RIN). . . . . . . . . . . . . . . . ±150mA
Peak Current (LIN, RIN)
(Pulsed 1ms, 10% Duty Cycle, Max) . . . . . . . . . . . ±300mA
ESD Ratings:
Human Body Model
ISL54409. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.5kV
ISL54410. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6kV
Machine Model
ISL54409. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 250V
ISL54410. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300V
Charged Device Model . . . . . . . . . . . . . . . . . . . . . . . 2kV
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
1.8x1.4mm µTQFN (Notes 7, 8) . . .
160
61.9
2mmx2mm TDFN (Notes 7, 8) . . . .
84
10
Maximum Junction Temperature (Plastic Package). . . +150°C
Storage Temperature Range . . . . . . . . . . . -65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Temperature. . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact
product reliability and result in failures not covered by warranty.
NOTES:
6. Signals on LIN, RIN, COM-, COM+, IN and CTRL exceeding VDD or GND by specified amount are clamped. Limit current to
maximum current ratings.
7. θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach”
features. See Tech Brief TB379.
8. For θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications - 2.7V to 3.6V Supply Test Conditions: VDD = +3.0V, GND = 0V, VCTRL = 1.4V, VIN = 0.5V,
(Notes 9, 10), Unless Otherwise Specified. Boldface limits apply over
the operating temperature range, -40°C to +85°C.
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 10, 11) TYP
MAX
(Notes 10, 11) UNITS
ANALOG SWITCH CHARACTERISTICS
Analog Input Signal Range,
VANALOG
VDD = 3.3V
Full
-1.5
-
1.5
V
ON-Resistance, rON
IXOUT = 40mA, VLIN or VRIN = -0.85V to
0.85V, (See Figure 2, Note 14)
+25
-
2.5
2.8
Ω
Full
-
-
3.8
Ω
rON Flatness, rFLAT(ON)
IXOUT = 40mA, VLIN or VRIN = -0.85V to
0.85V, (Notes 12, 14)
+25
-
20
60
m
Ω
Full
-
-
70
m
Ω
rON Matching Between
Channels, ΔrON
IXOUT = 40mA, VLIN or VRIN = Voltage at max
rON over signal range of -0.85V to 0.85V,
(Notes 13, 14)
+25
-
0.1
0.32
Ω
Full
-
-
0.4
Ω
Active Click and Pop Shunt
Resistance
VCTRL = 0V, VIN = 0V, VLIN or VRIN = -1.5V
to 1.5V, ISL54410 only
+25
-
40
-
Ω
Full
-
-
-
Ω
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
VDD = 2.7V, RL = 50Ω, CL = 10pF
(see Figure 1)
+25
-
5
-
µs
Turn-OFF Time, tOFF
VDD = 2.7V, RL = 50Ω, CL = 10pF
(see Figure 1)
+25
-
45
-
ns
OFF-Isolation
VIN = 3V, VLIN or VRIN = 0.707VRMS,
RL =32Ω, f = 20Hz to 20kHz (see Figure 3)
+25
-
110
-
dB
Crosstalk
RIN to LOUT, LIN to ROUT
VCTRL = 3.0V, VIN = 0V, RL = 32Ω, f = 20Hz
to 20kHz, VLIN or VRIN = 0.707VRMS (2VP-P),
(See Figure 4)
+25
-
-90
-
dB
ISL54409, ISL54410


Similar Part No. - ISL54409

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54409 INTERSIL-ISL54409 Datasheet
387Kb / 13P
   Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
ISL54409 INTERSIL-ISL54409 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL54409 RENESAS-ISL54409 Datasheet
680Kb / 13P
   Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
logo
Intersil Corporation
ISL54409 INTERSIL-ISL54409 Datasheet
376Kb / 13P
   Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
January 14, 2010
ISL54409 INTERSIL-ISL54409 Datasheet
376Kb / 13P
   Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
January 14, 2010
More results

Similar Description - ISL54409

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54409 RENESAS-ISL54409 Datasheet
680Kb / 13P
   Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
logo
Intersil Corporation
ISL54409IRTZ-T INTERSIL-ISL54409IRTZ-T Datasheet
376Kb / 13P
   Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
January 14, 2010
ISL54409IRTZ-T INTERSIL-ISL54409IRTZ-T Datasheet
376Kb / 13P
   Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
January 14, 2010
ISL54409 INTERSIL-ISL54409 Datasheet
387Kb / 13P
   Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
ISL54210IRTZ INTERSIL-ISL54210IRTZ Datasheet
1Mb / 21P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
March 18, 2010
ISL54211IRUZ-T INTERSIL-ISL54211IRUZ-T Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
August 25, 2008
ISL54406 INTERSIL-ISL54406 Datasheet
763Kb / 16P
   Stereo Click and Pop Eliminator with Audio Muting
ISL54211 INTERSIL-ISL54211 Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
logo
Renesas Technology Corp
ISL54211 RENESAS-ISL54211 Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
logo
Maxim Integrated Produc...
MAX9890 MAXIM-MAX9890 Datasheet
368Kb / 12P
   Audio Click-Pop Suppressor
Rev 0; 8/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com