Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL54409EVAL1Z Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL54409EVAL1Z
Description  Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54409EVAL1Z Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL54409EVAL1Z Datasheet HTML 2Page - Intersil Corporation ISL54409EVAL1Z Datasheet HTML 3Page - Intersil Corporation ISL54409EVAL1Z Datasheet HTML 4Page - Intersil Corporation ISL54409EVAL1Z Datasheet HTML 5Page - Intersil Corporation ISL54409EVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL54409EVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL54409EVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL54409EVAL1Z Datasheet HTML 9Page - Intersil Corporation ISL54409EVAL1Z Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
FN6983.1
January 14, 2010
Total Harmonic Distortion
f = 20Hz to 20kHz, VCTRL = 3.0V, VIN = 0V,
VLIN or VRIN = 0.36VRMS (1VP-P), RL = 32Ω
+25
-
0.03
-
%
f = 20Hz to 20kHz, VCTRL= 3.0V, VIN = 0V,
VLIN or VRIN = 0.707VRMS (2VP-P), RL = 32Ω
+25
-
0.06
-
%
COM-, COM+ OFF
Capacitance, COFF
f = 240MHz, VCTRL = 0V, VIN = 3V, VLIN or
VRIN = 0V
+25
-
5
-
pF
f = 240MHz, VCTRL = 0V, VIN = 0V, VLIN or
VRIN = 0V
+25
-
4
-
pF
POWER SUPPLY CHARACTERISTICS
Power Supply Range, VDD
Full
2.7
3.6
V
Audio Mode Supply Current,
IDD
VDD = 3.6V
+25
-
7
13
µA
Full
-
-
15
µA
Shutdown Current, ISHDN VDD = 3.6V, VCTRL = 0.5V, VIN = 0.5V;
ISL54409
+25
-
1
10
nA
Full
-
-
150
nA
VDD = 3.6V, VCTRL = 0.5V, VIN = 0.5V;
ISL54410
+25
-
2.4
4
µA
Full
-
-
5
µA
Power OFF-Current,
IRIN/LIN or ICOM-/COM+
VDD = 0V, VCTRL = VIN = Float, VLIN/RIN =
VCOM-/COM+ = 5.25V,
+25
-
7
-
µA
DIGITAL INPUT CHARACTERISTICS
Logic Voltage Low, VLogic_L VDD = 2.7V to 3.6V
Full
-
-
0.5
V
Logic Voltage High, VLogic_H VDD = 2.7V to 3.6V
Full
1.4
--
V
Logic Input Low Current,
ILogic_L
VDD = 3.6V, VLogic = 0V
Full
-50
20
50
nA
Logic Input High Current,
ILogic_H
VDD = 3.6V, VLogic = 3.6V
Full
-2
1
2
µA
Logic Pull-Down Resistor,
RLogic
VDD = 3.6V, VLogic = 3.6V
Full
-
4
-
NOTES:
9. VLogic = Logic input voltage to perform proper function.
10. The algebraic convention, whereby the most negative value is a minimum and the most positive a maximum, is used in this
data sheet.
11. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established
by characterization and are not production tested.
12. Flatness is defined as the difference between maximum and minimum value of ON-resistance over the specified analog signal
range.
13. rON matching between channels is calculated by subtracting the channel with the highest max rON value from the channel with
lowest max rON value.
14. Limits established by characterization and are not production tested.
Electrical Specifications - 2.7V to 3.6V Supply Test Conditions: VDD = +3.0V, GND = 0V, VCTRL = 1.4V, VIN = 0.5V,
(Notes 9, 10), Unless Otherwise Specified. Boldface limits apply over
the operating temperature range, -40°C to +85°C. (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 10, 11) TYP
MAX
(Notes 10, 11) UNITS
ISL54409, ISL54410


Similar Part No. - ISL54409EVAL1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54409EVAL1Z INTERSIL-ISL54409EVAL1Z Datasheet
376Kb / 13P
   Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
January 14, 2010
ISL54409EVAL1Z INTERSIL-ISL54409EVAL1Z Datasheet
376Kb / 13P
   Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
January 14, 2010
logo
Renesas Technology Corp
ISL54409EVAL1Z RENESAS-ISL54409EVAL1Z Datasheet
680Kb / 13P
   Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
More results

Similar Description - ISL54409EVAL1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54409 RENESAS-ISL54409 Datasheet
680Kb / 13P
   Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
logo
Intersil Corporation
ISL54409IRTZ-T INTERSIL-ISL54409IRTZ-T Datasheet
376Kb / 13P
   Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
January 14, 2010
ISL54409IRTZ-T INTERSIL-ISL54409IRTZ-T Datasheet
376Kb / 13P
   Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
January 14, 2010
ISL54409 INTERSIL-ISL54409 Datasheet
387Kb / 13P
   Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
ISL54210IRTZ INTERSIL-ISL54210IRTZ Datasheet
1Mb / 21P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
March 18, 2010
ISL54211IRUZ-T INTERSIL-ISL54211IRUZ-T Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
August 25, 2008
ISL54406 INTERSIL-ISL54406 Datasheet
763Kb / 16P
   Stereo Click and Pop Eliminator with Audio Muting
ISL54211 INTERSIL-ISL54211 Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
logo
Renesas Technology Corp
ISL54211 RENESAS-ISL54211 Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
logo
Maxim Integrated Produc...
MAX9890 MAXIM-MAX9890 Datasheet
368Kb / 12P
   Audio Click-Pop Suppressor
Rev 0; 8/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com