Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LME49871MA Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LME49871MA
Description  High Performance, High Fidelity Current Feedback Audio Operational Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LME49871MA Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LME49871MA Datasheet HTML 1Page - National Semiconductor (TI) LME49871MA Datasheet HTML 2Page - National Semiconductor (TI) LME49871MA Datasheet HTML 3Page - National Semiconductor (TI) LME49871MA Datasheet HTML 4Page - National Semiconductor (TI) LME49871MA Datasheet HTML 5Page - National Semiconductor (TI) LME49871MA Datasheet HTML 6Page - National Semiconductor (TI) LME49871MA Datasheet HTML 7Page - National Semiconductor (TI) LME49871MA Datasheet HTML 8Page - National Semiconductor (TI) LME49871MA Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
April 28, 2008
LME49871
High Performance, High Fidelity Current Feedback Audio
Operational Amplifier
General Description
The LME49871 is an ultra-low distortion, low noise, ultra high
slew rate current feedback operational amplifier optimized
and fully specified for high performance, high fidelity applica-
tions. Combining advanced leading-edge process technology
with state-of-the-art circuit design, the LME49871 current
feedback operational amplifier delivers superior signal ampli-
fication for outstanding performance. Operating on a wide
supply range of ±5V to ±22V, the LME49871 combines ex-
tremely low voltage noise density (1.9nV/
Hz) with very low
THD+N (0.00012%) to easily satisfy the most demanding ap-
plications. To ensure that the most challenging loads are
driven without compromise, the LME49871 has a high slew
rate of ±1900V/
μs and an output current capability of ±100-
mA. Further, dynamic range is maximized by an output stage
that drives 150
Ω loads to within 2.9V of either power supply
voltage.
The LME49871 's outstanding CMRR (88dB), PSRR (102dB),
and V
OS (0.05mV) give the amplifier excellent operational
amplifier DC performance.
The LME49871 is available in an 8–lead narrow body SOIC.
Demonstration boards are available.
Key Specifications
■ Power Supply Voltage Range
±5V to ±22V
■ THD+N
(A
V = 1, RL = 100Ω, VOUT = 2VP-P,
f = 1kHz)
0.00021% (typ)
■ THD+N
(A
V = 1, RL = 600Ω, VOUT = 1.4VRMS,
f = 1kHz)
0.00012% (typ)
■ Input Noise Density
1.9nV/
Hz (typ)
■ Slew Rate
±1900V/
μs (typ)
■  Bandwidth
(A
V = 1, RL= 2kΩ, RF = 800Ω)
213MHz (typ)
■ Input Bias Current
1.8μA (typ)
■ Input Offset Voltage
0.05mV (typ)
■ PSRR
102dB (typ)
■ CMRR
90dB (typ)
Features
Easily drives 150Ω loads
Optimized for superior audio signal fidelity
Output short circuit protection
SOIC package
Applications
Ultra high quality audio amplification
High fidelity preamplifiers
High fidelity multimedia
State of the art phono pre amps
High performance professional audio
High fidelity equalization and crossover networks
High performance line drivers
High performance line receivers
High fidelity active filters
© 2008 National Semiconductor Corporation
300426
www.national.com


Similar Part No. - LME49871MA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LME49870 NSC-LME49870 Datasheet
957Kb / 34P
   44V Single High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49870 TI1-LME49870 Datasheet
985Kb / 35P
[Old version datasheet]   44V Single High Performance, High Fidelity Audio Operational Amplifier
LME49870MA/NOPB TI1-LME49870MA/NOPB Datasheet
985Kb / 35P
[Old version datasheet]   44V Single High Performance, High Fidelity Audio Operational Amplifier
More results

Similar Description - LME49871MA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LME49713 TI1-LME49713_14 Datasheet
945Kb / 18P
[Old version datasheet]   High Performance, High Fidelity Current Feedback Audio Operational Amplifier
LME49713 TI1-LME49713 Datasheet
407Kb / 16P
[Old version datasheet]   High Performance, High Fidelity Current Feedback Audio Operational Amplifier
logo
National Semiconductor ...
LME49713 NSC-LME49713 Datasheet
392Kb / 14P
   High Performance, High Fidelity Current Feedback Audio Operational Amplifier
logo
Texas Instruments
LME49713HA TI1-LME49713HA Datasheet
433Kb / 16P
[Old version datasheet]   High Performance, High Fidelity Current Feedback Audio Operational Amplifier
logo
National Semiconductor ...
LME49710 NSC-LME49710_07 Datasheet
815Kb / 28P
   High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49710 TI1-LME49710 Datasheet
1Mb / 34P
[Old version datasheet]   High-Performance, High-Fidelity Audio Operational Amplifier
LME49710 TI1-LME49710_14 Datasheet
1Mb / 33P
[Old version datasheet]   High Performance, High Fidelity Audio Operational Amplifier
logo
National Semiconductor ...
LME49740 NSC-LME49740 Datasheet
461Kb / 20P
   Quad High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49722 TI1-LME49722 Datasheet
195Kb / 13P
[Old version datasheet]   High Performance, High Fidelity Dual Audio Operational Amplifier
logo
National Semiconductor ...
LME49743 NSC-LME49743 Datasheet
491Kb / 20P
   Quad High Performance, High Fidelity Audio Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com