Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK9506-40B Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BUK9506-40B
Description  TrenchMOS logic level FET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUK9506-40B Datasheet(HTML) 2 Page - NXP Semiconductors

  BUK9506-40B Datasheet HTML 1Page - NXP Semiconductors BUK9506-40B Datasheet HTML 2Page - NXP Semiconductors BUK9506-40B Datasheet HTML 3Page - NXP Semiconductors BUK9506-40B Datasheet HTML 4Page - NXP Semiconductors BUK9506-40B Datasheet HTML 5Page - NXP Semiconductors BUK9506-40B Datasheet HTML 6Page - NXP Semiconductors BUK9506-40B Datasheet HTML 7Page - NXP Semiconductors BUK9506-40B Datasheet HTML 8Page - NXP Semiconductors BUK9506-40B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Philips Semiconductors
BUK95/9606-40B
TrenchMOS™ logic level FET
Product data
Rev. 01 — 14 May 2003
2 of 15
9397 750 11241
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
3.
Limiting values
[1]
Current is limited by power dissipation chip rating.
[2]
Continuous current is limited by package.
Table 2:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage (DC)
-
40
V
VDGR
drain-gate voltage (DC)
RGS =20kΩ
-40
V
VGS
gate-source voltage (DC)
-
±15
V
ID
drain current (DC)
Tmb =25 °C; VGS =5V;
Figure 2 and 3
[1]
-
129
A
[2]
-75
A
Tmb = 100 °C; VGS =5V; Figure 2
[2]
-75
A
IDM
peak drain current
Tmb =25 °C; pulsed; tp ≤ 10 µs;
Figure 3
-
516
A
Ptot
total power dissipation
Tmb =25 °C; Figure 1
-
203
W
Tstg
storage temperature
−55
+175
°C
Tj
junction temperature
−55
+175
°C
Source-drain diode
IDR
reverse drain current (DC)
Tmb =25 °C
[1]
-
129
A
[2]
-75
A
IDRM
peak reverse drain current
Tmb =25 °C; pulsed; tp ≤ 10 µs
-
516
A
Avalanche ruggedness
EDS(AL)S non-repetitive drain-source avalanche
energy
unclamped inductive load; ID =75A;
VDS ≤ 40 V; VGS =5V; RGS =50 Ω;
starting Tmb =25 °C
-
494
mJ


Similar Part No. - BUK9506-40B

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BUK9506-40B ISC-BUK9506-40B Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
BUK9506-40B NEXPERIA-BUK9506-40B Datasheet
327Kb / 15P
   N-channel TrenchMOS logic level FET
Rev. 02 - 25 January 2011
logo
NXP Semiconductors
BUK9506-40B PHILIPS-BUK9506-40B_15 Datasheet
214Kb / 14P
   N-channel TrenchMOS logic level FET
Rev. 02-25 January 2011
More results

Similar Description - BUK9506-40B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP101NQ03LT PHILIPS-PHP101NQ03LT Datasheet
279Kb / 13P
   TrenchMOS logic level FET
Rev. 02-25 February 2003
PHP82NQ03LT PHILIPS-PHP82NQ03LT Datasheet
274Kb / 14P
   TrenchMOS??logic level FET
Rev. 01-28 March 2002
BUK98180-100A PHILIPS-BUK98180-100A Datasheet
296Kb / 13P
   TrenchMOS??logic level FET
Rev. 02-18 May 2001
SI4884 PHILIPS-SI4884 Datasheet
89Kb / 12P
   TrenchMOS??logic level FET
Rev. 02-12 April 2002
PI4884 PHILIPS-PI4884 Datasheet
97Kb / 12P
   TrenchMOS logic level FET
Rev. 02-12 April 2002
BUK9226-75A PHILIPS-BUK9226-75A Datasheet
290Kb / 13P
   TrenchMOS logic level FET
Rev. 01-10 October 2000
BUK953R2-40B NXP-BUK953R2-40B Datasheet
331Kb / 16P
   TrenchMOS logic level FET
Rev. 04-14 November 2003
BUK9240-100A NXP-BUK9240-100A Datasheet
315Kb / 13P
   TrenchMOS logic level FET
Rev. 01-03 October 2000
BUK9518-55A PHILIPS-BUK9518-55A Datasheet
333Kb / 14P
   TrenchMOS logic level FET
Rev. 01-27 August 2001
BUK92150-55A PHILIPS-BUK92150-55A Datasheet
273Kb / 13P
   TrenchMOS logic level FET
Rev. 03-30 May 2002
logo
List of Unclassifed Man...
BUK9E06-55A ETC-BUK9E06-55A Datasheet
115Kb / 16P
   TrenchMOS logic level FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com