Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

BUK7507-30B Datasheet(PDF) 3 Page - NXP Semiconductors

Part No. BUK7507-30B
Description  TrenchMOS standard level FET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUK7507-30B Datasheet(HTML) 3 Page - NXP Semiconductors

  BUK7507-30B Datasheet HTML 1Page - NXP Semiconductors BUK7507-30B Datasheet HTML 2Page - NXP Semiconductors BUK7507-30B Datasheet HTML 3Page - NXP Semiconductors BUK7507-30B Datasheet HTML 4Page - NXP Semiconductors BUK7507-30B Datasheet HTML 5Page - NXP Semiconductors BUK7507-30B Datasheet HTML 6Page - NXP Semiconductors BUK7507-30B Datasheet HTML 7Page - NXP Semiconductors BUK7507-30B Datasheet HTML 8Page - NXP Semiconductors BUK7507-30B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Philips Semiconductors
BUK75/7607-30B
TrenchMOS™ standard level FET
Product data
Rev. 01 — 07 April 2003
3 of 15
9397 750 11232
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
VGS ≥ 10 V
Fig 1.
Normalized total power dissipation as a
function of mounting base temperature.
Fig 2.
Continuous drain current as a function of
mounting base temperature.
Tmb =25 °C; IDM single pulse.
Fig 3.
Safe operating area; continuous and peak drain currents as a function of drain-source voltage.
03na19
0
40
80
120
0
50
100
150
200
Tmb
(°C)
Pder
(%)
03nm94
0
40
80
120
0
50
100
150
200
Tmb (°C)
ID
(A)
Capped at 75 A due to package
P
der
P
tot
P
tot 25 C
°
()
-----------------------
100%
×
=
03nm92
1
10
102
103
10-1
1
10
102
VDS (V)
ID
(A)
DC
100 ms
10 ms
Limit RDSon = VDS/ID
1 ms
tp = 10 µs
100
µs
Capped at 75 A due to package


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn