Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

BUK7507-30B Datasheet(PDF) 9 Page - NXP Semiconductors

Part No. BUK7507-30B
Description  TrenchMOS standard level FET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUK7507-30B Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BUK7507-30B Datasheet HTML 5Page - NXP Semiconductors BUK7507-30B Datasheet HTML 6Page - NXP Semiconductors BUK7507-30B Datasheet HTML 7Page - NXP Semiconductors BUK7507-30B Datasheet HTML 8Page - NXP Semiconductors BUK7507-30B Datasheet HTML 9Page - NXP Semiconductors BUK7507-30B Datasheet HTML 10Page - NXP Semiconductors BUK7507-30B Datasheet HTML 11Page - NXP Semiconductors BUK7507-30B Datasheet HTML 12Page - NXP Semiconductors BUK7507-30B Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Philips Semiconductors
BUK75/7607-30B
TrenchMOS™ standard level FET
Product data
Rev. 01 — 07 April 2003
9 of 15
9397 750 11232
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
VDS =25V
Tj =25 °C; ID =25A
Fig 13. Transfer characteristics: drain current as a
function of gate-source voltage; typical values.
Fig 14. Gate-source voltage as a function of gate
charge; typical values.
VGS =0V
Fig 15. Source (diode forward) current as a function of source-drain (diode forward) voltage; typical values.
03nm87
0
25
50
75
100
02
46
8
VGS (V)
ID
(A)
Tj = 175 °C
Tj = 25 °C
03nm85
0
2
4
6
8
10
0
1020
3040
QG (nC)
VGS
(V)
VDD = 24 V
VDD = 14 V
03nm84
0
25
50
75
100
0.0
0.4
0.8
1.2
VSD (V)
IS
(A)
Tj = 175 °C
Tj = 25 °C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn