Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

BUK7507-30B Datasheet(PDF) 1 Page - NXP Semiconductors

Part No. BUK7507-30B
Description  TrenchMOS standard level FET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUK7507-30B Datasheet(HTML) 1 Page - NXP Semiconductors

  BUK7507-30B Datasheet HTML 1Page - NXP Semiconductors BUK7507-30B Datasheet HTML 2Page - NXP Semiconductors BUK7507-30B Datasheet HTML 3Page - NXP Semiconductors BUK7507-30B Datasheet HTML 4Page - NXP Semiconductors BUK7507-30B Datasheet HTML 5Page - NXP Semiconductors BUK7507-30B Datasheet HTML 6Page - NXP Semiconductors BUK7507-30B Datasheet HTML 7Page - NXP Semiconductors BUK7507-30B Datasheet HTML 8Page - NXP Semiconductors BUK7507-30B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
BUK75/7607-30B
TrenchMOS™ standard level FET
Rev. 01 — 07 April 2003
Product data
1.
Product profile
1.1 Description
N-channel enhancement mode field-effect power transistor in a plastic package using
Philips High-Performance Automotive (HPA) TrenchMOS™ technology.
Product availability:
BUK7507-30B in SOT78 (TO-220AB)
BUK7607-30B in SOT404 (D2-PAK).
1.2 Features
1.3 Applications
1.4 Quick reference data
2.
Pinning information
[1]
It is not possible to make connection to pin 2 of the SOT404 package.
s Very low on-state resistance
s Q101 compliant
s 175
°C rated
s Standard level compatible.
s Automotive systems
s 12 V loads
s Motors, lamps and solenoids
s General purpose power switching.
s EDS(AL)S ≤ 329 mJ
s RDSon = 5.9 mΩ (typ)
s ID ≤ 75 A
s Ptot ≤ 157 W.
Table 1:
Pinning - SOT78 and SOT404 simplified outlines and symbol
Pin
Description
Simplified outline
Symbol
1
gate (g)
SOT78 (TO-220AB)
SOT404 (D2-PAK)
2
drain (d)
[1]
3
source (s)
mb
mounting base,
connected to
drain (d)
MBK106
12
mb
3
13
2
MBK116
mb
s
d
g
MBB076


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn