Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGO807 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BGO807
Description  870 MHz optical receivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGO807 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BGO807_10 Datasheet HTML 3Page - NXP Semiconductors BGO807_10 Datasheet HTML 4Page - NXP Semiconductors BGO807_10 Datasheet HTML 5Page - NXP Semiconductors BGO807_10 Datasheet HTML 6Page - NXP Semiconductors BGO807_10 Datasheet HTML 7Page - NXP Semiconductors BGO807_10 Datasheet HTML 8Page - NXP Semiconductors BGO807_10 Datasheet HTML 9Page - NXP Semiconductors BGO807_10 Datasheet HTML 10Page - NXP Semiconductors BGO807_10 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
BGO807_FC0_SC0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 2 — 29 September 2010
8 of 11
NXP Semiconductors
BGO807/BGO807/FC0/SC0
870 MHz optical receivers
7.
Handling information
Fiberglass optical coupling: maximum tensile strength = 5 N; minimum bending
radius = 35 mm.
8.
Revision history
Table 6.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
BGO807_FC0_SC0 v.2
20100929
Product data sheet
-
BGO807_FC0_SC0 v.1
Modifications:
The format of this data sheet has been redesigned to comply with the new identity
guidelines of NXP Semiconductors.
Legal texts have been adapted to the new company name where appropriate.
Pinning information: presentation was modified, graphic symbols were added.
Package outline and simplified outline drawings have been updated to the latest version.
BGO807_FC0_SC0 v.1
(9397 750 13192)
20040707
Product data sheet
-
-


Similar Part No. - BGO807_10

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BGO807 JMNIC-BGO807_15 Datasheet
89Kb / 10P
   870 MHz optical receivers
More results

Similar Description - BGO807_10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGO807 PHILIPS-BGO807 Datasheet
82Kb / 10P
   870 MHz optical receivers
Rev. 01-7 July 2004
BGO827 NXP-BGO827_02 Datasheet
93Kb / 12P
   870 MHz optical receivers
2002 Dec 10
logo
Quanzhou Jinmei Electro...
BGO807 JMNIC-BGO807_15 Datasheet
89Kb / 10P
   870 MHz optical receivers
logo
NXP Semiconductors
BGO827 NXP-BGO827_10 Datasheet
313Kb / 11P
   870 MHz optical receivers
Rev. 5-29 September 2010
logo
Quanzhou Jinmei Electro...
BGO807_2015 JMNIC-BGO807_2015 Datasheet
89Kb / 10P
   870 MHz optical receivers
BGO827_2015 JMNIC-BGO827_2015 Datasheet
93Kb / 12P
   870 MHz optical receivers
BGO827 JMNIC-BGO827_15 Datasheet
93Kb / 12P
   870 MHz optical receivers
logo
NXP Semiconductors
BGO827 PHILIPS-BGO827 Datasheet
93Kb / 10P
   870 MHz optical receivers
2004 Apr 07
BGO747 PHILIPS-BGO747 Datasheet
86Kb / 12P
   750 MHz optical receivers
2002 Dec 03
CGO869 PHILIPS-CGO869 Datasheet
60Kb / 8P
   870 MHz optical receiver with integrated gain control
2003 Oct 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com