Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGO807 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BGO807
Description  870 MHz optical receivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGO807 Datasheet(HTML) 2 Page - NXP Semiconductors

  BGO807 Datasheet HTML 1Page - NXP Semiconductors BGO807 Datasheet HTML 2Page - NXP Semiconductors BGO807 Datasheet HTML 3Page - NXP Semiconductors BGO807 Datasheet HTML 4Page - NXP Semiconductors BGO807 Datasheet HTML 5Page - NXP Semiconductors BGO807 Datasheet HTML 6Page - NXP Semiconductors BGO807 Datasheet HTML 7Page - NXP Semiconductors BGO807 Datasheet HTML 8Page - NXP Semiconductors BGO807 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
BGO807_FC0_SC0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 2 — 29 September 2010
2 of 11
NXP Semiconductors
BGO807/BGO807/FC0/SC0
870 MHz optical receivers
1.4 Quick reference data
2.
Pinning information
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
f
frequency range
40
-
870
MHz
s22
output return losses
f = 40 MHz to 870 MHz
11
-
-
dB
optical input return losses
45
-
-
dB
d2
second order distortion
f = 854.5 MHz
-
-
55
dB
F
equivalent noise input
f = 40 MHz to 870 MHz
-
-
8.5
pA/
Hz
Itot
total current consumption
(DC)
VB = 24 V
175
-
205
mA
Table 2.
Pinning
Pin
Description
Simplified outline
Graphic symbol
BGO807 (SOT115T)
1
monitor current
2, 3
common
4+VB of the photodiode
5+VB of the amplifier
7, 8
common
9output
BGO807/FC0 (SOT115X)
1
monitor current
2, 3
common
4+VB of the photodiode
5+VB of the amplifier
7, 8
common
9output
BGO807/SC0 (SOT115Y)
1
monitor current
2, 3
common
4+VB of the photodiode
5+VB of the amplifier
7, 8
common
9output
9
1
57
sym098
1
2, 3, 7, 8
5
4
9
9
7
5
1
sym098
1
2, 3, 7, 8
5
4
9
9
7
5
1
sym098
1
2, 3, 7, 8
5
4
9


Similar Part No. - BGO807

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGO807 PHILIPS-BGO807 Datasheet
82Kb / 10P
   870 MHz optical receivers
Rev. 01-7 July 2004
BGO807/FC0 PHILIPS-BGO807/FC0 Datasheet
82Kb / 10P
   870 MHz optical receivers
Rev. 01-7 July 2004
BGO807/SC0 PHILIPS-BGO807/SC0 Datasheet
82Kb / 10P
   870 MHz optical receivers
Rev. 01-7 July 2004
BGO807C NXP-BGO807C Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BGO807CE NXP-BGO807CE Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - BGO807

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGO807 PHILIPS-BGO807 Datasheet
82Kb / 10P
   870 MHz optical receivers
Rev. 01-7 July 2004
BGO827 NXP-BGO827_02 Datasheet
93Kb / 12P
   870 MHz optical receivers
2002 Dec 10
logo
Quanzhou Jinmei Electro...
BGO807 JMNIC-BGO807_15 Datasheet
89Kb / 10P
   870 MHz optical receivers
logo
NXP Semiconductors
BGO827 NXP-BGO827_10 Datasheet
313Kb / 11P
   870 MHz optical receivers
Rev. 5-29 September 2010
logo
Quanzhou Jinmei Electro...
BGO807_2015 JMNIC-BGO807_2015 Datasheet
89Kb / 10P
   870 MHz optical receivers
BGO827_2015 JMNIC-BGO827_2015 Datasheet
93Kb / 12P
   870 MHz optical receivers
BGO827 JMNIC-BGO827_15 Datasheet
93Kb / 12P
   870 MHz optical receivers
logo
NXP Semiconductors
BGO827 PHILIPS-BGO827 Datasheet
93Kb / 10P
   870 MHz optical receivers
2004 Apr 07
BGO747 PHILIPS-BGO747 Datasheet
86Kb / 12P
   750 MHz optical receivers
2002 Dec 03
CGO869 PHILIPS-CGO869 Datasheet
60Kb / 8P
   870 MHz optical receiver with integrated gain control
2003 Oct 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com