Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LV4020DB Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74LV4020DB
Description  14-stage binary ripple counter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LV4020DB Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74LV4020DB Datasheet HTML 5Page - NXP Semiconductors 74LV4020DB Datasheet HTML 6Page - NXP Semiconductors 74LV4020DB Datasheet HTML 7Page - NXP Semiconductors 74LV4020DB Datasheet HTML 8Page - NXP Semiconductors 74LV4020DB Datasheet HTML 9Page - NXP Semiconductors 74LV4020DB Datasheet HTML 10Page - NXP Semiconductors 74LV4020DB Datasheet HTML 11Page - NXP Semiconductors 74LV4020DB Datasheet HTML 12Page - NXP Semiconductors 74LV4020DB Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
74LV4020_1
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 29 November 2005
9 of 20
Philips Semiconductors
74LV4020
14-stage binary ripple counter
12. Dynamic characteristics
Table 8:
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); CL = 50 pF; for test circuit see Figure 9.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Tamb = −40 °C to +85 °C [1]
tPHL,
tPLH
propagation delay
CP to Q0
see Figure 7
VCC = 1.2 V
-
60
-
ns
VCC = 2.0 V
-
27
43
ns
VCC = 2.7 V
-
19
31
ns
VCC = 3.0 V to 3.6 V
-
16
26
ns
VCC = 4.5 V to 5.5 V
-
11
17
ns
VCC = 3.3 V; CL = 15 pF
-
12
-
ns
Qn to Q(n+1)
see Figure 7
VCC = 1.2 V
-
40
-
ns
VCC = 2.0 V
-
18
29
ns
VCC = 2.7 V
-
13
21
ns
VCC = 3.0 V to 3.6 V
-
11
18
ns
VCC = 4.5 V to 5.5 V
-
7
12
ns
VCC = 3.3 V; CL = 15 pF
-
7
-
ns
tPHL
propagation delay
MR to Qn
see Figure 8
VCC = 1.2 V
-
55
-
ns
VCC = 2.0 V
-
27
44
ns
VCC = 2.7 V
-
19
31
ns
VCC = 3.0 V to 3.6 V
-
16
26
ns
VCC = 4.5 V to 5.5 V
-
11
17
ns
VCC = 3.3 V; CL = 15 pF
-
16
-
ns
tW
pulse width
CP (HIGH and LOW)
see Figure 7
VCC = 2.0 V
35
7
-
ns
VCC = 2.7 V
25
5
-
ns
VCC = 3.0 V to 3.6 V
20
4
-
ns
VCC = 4.5 V to 5.5 V
15
3
-
ns
MR (HIGH)
see Figure 8
VCC = 2.0 V
35
11
-
ns
VCC = 2.7 V
25
9
-
ns
VCC = 3.0 V to 3.6 V
20
8
-
ns
VCC = 4.5 V to 5.5 V
15
7
-
ns


Similar Part No. - 74LV4020DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV4040 PHILIPS-74LV4040 Datasheet
133Kb / 14P
   12-stage binary ripple counter
1998 Jun 23
logo
Texas Instruments
74LV4040A TI-74LV4040A Datasheet
795Kb / 19P
[Old version datasheet]   12-BIT ASYNCHRONOUS BINARY COUNTERS
logo
NXP Semiconductors
74LV4040D PHILIPS-74LV4040D Datasheet
133Kb / 14P
   12-stage binary ripple counter
1998 Jun 23
74LV4040DB PHILIPS-74LV4040DB Datasheet
133Kb / 14P
   12-stage binary ripple counter
1998 Jun 23
74LV4040N PHILIPS-74LV4040N Datasheet
133Kb / 14P
   12-stage binary ripple counter
1998 Jun 23
More results

Similar Description - 74LV4020DB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC4020A ONSEMI-MC74HC4020A Datasheet
167Kb / 8P
   14-Stage Binary Ripple Counter
March, 2000 ??Rev. 2
logo
Nexperia B.V. All right...
74HCT4020-Q100 NEXPERIA-74HCT4020-Q100 Datasheet
272Kb / 16P
   14-stage binary ripple counter
Rev. 2 - 18 June 2020
logo
Motorola, Inc
MC74AC4020 MOTOROLA-MC74AC4020 Datasheet
141Kb / 5P
   14-STAGE BINARY RIPPLE COUNTER
logo
NXP Semiconductors
74HC4020 PHILIPS-74HC4020 Datasheet
49Kb / 7P
   14-stage binary ripple counter
September 1993
logo
ON Semiconductor
MC74HC4020A ONSEMI-MC74HC4020A_14 Datasheet
123Kb / 8P
   14-Stage Binary Ripple Counter
August, 2014 ??Rev. 8
logo
Nexperia B.V. All right...
74HC4020-Q100 NEXPERIA-74HC4020-Q100 Datasheet
781Kb / 18P
   14-stage binary ripple counter
74HCT4020 NEXPERIA-74HCT4020 Datasheet
277Kb / 16P
   14-stage binary ripple counter
Rev. 8 - 7 September 2021
logo
Toshiba Semiconductor
TC74VHC4020F TOSHIBA-TC74VHC4020F Datasheet
234Kb / 10P
   14-Stage Ripple Carry Binary Counter
logo
System Logic Semiconduc...
SL4020B SLS-SL4020B Datasheet
59Kb / 6P
   14 Stage Ripple-Carry Binary Counter/Divider
logo
STMicroelectronics
HCF4020B STMICROELECTRONICS-HCF4020B Datasheet
191Kb / 11P
   RIPPLE-CARRY BINARY COUNTER/DIVIDERS 14 STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com