Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMEG1030EH Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PMEG1030EH
Description  10 V, 3 A ultra low VF MEGA Schottky barrier rectifiers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMEG1030EH Datasheet(HTML) 4 Page - NXP Semiconductors

  PMEG1030EH_10 Datasheet HTML 1Page - NXP Semiconductors PMEG1030EH_10 Datasheet HTML 2Page - NXP Semiconductors PMEG1030EH_10 Datasheet HTML 3Page - NXP Semiconductors PMEG1030EH_10 Datasheet HTML 4Page - NXP Semiconductors PMEG1030EH_10 Datasheet HTML 5Page - NXP Semiconductors PMEG1030EH_10 Datasheet HTML 6Page - NXP Semiconductors PMEG1030EH_10 Datasheet HTML 7Page - NXP Semiconductors PMEG1030EH_10 Datasheet HTML 8Page - NXP Semiconductors PMEG1030EH_10 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
PMEG1030EH_EJ_4
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 15 January 2010
4 of 9
NXP Semiconductors
PMEG1030EH; PMEG1030EJ
10 V, 3 A ultra low VF MEGA Schottky barrier rectifiers
7.
Characteristics
[1]
Pulse test: tp ≤ 300 μs; δ≤ 0.02.
Table 8.
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VF
forward voltage
[1]
IF = 0.01 A
-
100
130
mV
IF = 0.1 A
-
170
200
mV
IF = 1 A
-
280
350
mV
IF = 3 A
-
390
530
mV
IR
reverse current
VR = 5 V
-
0.55
2
mA
VR =8V
-
0.8
2.5
mA
VR =10V
-
1
3
mA
Cd
diode capacitance
VR =1V; f = 1MHz
-
70
85
pF
(1) Tamb = 125 °C
(2) Tamb =85 °C
(3) Tamb =25 °C
(4) Tamb = −40 °C
(1) Tamb = 125 °C
(2) Tamb =85 °C
(3) Tamb =25 °C
(4) Tamb = −40 °C
Fig 1.
Forward current as a function of forward
voltage; typical values
Fig 2.
Reverse current as a function of reverse
voltage; typical values
006aaa290
10
1
103
102
104
IF
(mA)
10−1
VF (V)
0
0.4
0.5
0.3
0.1
0.2
(1)
(3)
(4)
(2)
006aaa291
103
10
102
105
104
106
IR
(
μA)
1
VR (V)
010
8
46
2
(1)
(2)
(3)
(4)


Similar Part No. - PMEG1030EH_10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG1030EH PHILIPS-PMEG1030EH_15 Datasheet
113Kb / 9P
   10 V, 3 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 04-15 January 2010
More results

Similar Description - PMEG1030EH_10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG1030EJ115 PHILIPS-PMEG1030EJ115 Datasheet
101Kb / 10P
   10 V, 3 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 04-15 January 2010
PMEG1030EH PHILIPS-PMEG1030EH_15 Datasheet
113Kb / 9P
   10 V, 3 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 04-15 January 2010
PMEG1020EH NXP-PMEG1020EH Datasheet
113Kb / 9P
   10 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 04-15 January 2010
PMEG1020EH PHILIPS-PMEG1020EH Datasheet
56Kb / 9P
   10 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 03-14 April 2005
PMEG1020EH PHILIPS-PMEG1020EH_15 Datasheet
113Kb / 9P
   10 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 04-15 January 2010
PMEG3015EH NXP-PMEG3015EH_10 Datasheet
115Kb / 9P
   30 V, 1.5 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 03-13 January 2010
PMEG3015EH PHILIPS-PMEG3015EH_15 Datasheet
115Kb / 9P
   30 V, 1.5 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 03-13 January 2010
logo
Nexperia B.V. All right...
PMEG3020EH NEXPERIA-PMEG3020EH Datasheet
685Kb / 9P
   30 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 04 - 4 February 2010
logo
NXP Semiconductors
PMEG3020EJ PHILIPS-PMEG3020EJ Datasheet
58Kb / 9P
   30 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 03-31 May 2005
PMEG3020EH NXP-PMEG3020EH Datasheet
114Kb / 9P
   30 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 04-4 February 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com