Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHCT74BQ Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74AHCT74BQ
Description  Dual D-type flip-flop with set and reset; positive-edge trigger
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHCT74BQ Datasheet(HTML) 4 Page - NXP Semiconductors

  74AHCT74BQ Datasheet HTML 1Page - NXP Semiconductors 74AHCT74BQ Datasheet HTML 2Page - NXP Semiconductors 74AHCT74BQ Datasheet HTML 3Page - NXP Semiconductors 74AHCT74BQ Datasheet HTML 4Page - NXP Semiconductors 74AHCT74BQ Datasheet HTML 5Page - NXP Semiconductors 74AHCT74BQ Datasheet HTML 6Page - NXP Semiconductors 74AHCT74BQ Datasheet HTML 7Page - NXP Semiconductors 74AHCT74BQ Datasheet HTML 8Page - NXP Semiconductors 74AHCT74BQ Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
74AHC_AHCT74_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 9 June 2008
4 of 18
NXP Semiconductors
74AHC74; 74AHCT74
Dual D-type flip-flop with set and reset; positive-edge trigger
5.
Pinning information
5.1 Pinning
5.2 Pin description
(1)
The die substrate is attached to this pad using
conductive die attach material. It can not be used
as supply pin or input.
Fig 5.
Pin configuration SO14 and TSSOP14
Fig 6.
Pin configuration DHVQFN14
74
1RD
VCC
1D
2RD
1CP
2D
1SD
2CP
1Q
2SD
1Q
2Q
GND
2Q
001aac449
1
2
3
4
5
6
7
8
10
9
12
11
14
13
001aac450
74
Transparent top view
1Q
2Q
1Q
2SD
1SD
2CP
1CP
2D
1D
2RD
6
9
GND(1)
5
10
4
11
3
12
2
13
terminal 1
index area
Table 2.
Pin description
Symbol
Pin
Description
1RD
1
asynchronous reset direct input (active LOW)
1D
2
data input
1CP
3
clock input (LOW to HIGH, edge-triggered)
1SD
4
asynchronous set direct input (active LOW)
1Q
5
true flip-flop output
1Q
6
complement flip-flop output
GND
7
ground (0 V)
2Q
8
complement flip-flop output
2Q
9
true flip-flop output
2SD
10
asynchronous set direct input (active LOW)
2CP
11
clock input (LOW to HIGH, edge-triggered)
2D
12
data input
2RD
13
asynchronous reset direct input (active LOW)
VCC
14
supply voltage


Similar Part No. - 74AHCT74BQ

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AHCT74BQ NEXPERIA-74AHCT74BQ Datasheet
256Kb / 15P
   Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 8 - 22 April 2020
74AHCT74BQ-Q100 NEXPERIA-74AHCT74BQ-Q100 Datasheet
752Kb / 19P
   Dual D-type flip-flop with set and reset positive-edge trigger
More results

Similar Description - 74AHCT74BQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC74A PHILIPS-74LVC74A Datasheet
99Kb / 10P
   Dual D-type flip-flop with set and reset; positive-edge trigger
1998 Jun 17
logo
Integral Corp.
IN74LV74 INTEGRAL-IN74LV74 Datasheet
161Kb / 7P
   Dual D-type flip-flop with set and reset; positive-edge trigger
logo
Nexperia B.V. All right...
74HC74-Q100 NEXPERIA-74HC74-Q100 Datasheet
798Kb / 19P
   Dual D-type flip-flop with set and reset; positive edge-trigger
74LVC74A-Q100 NEXPERIA-74LVC74A-Q100 Datasheet
722Kb / 18P
   Dual D-type flip-flop with set and reset; positive-edge trigger
74LV74 NEXPERIA-74LV74 Datasheet
251Kb / 15P
   Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 5 - 24 March 2021
74LV74-Q100 NEXPERIA-74LV74-Q100 Datasheet
1Mb / 17P
   Dual D-type flip-flop with set and reset; positive-edge trigger
74AHC74-Q100 NEXPERIA-74AHC74-Q100 Datasheet
752Kb / 19P
   Dual D-type flip-flop with set and reset positive-edge trigger
74ABT74 NEXPERIA-74ABT74 Datasheet
227Kb / 13P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 3 - 12 October 2020
74LVC74A NEXPERIA-74LVC74A Datasheet
266Kb / 16P
   Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 9 - 20 August 2021
logo
NXP Semiconductors
74LV74 PHILIPS-74LV74 Datasheet
125Kb / 12P
   Dual D-type flip-flop with set and reset; positive-edge trigger
1998 Apr 20
74HC74D-T NXP-74HC74D-T Datasheet
125Kb / 22P
   Dual D-type flip-flop with set and reset; positive-edge trigger
2003 Jul 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com