Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVTH2245DB Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74LVTH2245DB
Description  3.3 V octal transceiver with 30 W termination resistors; 3-state
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVTH2245DB Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74LVTH2245DB Datasheet HTML 2Page - NXP Semiconductors 74LVTH2245DB Datasheet HTML 3Page - NXP Semiconductors 74LVTH2245DB Datasheet HTML 4Page - NXP Semiconductors 74LVTH2245DB Datasheet HTML 5Page - NXP Semiconductors 74LVTH2245DB Datasheet HTML 6Page - NXP Semiconductors 74LVTH2245DB Datasheet HTML 7Page - NXP Semiconductors 74LVTH2245DB Datasheet HTML 8Page - NXP Semiconductors 74LVTH2245DB Datasheet HTML 9Page - NXP Semiconductors 74LVTH2245DB Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
74LVT_LVTH2245_4
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 04 — 24 April 2006
6 of 15
Philips Semiconductors
74LVT2245; 74LVTH2245
3.3 V octal transceiver with 30
Ω termination resistors; 3-state
10. Static characteristics
IOL
LOW-state output current
-
-
12
mA
∆t/∆V
input transition rise and
fall rate
outputs enabled
-
-
10
ns/V
Tamb
ambient temperature
in free-air
−40
-
+85
°C
Table 6.
Recommended operating conditions …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 7.
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tamb = −40 °C to +85 °C [1]
VIK
input clamping voltage
VCC = 2.7 V; IIK = −18 mA
-
−0.9
−1.2
V
VOH
HIGH-state output voltage
VCC = 3.0 V; IOH = −12 mA
2.0
2.2
-
V
VOL
LOW-state output voltage
VCC = 3.0 V; IOL = 12 mA
-
-
0.8
V
ILI
input leakage current
control pins
VCC = 0 V or 3.6 V; VI = 5.5 V
-
1
10
µA
VCC = 3.6 V; VI = VCC or GND
-
±0.1
±1
µA
I/O data pins; VCC = 3.6 V
[2]
VI = 5.5 V
-
1
20
µA
VI = VCC
-
0.1
1
µA
VI = 0 V
-
−1
−5
µA
IOFF
power-off leakage current
VCC = 0 V;
VI or VO = 0 V to 4.5 V
-1
±100
µA
IHOLD
bus hold current data input
VCC = 3 V
[3]
VI = 0.8 V
75
150
-
µA
VI = 2.0 V
−75
−150
-
µA
VCC = 0 V to 3.6 V
VI = 3.6 V
±500
-
-
µA
IEX
external current into output output in HIGH-state when
VO >VCC; VO = 5.5 V;
VCC = 3.0 V
-
60
125
µA
IO(pu/pd)
power-up/power-down
output current
VCC ≤ 1.2 V; VO = 0.5 V to VCC;
VI = GND or VCC;
OE = don’t care
[4] -15
±100
µA
ICC
quiescent supply current
VCC = 3.6 V; VI = GND or VCC;
IO =0A
outputs HIGH
-
0.13
0.19
mA
outputs LOW
-
3
12
mA
outputs disabled
[5] -
0.13
0.19
mA


Similar Part No. - 74LVTH2245DB

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVTH2245D NEXPERIA-74LVTH2245D Datasheet
237Kb / 12P
   3.3 V octal transceiver with 30 Ω termination resistors; 3-state
Rev. 7 - 17 August 2021
logo
Texas Instruments
74LVTH2245DGVRE4 TI-74LVTH2245DGVRE4 Datasheet
590Kb / 17P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74LVTH2245DGVRG4 TI-74LVTH2245DGVRG4 Datasheet
590Kb / 17P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - 74LVTH2245DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT_LVTH2245 PHILIPS-74LVT_LVTH2245_15 Datasheet
99Kb / 15P
   3.3 V octal transceiver with 30 W termination resistors; 3-state
Rev. 04-24 April 2006
logo
Nexperia B.V. All right...
74LVTH2245 NEXPERIA-74LVTH2245 Datasheet
237Kb / 12P
   3.3 V octal transceiver with 30 Ω termination resistors; 3-state
Rev. 7 - 17 August 2021
logo
NXP Semiconductors
74LVTH322245 PHILIPS-74LVTH322245_15 Datasheet
98Kb / 12P
   3.3 V 32-bit bus transceiver with 30 W termination resistors; 3-state
Rev. 01-24 January 2007
74LVTH322245 NXP-74LVTH322245 Datasheet
90Kb / 12P
   3.3 V 32-bit bus transceiver with 30 W termination resistors; 3-state
Rev. 01-24 January 2007
logo
Nexperia B.V. All right...
74LVT162245B NEXPERIA-74LVT162245B Datasheet
223Kb / 11P
   3.3 V 16-bit transceiver with 30 Ω termination resistors; 3-state
Rev. 4 - 6 August 2021
74LVT2244 NEXPERIA-74LVT2244 Datasheet
231Kb / 13P
   3.3 V octal buffer/line driver with 30 Ω termination resistors; 3-state
Rev. 4 - 17 May 2021
74LVT2241 NEXPERIA-74LVT2241 Datasheet
235Kb / 13P
   3.3 V octal buffer/line driver with 30 Ω series termination resistors; 3-state
Rev. 3 - 17 February 2021
logo
NXP Semiconductors
74LVT2245 PHILIPS-74LVT2245 Datasheet
93Kb / 10P
   3.3V Octal transceiver with 30ohm termination resistors 3-State
1998 Feb 19
74LVC2245A PHILIPS-74LVC2245A_15 Datasheet
297Kb / 16P
   Octal transceiver with direction pin, 30 series termination resistors; 5 V tolerant input/output; 3-state
Rev. 5-4 November 2011
74LVT245B PHILIPS-74LVT245B_15 Datasheet
111Kb / 15P
   3.3 V octal transceiver with direction pin (3-state)
Rev. 02-8 May 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com