Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVTH2245DB Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74LVTH2245DB
Description  3.3 V octal transceiver with 30 W termination resistors; 3-state
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVTH2245DB Datasheet(HTML) 1 Page - NXP Semiconductors

  74LVTH2245DB Datasheet HTML 1Page - NXP Semiconductors 74LVTH2245DB Datasheet HTML 2Page - NXP Semiconductors 74LVTH2245DB Datasheet HTML 3Page - NXP Semiconductors 74LVTH2245DB Datasheet HTML 4Page - NXP Semiconductors 74LVTH2245DB Datasheet HTML 5Page - NXP Semiconductors 74LVTH2245DB Datasheet HTML 6Page - NXP Semiconductors 74LVTH2245DB Datasheet HTML 7Page - NXP Semiconductors 74LVTH2245DB Datasheet HTML 8Page - NXP Semiconductors 74LVTH2245DB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1.
General description
The 74LVT2245; 74LVTH2245 is a high-performance BiCMOS product designed for VCC
operation at 3.3 V.
This device is an octal transceiver featuring non-inverting 3-state bus compatible outputs
in both send and receive directions. The control function implementation minimizes
external timing requirements. The device features an output enable input (OE) for easy
cascading and a direction input (DIR) for direction control.
The 74LVT2245; 74LVTH2245 is designed with 30
Ω series resistance in both the
HIGH-state and LOW-state of the output. This design reduces line noise in applications
such as memory address drivers, clock drivers and bus transceivers and transmitters.
2.
Features
I 30 Ω output termination resistors
I Octal bidirectional bus interface
I 3-state buffers
I Output capability: +12 mA and −12 mA
I TTL input and output switching levels
I Input and output interface capability to systems at 5 V supply
I Bus hold data inputs eliminate need for external pull-up resistors to hold unused inputs
I Live insertion and extraction permitted
I Power-up 3-state
I No bus current loading when output is tied to 5 V bus
I Latch-up protection:
N JESD78: exceeds 500 mA
I ESD protection:
N MIL STD 883 method 3015: exceeds 2000 V
N Machine model: exceeds 200 V
74LVT2245; 74LVTH2245
3.3 V octal transceiver with 30
Ω termination resistors; 3-state
Rev. 04 — 24 April 2006
Product data sheet


Similar Part No. - 74LVTH2245DB

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVTH2245D NEXPERIA-74LVTH2245D Datasheet
237Kb / 12P
   3.3 V octal transceiver with 30 Ω termination resistors; 3-state
Rev. 7 - 17 August 2021
logo
Texas Instruments
74LVTH2245DGVRE4 TI-74LVTH2245DGVRE4 Datasheet
590Kb / 17P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74LVTH2245DGVRG4 TI-74LVTH2245DGVRG4 Datasheet
590Kb / 17P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - 74LVTH2245DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT_LVTH2245 PHILIPS-74LVT_LVTH2245_15 Datasheet
99Kb / 15P
   3.3 V octal transceiver with 30 W termination resistors; 3-state
Rev. 04-24 April 2006
logo
Nexperia B.V. All right...
74LVTH2245 NEXPERIA-74LVTH2245 Datasheet
237Kb / 12P
   3.3 V octal transceiver with 30 Ω termination resistors; 3-state
Rev. 7 - 17 August 2021
logo
NXP Semiconductors
74LVTH322245 PHILIPS-74LVTH322245_15 Datasheet
98Kb / 12P
   3.3 V 32-bit bus transceiver with 30 W termination resistors; 3-state
Rev. 01-24 January 2007
74LVTH322245 NXP-74LVTH322245 Datasheet
90Kb / 12P
   3.3 V 32-bit bus transceiver with 30 W termination resistors; 3-state
Rev. 01-24 January 2007
logo
Nexperia B.V. All right...
74LVT162245B NEXPERIA-74LVT162245B Datasheet
223Kb / 11P
   3.3 V 16-bit transceiver with 30 Ω termination resistors; 3-state
Rev. 4 - 6 August 2021
74LVT2244 NEXPERIA-74LVT2244 Datasheet
231Kb / 13P
   3.3 V octal buffer/line driver with 30 Ω termination resistors; 3-state
Rev. 4 - 17 May 2021
74LVT2241 NEXPERIA-74LVT2241 Datasheet
235Kb / 13P
   3.3 V octal buffer/line driver with 30 Ω series termination resistors; 3-state
Rev. 3 - 17 February 2021
logo
NXP Semiconductors
74LVT2245 PHILIPS-74LVT2245 Datasheet
93Kb / 10P
   3.3V Octal transceiver with 30ohm termination resistors 3-State
1998 Feb 19
74LVC2245A PHILIPS-74LVC2245A_15 Datasheet
297Kb / 16P
   Octal transceiver with direction pin, 30 series termination resistors; 5 V tolerant input/output; 3-state
Rev. 5-4 November 2011
74LVT245B PHILIPS-74LVT245B_15 Datasheet
111Kb / 15P
   3.3 V octal transceiver with direction pin (3-state)
Rev. 02-8 May 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com