Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHCT30D Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74AHCT30D
Description  8-input NAND gate
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHCT30D Datasheet(HTML) 3 Page - NXP Semiconductors

  74AHCT30D Datasheet HTML 1Page - NXP Semiconductors 74AHCT30D Datasheet HTML 2Page - NXP Semiconductors 74AHCT30D Datasheet HTML 3Page - NXP Semiconductors 74AHCT30D Datasheet HTML 4Page - NXP Semiconductors 74AHCT30D Datasheet HTML 5Page - NXP Semiconductors 74AHCT30D Datasheet HTML 6Page - NXP Semiconductors 74AHCT30D Datasheet HTML 7Page - NXP Semiconductors 74AHCT30D Datasheet HTML 8Page - NXP Semiconductors 74AHCT30D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
74AHC_AHCT30_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 26 June 2009
3 of 14
NXP Semiconductors
74AHC30; 74AHCT30
8-input NAND gate
5.
Pinning information
5.1 Pinning
5.2 Pin description
(1) The die substrate is attached to this pad using
conductive die attach material. It can not be used as a
supply pin or input.
Fig 4.
Pin configuration SO14 and TSSOP14
Fig 5.
Pin configuration DHVQFN14
74AHC30
74AHCT30
AVCC
B
n.c.
CH
DG
E
n.c.
F
n.c.
GND
Y
001aai162
1
2
3
4
5
6
7
8
10
9
12
11
14
13
001aak237
74AHC30
74AHCT30
Transparent top view
F
GND(1)
n.c.
E
n.c.
DG
CH
B
n.c.
6
9
5
10
4
11
3
12
2
13
terminal 1
index area
Table 2.
Pin description
Symbol
Pin
Description
A
1
data input
B
2
data input
C
3
data input
D
4
data input
E
5
data input
F
6
data input
GND
7
ground (0 V)
Y
8
data output
n.c.
9
not connected
n.c.
10
not connected
G
11
data input
H
12
data input
n.c.
13
not connected
VCC
14
supply voltage


Similar Part No. - 74AHCT30D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHCT30D PHILIPS-74AHCT30D Datasheet
75Kb / 16P
   8-input NAND gate
1999 Nov 30
logo
Nexperia B.V. All right...
74AHCT30D NEXPERIA-74AHCT30D Datasheet
255Kb / 16P
   8-input NAND gate
Rev. 5 - 6 May 2020
74AHCT30D-Q100 NEXPERIA-74AHCT30D-Q100 Datasheet
704Kb / 15P
   Automotive product qualification in accordance with AEC-Q100
More results

Similar Description - 74AHCT30D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HCT30 STMICROELECTRONICS-M54HCT30 Datasheet
233Kb / 9P
   8 INPUT NAND GATE
logo
Fairchild Semiconductor
DM74AS30 FAIRCHILD-DM74AS30 Datasheet
45Kb / 4P
   8 Input NAND Gate
logo
Hitachi Semiconductor
HD74HC30 HITACHI-HD74HC30 Datasheet
45Kb / 8P
   8-input NAND Gate
logo
National Semiconductor ...
54LS30 NSC-54LS30 Datasheet
120Kb / 6P
   8-Input NAND Gate
logo
STMicroelectronics
M54HC30 STMICROELECTRONICS-M54HC30 Datasheet
234Kb / 9P
   8 INPUT NAND GATE
logo
Fairchild Semiconductor
DM74ALS30A FAIRCHILD-DM74ALS30A Datasheet
59Kb / 5P
   8-Input NAND Gate
logo
Integral Corp.
IN74HC30A INTEGRAL-IN74HC30A Datasheet
244Kb / 5P
   8-Input NAND Gate
logo
National Semiconductor ...
MM74HC30 NSC-MM74HC30 Datasheet
100Kb / 4P
   8-Input NAND Gate
logo
Hitachi Semiconductor
HD14068B HITACHI-HD14068B Datasheet
67Kb / 7P
   8-input NAND Gate
logo
KODENSHI_AUK CORP.
KK74HC30A KODENSHI-KK74HC30A Datasheet
260Kb / 5P
   8-Input NAND Gate
logo
STMicroelectronics
M74HCT30 STMICROELECTRONICS-M74HCT30 Datasheet
138Kb / 8P
   8-INPUT NAND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com