Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTA412Y-800B Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BTA412Y-800B
Description  12 A three-quadrant triacs, insulated, high commutation, high temperature
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BTA412Y-800B Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BTA412Y-800B Datasheet HTML 4Page - NXP Semiconductors BTA412Y-800B Datasheet HTML 5Page - NXP Semiconductors BTA412Y-800B Datasheet HTML 6Page - NXP Semiconductors BTA412Y-800B Datasheet HTML 7Page - NXP Semiconductors BTA412Y-800B Datasheet HTML 8Page - NXP Semiconductors BTA412Y-800B Datasheet HTML 9Page - NXP Semiconductors BTA412Y-800B Datasheet HTML 10Page - NXP Semiconductors BTA412Y-800B Datasheet HTML 11Page - NXP Semiconductors BTA412Y-800B Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
BTA412Y_SER_B_C_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 11 March 2008
9 of 12
NXP Semiconductors
BTA412Y series B and C
12 A 3-quadrant triacs, insulated, high commutation, high temperature
9.
Package outline
Fig 12. Package outline SOT78D (TO-220)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT78D
TO-220
SOT78D
07-04-04
07-07-10
UNIT
A
mm
4.7
4.3
1.40
1.25
0.9
0.6
0.6
0.4
16.0
15.2
6.5
10.3
9.7
3.0
0.2
A1
DIMENSIONS (mm are the original dimensions)
Plastic single-ended package; isolated heatsink mounted; 1 mounting hole; 3-lead TO-220
0
5
10 mm
scale
b
c
D
D1
ref
E
e
2.54
L
14.0
12.8
L1
ref
p
3.7
3.5
Q
2.6
2.2
q
3.0
2.7
w
b2
1.72
1.32
b1
1.4
1.1
c
Q
A1
A
mounting
base
e
e
w M
p
b
b2
b1
D1
L
D
L1
q
E
12
3


Similar Part No. - BTA412Y-800B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA412Y-800B NXP-BTA412Y-800B Datasheet
86Kb / 12P
   12 A Three-quadrant triacs, insulated, high commutation, high temperature
Rev. 01-3 October 2007
logo
WeEn Semiconductors
BTA412Y-800B WEEN-BTA412Y-800B Datasheet
224Kb / 13P
   3Q Hi-Com Triac
More results

Similar Description - BTA412Y-800B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA412Y NXP-BTA412Y Datasheet
86Kb / 12P
   12 A Three-quadrant triacs, insulated, high commutation, high temperature
Rev. 01-3 October 2007
BTA312Y NXP-BTA312Y Datasheet
89Kb / 12P
   12 A Three-quadrant triacs high commutation insulated
Rev. 01-27 September 2007
BTA312 NXP-BTA312 Datasheet
81Kb / 12P
   12 A Three-quadrant triacs high commutation high temperature
Rev. 01- 6 April 2007
BTA312B NXP-BTA312B_1 Datasheet
87Kb / 12P
   12 A Three-quadrant triacs high commutation high temperature
Rev. 01-11 April 2007
BTA312 NXP-BTA312_1 Datasheet
89Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
BTA312X-600D NXP-BTA312X-600D Datasheet
94Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
BTA416Y NXP-BTA416Y Datasheet
82Kb / 12P
   16 A Three-quadrant triacs, insulated, high commutation, high temperature
Rev. 01-3 October 2007
BTA416Y-600B NXP-BTA416Y-600B Datasheet
90Kb / 12P
   16 A three-quadrant triacs insulated, high commutation, high temperature
Rev. 02-11 March 2008
BTA312-800B PHILIPS-BTA312-800B Datasheet
89Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-13 March 2007
BTA312X NXP-BTA312X Datasheet
86Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01 - 11 April 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com