Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHC139PW Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74AHC139PW
Description  Dual 2-to-4 line decoder/demultiplexer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHC139PW Datasheet(HTML) 3 Page - NXP Semiconductors

  74AHC139PW Datasheet HTML 1Page - NXP Semiconductors 74AHC139PW Datasheet HTML 2Page - NXP Semiconductors 74AHC139PW Datasheet HTML 3Page - NXP Semiconductors 74AHC139PW Datasheet HTML 4Page - NXP Semiconductors 74AHC139PW Datasheet HTML 5Page - NXP Semiconductors 74AHC139PW Datasheet HTML 6Page - NXP Semiconductors 74AHC139PW Datasheet HTML 7Page - NXP Semiconductors 74AHC139PW Datasheet HTML 8Page - NXP Semiconductors 74AHC139PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
74AHC_AHCT139_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 9 May 2008
3 of 14
NXP Semiconductors
74AHC139; 74AHCT139
Dual 2-to-4 line decoder/demultiplexer
5.
Pinning information
5.1 Pinning
5.2 Pin description
Fig 4.
Pin configuration
139
1E
VCC
1A0
2E
1A1
2A0
1Y0
2A1
1Y1
2Y0
1Y2
2Y1
1Y3
2Y2
GND
2Y3
001aad029
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
Table 2.
Pin description
Symbol
Pin
Description
1E
1
enable input (active LOW)
1A0
2
address input
1A1
3
address input
1Y0
4
output
1Y1
5
output
1Y2
6
output
1Y3
7
output
GND
8
ground (0 V)
2Y3
9
output
2Y2
10
output
2Y1
11
output
2Y0
12
output
2A1
13
address input
2A0
14
address input
2E
15
enable input (active LOW)
VCC
16
supply voltage


Similar Part No. - 74AHC139PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC139PW PHILIPS-74AHC139PW Datasheet
582Kb / 16P
   Dual 2-to-4 line decoder/demultiplexer
1999 Sep 01
logo
Nexperia B.V. All right...
74AHC139PW NEXPERIA-74AHC139PW Datasheet
592Kb / 14P
   Dual 2-to-4 line decoder/demultiplexer
Rev. 02 - 9 May 2008
74AHC139PW-Q100 NEXPERIA-74AHC139PW-Q100 Datasheet
696Kb / 16P
   Dual 2-to-4 line decoder/demultiplexer
logo
NXP Semiconductors
74AHC139PWDH PHILIPS-74AHC139PWDH Datasheet
582Kb / 16P
   Dual 2-to-4 line decoder/demultiplexer
1999 Sep 01
More results

Similar Description - 74AHC139PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC139 PHILIPS-74HC139 Datasheet
44Kb / 7P
   Dual 2-to-4 line decoder/demultiplexer
September 1993
74AHC139 PHILIPS-74AHC139 Datasheet
582Kb / 16P
   Dual 2-to-4 line decoder/demultiplexer
1999 Sep 01
logo
Texas Instruments
CD74AC139 TI-CD74AC139 Datasheet
31Kb / 7P
[Old version datasheet]   Dual 2-to-4-Line Decoder/Demultiplexer
logo
NXP Semiconductors
74AHC_AHCT139 PHILIPS-74AHC_AHCT139_15 Datasheet
91Kb / 14P
   Dual 2-to-4 line decoder/demultiplexer
Rev. 02-9 May 2008
74LVC139 PHILIPS-74LVC139_15 Datasheet
174Kb / 16P
   Dual 2-to-4 line decoder/demultiplexer
Rev. 5-19 October 2011
logo
Nexperia B.V. All right...
74HC139-Q100 NEXPERIA-74HC139-Q100 Datasheet
762Kb / 18P
   Dual 2-to-4 line decoder/demultiplexer
74HCT139 NEXPERIA-74HCT139 Datasheet
243Kb / 13P
   Dual 2-to-4 line decoder/demultiplexer
Rev. 5 - 14 January 2021
logo
Texas Instruments
74ACT11139 TI-74ACT11139 Datasheet
93Kb / 6P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
logo
Nexperia B.V. All right...
74AHC139-Q100 NEXPERIA-74AHC139-Q100 Datasheet
696Kb / 16P
   Dual 2-to-4 line decoder/demultiplexer
74LVC139 NEXPERIA-74LVC139 Datasheet
252Kb / 14P
   Dual 2-to-4 line decoder/demultiplexer
Rev. 6 - 24 September 2021
74HCT139-Q100 NEXPERIA-74HCT139-Q100 Datasheet
242Kb / 13P
   Dual 2-to-4 line decoder/demultiplexer
Rev. 2 - 14 January 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com