Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEMD30 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PEMD30
Description  NPN/PNP double resistor-equipped transistors R1 = 2.2 kW, R2 = open
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PEMD30 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PEMD30 Datasheet HTML 3Page - NXP Semiconductors PEMD30 Datasheet HTML 4Page - NXP Semiconductors PEMD30 Datasheet HTML 5Page - NXP Semiconductors PEMD30 Datasheet HTML 6Page - NXP Semiconductors PEMD30 Datasheet HTML 7Page - NXP Semiconductors PEMD30 Datasheet HTML 8Page - NXP Semiconductors PEMD30 Datasheet HTML 9Page - NXP Semiconductors PEMD30 Datasheet HTML 10Page - NXP Semiconductors PEMD30 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
PEMD30_PUMD30_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 31 March 2006
7 of 11
Philips Semiconductors
PEMD30; PUMD30
NPN/PNP double resistor-equipped transistors; R1 = 2.2 k
Ω, R2 = open
10. Soldering
Dimensions in mm
Fig 7.
Reflow soldering footprint SOT363 (SC-88)
Fig 8.
Wave soldering footprint SOT363 (SC-88)
MSA432
solder lands
solder resist
occupied area
solder paste
1.20
2.40
0.50
(4
×)
0.40
(2
×) 0.90 2.10
0.50
(4
×)
0.60
(2
×)
2.35
2.65
solder lands
solder resist
occupied area
1.15
3.75
transport direction during soldering
1.00
0.30
4.00
4.50
5.25
sot363
Dimensions in mm


Similar Part No. - PEMD30

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PEMD30 NEXPERIA-PEMD30 Datasheet
223Kb / 11P
   50 V, 100 mA NPN/PNP resistor-equipped double transistor; R1 = 2.2 kΩ, R2 = open
18 January 2023
PEMD30 NEXPERIA-PEMD30 Datasheet
83Kb / 11P
   NPN/PNP double resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 01 - 31 March 2006
PEMD30 NEXPERIA-PEMD30_V01 Datasheet
83Kb / 11P
   NPN/PNP double resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 01 - 31 March 2006
More results

Similar Description - PEMD30

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PEMD30 NEXPERIA-PEMD30_V01 Datasheet
83Kb / 11P
   NPN/PNP double resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 01 - 31 March 2006
logo
NXP Semiconductors
PEMB30_PUMB30 PHILIPS-PEMB30_PUMB30_15 Datasheet
76Kb / 10P
   PNP/PNP double resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 02-2 September 2009
PEMB30 NXP-PEMB30 Datasheet
76Kb / 10P
   PNP/PNP double resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 02-2 September 2009
logo
Nexperia B.V. All right...
PEMB30 NEXPERIA-PEMB30 Datasheet
191Kb / 11P
   PNP/PNP double resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 02 - 2 September 2009
logo
NXP Semiconductors
PEMH30 NXP-PEMH30_06 Datasheet
79Kb / 10P
   NPN/NPN double resistor-equipped transistors R1 = 2.2 kW, R2 = open
Rev. 01-28 March 2006
PEMH30_PUMH30 PHILIPS-PEMH30_PUMH30_15 Datasheet
79Kb / 10P
   NPN/NPN double resistor-equipped transistors R1 = 2.2 kW, R2 = open
Rev. 01-28 March 2006
logo
Nexperia B.V. All right...
PDTA123T_SER NEXPERIA-PDTA123T_SER Datasheet
198Kb / 11P
   PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 02 - 3 September 2009
logo
NXP Semiconductors
PDTA123T NXP-PDTA123T Datasheet
83Kb / 10P
   PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 02-3 September 2009
logo
Nexperia B.V. All right...
PDTC123T_SER NEXPERIA-PDTC123T_SER Datasheet
585Kb / 10P
   NPN resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 01 - 10 March 2006
logo
NXP Semiconductors
PDTC123TM NXP-PDTC123TM Datasheet
85Kb / 10P
   NPN resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 01-10 March 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com