Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMEG3010EJ Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PMEG3010EJ
Description  1 A very low VF MEGA Schottky barrier rectifiers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMEG3010EJ Datasheet(HTML) 1 Page - NXP Semiconductors

  PMEG3010EJ Datasheet HTML 1Page - NXP Semiconductors PMEG3010EJ Datasheet HTML 2Page - NXP Semiconductors PMEG3010EJ Datasheet HTML 3Page - NXP Semiconductors PMEG3010EJ Datasheet HTML 4Page - NXP Semiconductors PMEG3010EJ Datasheet HTML 5Page - NXP Semiconductors PMEG3010EJ Datasheet HTML 6Page - NXP Semiconductors PMEG3010EJ Datasheet HTML 7Page - NXP Semiconductors PMEG3010EJ Datasheet HTML 8Page - NXP Semiconductors PMEG3010EJ Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1.
Product profile
1.1 General description
Planar Maximum Efficiency General Application (MEGA) Schottky barrier rectifiers with an
integrated guard ring for stress protection, encapsulated in small Surface-Mounted
Device (SMD) plastic packages.
1.2 Features
I Forward current: IF ≤ 1A
I Reverse voltage: VR ≤ 30 V
I Very low forward voltage
I Small SMD plastic packages
1.3 Applications
I Low voltage rectification
I High efficiency DC-to-DC conversion
I Switch mode power supply
I Reverse polarity protection
I Low power consumption applications
1.4 Quick reference data
[1]
Pulse test: tp ≤ 300 µs; δ≤ 0.02.
PMEG3010EH; PMEG3010EJ;
PMEG3010ET
1 A very low VF MEGA Schottky barrier rectifiers
Rev. 04 — 20 March 2007
Product data sheet
Table 1.
Product overview
Type number
Package
Configuration
NXP
JEITA
JEDEC
PMEG3010EH
SOD123F
-
-
single
PMEG3010EJ
SOD323F
SC-90
-
single
PMEG3010ET
SOT23
-
TO-236AB
single
Table 2.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IF
forward current
Tsp ≤ 55 °C
--1
A
VR
reverse voltage
-
-
30
V
VF
forward voltage
IF = 1000 mA
[1] -
450
560
mV


Similar Part No. - PMEG3010EJ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG3010EJ PHILIPS-PMEG3010EJ Datasheet
75Kb / 12P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 03-11 April 2005
PMEG3010EJ PHILIPS-PMEG3010EJ Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
logo
Nexperia B.V. All right...
PMEG3010EJ NEXPERIA-PMEG3010EJ Datasheet
659Kb / 11P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 04 - 20 March 2007
More results

Similar Description - PMEG3010EJ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG4010EH NXP-PMEG4010EH Datasheet
85Kb / 11P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 04-21 March 2007
PMEG3010CEH NXP-PMEG3010CEH Datasheet
76Kb / 10P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 02-22 March 2007
PMEG6010CEH PHILIPS-PMEG6010CEH Datasheet
76Kb / 10P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 02-27 March 2007
logo
Nexperia B.V. All right...
PMEG2010EH NEXPERIA-PMEG2010EH Datasheet
658Kb / 11P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 04 - 20 March 2007
logo
NXP Semiconductors
PMEG6010CEH NXP-PMEG6010CEH Datasheet
76Kb / 10P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 02-27 March 2007
logo
Nexperia B.V. All right...
PMEG4010CEH NEXPERIA-PMEG4010CEH Datasheet
679Kb / 10P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 02 - 22 March 2007
logo
NXP Semiconductors
PMEG2010AEH NXP-PMEG2010AEH Datasheet
77Kb / 11P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 03-28 March 2007
PMEG2010EH NXP-PMEG2010EH Datasheet
83Kb / 11P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 04-20 March 2007
PMEG4010CEH NXP-PMEG4010CEH Datasheet
107Kb / 10P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 02-22 March 2007
PMEG4010EJ PHILIPS-PMEG4010EJ Datasheet
75Kb / 12P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 03-11 April 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com