Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK9605-30A Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BUK9605-30A
Description  TrenchMOS transistor Logic level FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUK9605-30A Datasheet(HTML) 3 Page - NXP Semiconductors

  BUK9605-30A Datasheet HTML 1Page - NXP Semiconductors BUK9605-30A Datasheet HTML 2Page - NXP Semiconductors BUK9605-30A Datasheet HTML 3Page - NXP Semiconductors BUK9605-30A Datasheet HTML 4Page - NXP Semiconductors BUK9605-30A Datasheet HTML 5Page - NXP Semiconductors BUK9605-30A Datasheet HTML 6Page - NXP Semiconductors BUK9605-30A Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Philips Semiconductors
Product specification
TrenchMOS
™ transistor
BUK9605-30A
Logic level FET
Fig.1. Normalised power dissipation.
PD% = 100
⋅P
D/PD 25 ˚C = f(Tmb)
Fig.2. Normalised continuous drain current.
ID% = 100
⋅I
D/ID 25 ˚C = f(Tmb); conditions: VGS ≥ 5 V
Fig.3. Safe operating area. T
mb = 25 ˚C
I
D & IDM = f(VDS); IDM single pulse; parameter tp
Fig.4. Transient thermal impedance.
Z
th j-mb = f(t); parameter D = tp/T
Fig.5. Typical output characteristics, T
j = 25 ˚C.
I
D = f(VDS); parameter VGS
Fig.6. Typical on-state resistance, T
j = 25 ˚C.
R
DS(ON) = f(ID); parameter VGS
0
20
40
60
80
100
120
140
160
180
Tmb / C
PD%
Normalised Power Derating
120
110
100
90
80
70
60
50
40
30
20
10
0
0.00001
0.001
0.1
10
0.001
0.01
0.1
1
D =
tp
tp
T
T
P
t
D
Zth / (K/W)
t/S
D =
0.5
0.2
0.1
0.05
0.02
0
024
68
10
0
100
200
300
400
ID/V
VDS/V
VGS/V =
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
4.0
4.2
4.4
4.6
4.8
5.0
10.0
7.0
6.0
0
20
40
60
80
100
120
140
160
180
Tmb / C
ID%
Normalised Current Derating
120
110
100
90
80
70
60
50
40
30
20
10
0
0
20406080
100
3
4
5
6
7
8
9
10
11
RDS(ON)/mOhm
ID/A
VGS/V =
3.0
3.2
3.4
3.6
4.0
5.0
1
10
100
1
10
100
1000
ID/A
RDS(ON) = VDS/ID
VDS/V
tp =
100mS
10mS
1mS
100uS
DC
August 1999
3
Rev 1.100


Similar Part No. - BUK9605-30A

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BUK9605-30A ISC-BUK9605-30A Datasheet
333Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
BUK9605-30A NEXPERIA-BUK9605-30A Datasheet
1Mb / 13P
   N-channel TrenchMOS logic level FET
Rev. 03 - 19 April 2011
logo
NXP Semiconductors
BUK9605-30A PHILIPS-BUK9605-30A_15 Datasheet
1,004Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 03-19 April 2011
More results

Similar Description - BUK9605-30A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK9514-55 PHILIPS-BUK9514-55 Datasheet
53Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.000
BUK9524-55 PHILIPS-BUK9524-55 Datasheet
63Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.100
BUK9528-55 PHILIPS-BUK9528-55 Datasheet
64Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.100
PHB11N06LT PHILIPS-PHB11N06LT Datasheet
76Kb / 9P
   TrenchMOS transistor Logic level FET
September 1998 Rev 1.000
PHN1011 PHILIPS-PHN1011 Datasheet
115Kb / 7P
   TrenchMOS transistor Logic level FET
June 1999 Rev 1.100
BUK9520-55 PHILIPS-BUK9520-55 Datasheet
63Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.100
PHP37N06LT PHILIPS-PHP37N06LT Datasheet
79Kb / 10P
   TrenchMOS transistor Logic level FET
September 1998 Rev 1.400
BUK9606-30 PHILIPS-BUK9606-30 Datasheet
51Kb / 8P
   TrenchMOS transistor Logic level FET
December 1997 Rev 1.100
BUK9608-55 PHILIPS-BUK9608-55 Datasheet
68Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.000
BUK9610-30 PHILIPS-BUK9610-30 Datasheet
52Kb / 8P
   TrenchMOS transistor Logic level FET
December 1997 Rev 1.100
BUK9614-55 PHILIPS-BUK9614-55 Datasheet
56Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com