Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS21552 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DS21552
Description  T1 Single-Chip Transceivers
Download  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS21552 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button DS21552 Datasheet HTML 3Page - Maxim Integrated Products DS21552 Datasheet HTML 4Page - Maxim Integrated Products DS21552 Datasheet HTML 5Page - Maxim Integrated Products DS21552 Datasheet HTML 6Page - Maxim Integrated Products DS21552 Datasheet HTML 7Page - Maxim Integrated Products DS21552 Datasheet HTML 8Page - Maxim Integrated Products DS21552 Datasheet HTML 9Page - Maxim Integrated Products DS21552 Datasheet HTML 10Page - Maxim Integrated Products DS21552 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 137 page
background image
DS21352/DS21552
7 of 137
3. INTRODUCTION
The DS21352/552 are 3.3V/5V superset versions of the popular DS2152 T1 single-chip transceiver
offering the new features listed below. All of the original features of the DS2152 have been retained and
software created for the original devices is transferable into the DS21352/552.
NEW FEATURES (after the DS2152)
§
Interleaving PCM Bus Operation
§
Integral HDLC controller with 64-byte buffers Configurable for FDL or DS0 operation
§
IEEE 1149.1 JTAG-Boundary Scan Architecture
§
3.3V (DS21352 only) supply
FEATURES
§
option for non–multiplexed bus operation
§
crystal–less jitter attenuation
§
3.3V I/O on all SCTs
§
additional hardware signaling capability including:
– receive signaling reinsertion to a backplane multiframe sync
– availability of signaling in a separate PCM data stream
– signaling freezing
– interrupt generated on change of signaling data
§
ability to calculate and check CRC6 according to the Japanese standard
§
ability to pass the F–Bit position through the elastic stores in the 2.048 MHz backplane mode
§
programmable in–band loop code generator and detector
§
per channel loopback and idle code insertion
§
RCL, RLOS, RRA, and RAIS alarms now interrupt on change of state
§
8.192 MHz clock output synthesized to RCLK
§
HDLC controller can be configured for FDL
§
addition of hardware pins to indicate carrier loss & signaling freeze
§
line interface function can be completely decoupled from the framer/formatter to allow:
– interface to optical, HDSL, and other NRZ interfaces
– be able to “tap” the transmit and receive bipolar data streams for monitoring purposes
– be able corrupt data and insert framing errors, CRC errors, etc.
§
transmit and receive elastic stores now have independent backplane clocks


Similar Part No. - DS21552

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS21552 MAXIM-DS21552 Datasheet
1Mb / 240P
   T1/E1/J1 Single-Chip Transceiver
100903
logo
Dallas Semiconductor
DS21552L DALLAS-DS21552L Datasheet
1Mb / 137P
   3.3V DS21352 and 5V DS21552 T1 Single-Chip Transceivers
DS21552LN DALLAS-DS21552LN Datasheet
1Mb / 137P
   3.3V DS21352 and 5V DS21552 T1 Single-Chip Transceivers
More results

Similar Description - DS21552

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS21352 DALLAS-DS21352 Datasheet
1Mb / 137P
   3.3V DS21352 and 5V DS21552 T1 Single-Chip Transceivers
DS2151Q DALLAS-DS2151Q Datasheet
1Mb / 51P
   T1 Single-Chip Transceiver
logo
Maxim Integrated Produc...
DS2151Q MAXIM-DS2151Q Datasheet
626Kb / 60P
   T1 Single-Chip Transceiver
REV: 011706
DS2152 MAXIM-DS2152 Datasheet
1Mb / 97P
   Enhanced T1 Single-Chip Transceiver
REV: 011706
logo
Dallas Semiconductor
DS21458 DALLAS-DS21458 Datasheet
1Mb / 270P
   Quad T1/E1/J1 Transceivers
DS2152 DALLAS-DS2152 Datasheet
1,003Kb / 94P
   Enhanced T1 Single-Chip Transceiver
logo
Synaptics Incorporated.
BT8375 CONEXANT-BT8375 Datasheet
1Mb / 323P
   single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
logo
Maxim Integrated Produc...
DS21554 MAXIM-DS21554 Datasheet
944Kb / 124P
   3.3V/5V E1 Single-Chip Transceivers
REV: 021004
logo
Mitel Networks Corporat...
MT9074 MITEL-MT9074 Datasheet
372Kb / 122P
   T1/E1/J1 Single Chip Transceiver
logo
Dallas Semiconductor
DS2155 DALLAS-DS2155_06 Datasheet
1Mb / 238P
   T1/E1/J1 Single-Chip Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com