Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX15017BATX+ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX15017BATX+
Description  1A, 4.5V to 40V Input Buck Converters with 50mA Auxiliary LDO Regulators
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15017BATX+ Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX15017BATX+ Datasheet HTML 1Page - Maxim Integrated Products MAX15017BATX+ Datasheet HTML 2Page - Maxim Integrated Products MAX15017BATX+ Datasheet HTML 3Page - Maxim Integrated Products MAX15017BATX+ Datasheet HTML 4Page - Maxim Integrated Products MAX15017BATX+ Datasheet HTML 5Page - Maxim Integrated Products MAX15017BATX+ Datasheet HTML 6Page - Maxim Integrated Products MAX15017BATX+ Datasheet HTML 7Page - Maxim Integrated Products MAX15017BATX+ Datasheet HTML 8Page - Maxim Integrated Products MAX15017BATX+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
1A, 4.5V to 40V Input Buck Converters with
50mA Auxiliary LDO Regulators
4
_______________________________________________________________________________________
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX15014/MAX15016
100
200
SYNC Frequency Range
fSYNC
MAX15015/MAX15017
400
600
kHz
Ramp Level Shift (Valley)
0.3
V
ERROR AMPLIFER
Soft-Start Reference Voltage
VSS
1.210
1.235
1.260
V
Soft-Start Current
ISS
VSS = 0V
7
12
17
µA
FB Regulation Voltage
VFB
1.210
1.235
1.260
V
FB Input Range
VFB
0
1.5
V
FB Input Current
IFB
VFB = 1.244V
-250
+250
nA
COMP Voltage Range
ICOMP = -500µA to +500µA
0.25
4.5
V
Open-Loop Gain
80
dB
Unity-Gain Bandwidth
1.8
MHz
fSYNC = 500kHz, MAX15015/MAX15017
10
PWM Modulator Gain
fSYNC = 135kHz, MAX15014/MAX15016
10
V/V
CURRENT-LIMIT COMPARATOR
Pulse Skip Threshold
IPFM
100
200
300
mA
Cycle-by-Cycle Current Limit
IILIM
1.3
2
2.6
A
Number of Consecutive ILIM
Events to Hiccup
7—
Hiccup Timeout
512
Clock
periods
POWER SWITCH
Switch On-Resistance
VBST - VLX = 6V
0.15
0.4
0.80
Switch Gate Charge
VBST - VLX = 6V
4
nC
Switch Leakage Current
VIN_SW = VIN_LDO = VLX = VDRAIN =
40V, VFB = 0V
10
µA
BST Quiescent Current
VBST = 40V, VDRAIN = 40V, VFB = 0V,
DVREG = 5V
400
600
µA
BST Leakage Current
VBST = VDRAIN = VLX = VIN_SW =
VIN_LDO = 40V, EN_SW = 0V
1µA
CHARGE PUMP (MAX15015/MAX15016)
C- Output Voltage Low
Sinking 10mA
0.1
V
C- Output Voltage High
Relative to DVREG, sourcing 10mA
0.1
V
DVREG to C+ On-Resistance
Sourcing 10mA
10
LX to PGND On-Resistance
Sinking 10mA
12
LDO
Input Voltage Range
VIN_LDO
540
V
Undervoltage Lockout Threshold
UVLO_LDOTH
VIN_LDO rising
3.90
4.1
4.25
V
Undervoltage Lockout Hysteresis
UVLO_LDOHYST
0.3
V
ELECTRICAL CHARACTERISTICS (continued)
(VIN_SW = VIN_LDO = VDRAIN = 14V, VEN_SYS = VEN_SW = 2.4V, VREG = VDVREG, VSYNC = VSET_LDO = VSGND = VPGND = 0V, CREG =
1µF, CIN_SW = 0.1µF, CIN_LDO = 0.1µF, CLDO_OUT = 10µF, CDRAIN = 0.22µF, TA = TJ = -40°C to +125°C, unless otherwise noted.
Typical values are at TA = +25°C.) (Note 1)


Similar Part No. - MAX15017BATX+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15017BATX++ MAXIM-MAX15017BATX+ Datasheet
2Mb / 25P
   1A, 4.5V to 40V Input Buck Converters with 50mA Auxiliary LDO Regulators
Rev 1; 11/14
More results

Similar Description - MAX15017BATX+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15014 MAXIM-MAX15014 Datasheet
2Mb / 25P
   1A, 4.5V to 40V Input Buck Converters with 50mA Auxiliary LDO Regulators
Rev 1; 11/14
logo
Diodes Incorporated
AP64060 DIODES-AP64060 Datasheet
1Mb / 18P
   4.5V TO 40V INPUT, 600mA SYNCHRONOUS BUCK WITH ENHANCED EMI REDUCTION
Rev. 2 - 2 August 2022
AP64060Q DIODES-AP64060Q_V01 Datasheet
1Mb / 19P
   4.5V TO 40V INPUT, 600mA SYNCHRONOUS BUCK WITH ENHANCED EMI REDUCTION
Rev. 3 - 2 September 2022
logo
Maxim Integrated Produc...
MAX8516 MAXIM-MAX8516 Datasheet
181Kb / 9P
   1.425V to 3.6V Input, 1A, 0.2V Dropout LDO Regulators
Rev 1; 4/04
MAX8516EUB-T MAXIM-MAX8516EUB-T Datasheet
190Kb / 10P
   1.425V to 3.6V Input, 1A, 0.2V Dropout LDO Regulators
Rev 2; 9/09
MAX8516 MAXIM-MAX8516_09 Datasheet
190Kb / 10P
   1.425V to 3.6V Input, 1A, 0.2V Dropout LDO Regulators
19-3188; Rev 2; 9/09
MAX17673 MAXIM-MAX17673 Datasheet
1Mb / 27P
   Integrated 4.5V to 60V Synchronous 1.5A HV Buck and Dual 2.7V to 5.5V, 1A Buck Regulators
Rev 2; 11/19
logo
Diodes Incorporated
AP64100 DIODES-AP64100 Datasheet
1Mb / 26P
   3.8V TO 40V INPUT, 1A LOW IQ SYNCHRONOUS BUCK WITH ADJUSTABLE FREQUENCY
Rev. 1 - 2 March 2021
AP64102 DIODES-AP64102 Datasheet
1Mb / 21P
   3.8V TO 40V INPUT, 1A LOW IQ SYNCHRONOUS BUCK WITH INTERNAL COMPENSATION
Rev. 2 - 2 July 2021
logo
Renesas Technology Corp
RAA212421 RENESAS-RAA212421 Datasheet
1Mb / 34P
   3V to 40V Input, 1.1A Synchronous Buck Regulator with Integrated 500mA LDO
Jul 8, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com