Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16027TP Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX16027TP
Description  Dual-/Triple-/Quad-Voltage, Capacitor-Adjustable, Sequencing/Supervisory Circuits
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16027TP Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX16027TP Datasheet HTML 2Page - Maxim Integrated Products MAX16027TP Datasheet HTML 3Page - Maxim Integrated Products MAX16027TP Datasheet HTML 4Page - Maxim Integrated Products MAX16027TP Datasheet HTML 5Page - Maxim Integrated Products MAX16027TP Datasheet HTML 6Page - Maxim Integrated Products MAX16027TP Datasheet HTML 7Page - Maxim Integrated Products MAX16027TP Datasheet HTML 8Page - Maxim Integrated Products MAX16027TP Datasheet HTML 9Page - Maxim Integrated Products MAX16027TP Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Dual-/Triple-/Quad-Voltage, Capacitor-
Adjustable, Sequencing/Supervisory Circuits
6
_______________________________________________________________________________________
Pin Description
PIN
MAX16025/
MAX16026
MAX16027/
MAX16028
MAX16029/
MAX16030
NAME
FUNCTION
11
1
VCC
Supply Voltage Input. Connect a 2.2V to 28V supply voltage to power the
device. All outputs are low when VCC is below the UVLO. For noisy systems,
bypass VCC to GND with a 0.1µF capacitor.
2
2
2
IN1
Monitored Input 1. When the voltage at IN1 exceeds its threshold, OUT1 goes
high after the capacitor-adjustable delay period. When the voltage at IN1 falls
below its threshold, OUT1 goes low after a propagation delay.
3
3
3
IN2
Monitored Input 2. When the voltage at IN2 exceeds its threshold, OUT2 goes
high after the capacitor-adjustable delay period. When the voltage at IN2 falls
below its threshold, OUT2 goes low after a propagation delay.
4
4
IN3
Monitored Input 3. When the voltage at IN3 exceeds its threshold, OUT3 goes
high after the capacitor-adjustable delay period. When the voltage at IN3 falls
below its threshold, OUT3 goes low after a propagation delay.
5
IN4
Monitored Input 4. When the voltage at IN4 exceeds its threshold, OUT4 goes
high after the capacitor-adjustable delay period. When the voltage at IN4 falls
below its threshold, OUT4 goes low after a propagation delay.
4
5
6
TOL
Threshold Tolerance Input. Connect TOL to GND to select thresholds 5%
below nominal. Connect TOL to VCC to select thresholds 10% below nominal.
5
6
7
GND
Ground
6
7
8
EN1
Active-High Logic-Enable Input 1. Driving EN1 low causes OUT1 to go low
regardless of the input voltage. Drive EN1 high to enable the monitoring
comparator.
7
8
9
EN2
Active-High Logic-Enable Input 2. Driving EN2 low causes OUT2 to go low
regardless of the input voltage. Drive EN2 high to enable the monitoring
comparator.
9
10
EN3
Active-High Logic-Enable Input 3. Driving EN3 low causes OUT3 to go low
regardless of the input voltage. Drive EN3 high to enable the monitoring
comparator.
11
EN4
Active-High Logic-Enable Input 4. Driving EN4 low causes OUT4 to go low
regardless of the input voltage. Drive EN4 high to enable the monitoring
comparator.
8
10
12
TH1
Threshold Select Input 1. Connect TH1 to VCC or GND, or leave it open to
select the input-voltage threshold option in conjunction with TH0 (see Table 2).
9
11
13
TH0
Threshold Select Input 0. Connect TH0 to VCC or GND, or leave it open to
select the input-voltage threshold option in conjunction with TH1 (see Table 2).
14
OUT4
Output 4. When the voltage at IN4 is below its threshold or EN4 goes low,
OUT4 goes low.
12
15
OUT3
Output 3. When the voltage at IN3 is below its threshold or EN3 goes low,
OUT3 goes low.
10
13
16
OUT2
Output 2. When the voltage at IN2 is below its threshold or EN2 goes low,
OUT2 goes low.


Similar Part No. - MAX16027TP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1602 MAXIM-MAX1602 Datasheet
130Kb / 12P
   Single-Channel CardBus and PCMCIA VCC/VPP Power-Switching Network
19-1125; Rev 0; 9/96
MAX16020 MAXIM-MAX16020 Datasheet
214Kb / 21P
   Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 2; 10/08
MAX16020 MAXIM-MAX16020 Datasheet
209Kb / 21P
   Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 3; 12/08
MAX16020 MAXIM-MAX16020 Datasheet
464Kb / 21P
   Low-Power uP Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 6; 11/11
MAX16020_TE_+T MAXIM-MAX16020_TE_+T Datasheet
214Kb / 21P
   Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 2; 10/08
More results

Similar Description - MAX16027TP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16041 MAXIM-MAX16041 Datasheet
275Kb / 15P
   Dual-/Triple-/Quad-Voltage, Capacitor-Adjustable, Sequencing/Supervisory Circuits
Rev 0; 8/06
MAX16052 MAXIM-MAX16052 Datasheet
153Kb / 12P
   High-Voltage, Adjustable Sequencing/Supervisory Circuits
Rev 1; 10/08
MAX16052 MAXIM-MAX16052_10 Datasheet
180Kb / 12P
   High-Voltage, Adjustable Sequencing/Supervisory Circuits
Rev 2; 1/10
MAX6895AAZTT MAXIM-MAX6895AAZTT Datasheet
281Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 8; 7/11
MAX6895 MAXIM-MAX6895_10 Datasheet
271Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 7; 7/10
MAX6895 MAXIM-MAX6895 Datasheet
354Kb / 18P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 5; 10/07
MAX6342SUT MAXIM-MAX6342SUT Datasheet
554Kb / 8P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 2; 12/05
MAX6895 MAXIM-MAX6895_09 Datasheet
535Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 6; 11/09
MAX6895 MAXIM-MAX6895_11 Datasheet
281Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 8; 7/11
MAX6355TZUT-T MAXIM-MAX6355TZUT-T Datasheet
328Kb / 11P
   Dual/Triple-Voltage μP Supervisory Circuits
Rev 6; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com