Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16031ETM+ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX16031ETM+
Description  EEPROM-Based System Monitors with Nonvolatile Fault Memory
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16031ETM+ Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX16031ETM+ Datasheet HTML 1Page - Maxim Integrated Products MAX16031ETM+ Datasheet HTML 2Page - Maxim Integrated Products MAX16031ETM+ Datasheet HTML 3Page - Maxim Integrated Products MAX16031ETM+ Datasheet HTML 4Page - Maxim Integrated Products MAX16031ETM+ Datasheet HTML 5Page - Maxim Integrated Products MAX16031ETM+ Datasheet HTML 6Page - Maxim Integrated Products MAX16031ETM+ Datasheet HTML 7Page - Maxim Integrated Products MAX16031ETM+ Datasheet HTML 8Page - Maxim Integrated Products MAX16031ETM+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
General Description
The MAX16031/MAX16032 EEPROM-configurable sys-
tem monitors feature an integrated 10-bit analog-to-
digital converter (ADC) designed to monitor voltages,
temperatures, and current in complex systems. These
EEPROM-configurable devices allow enormous flexibility
in selecting operating ranges, upper and lower limits,
fault output configuration, and operating modes with
the capability of storing these values within the device.
The MAX16031 monitors up to eight voltages, three
temperatures (one internal/two external remote temper-
ature diodes), and a single current. The MAX16032
monitors up to six voltages and two temperatures (one
internal/one remote temperature diode). Each of these
monitored parameters is muxed into the ADC and writ-
ten to its respective register that can be read back
through the SMBus™ and JTAG interface.
Measured values are compared to the user-config-
urable upper and lower limits. For voltage measure-
ments, there are two undervoltage and two overvoltage
limits. For current and temperature, there are two sets
of upper limits. Whenever the measured value is out-
side its limits, an alert signal is generated to notify the
processor. Independent outputs are available for over-
current, overtemperature, and undervoltage/overvolt-
age that are configured to assert on assigned
channels. There are also undedicated fault outputs that
are configured to offer a secondary limit for tempera-
ture, current, or voltage fault or provide a separate
overvoltage output.
During a major fault event, such as a system shutdown,
the MAX16031/MAX16032 automatically copy the inter-
nal ADC registers into the nonvolatile EEPROM registers
that then are read back for diagnostic purposes.
The MAX16031/MAX16032 offer additional GPIOs that
are used for voltage sequencing, additional fault out-
puts, a manual reset input, or read/write logic levels. A
separate current-sense amplifier with an independent
output allows for fast shutoff during overcurrent condi-
tions. The MAX16031/MAX16032 are available in a
7mm x 7mm TQFN package and are fully specified
from -40°C to +85°C.
Applications
Servers
Workstations
Storage Systems
Networking
Telecom
Features
o Supply Voltage Operating Range of 2.85V to 14V
o Monitors Up to Eight Voltages (Single-Ended or
Pseudo-Differential) with 1% Accuracy
o EEPROM-Configurable Limits
Two Undervoltage and Two Overvoltage
Two Overtemperature
Two Overcurrent
o High-Side Current-Sense Amplifier with
Overcurrent Output (MAX16031 Only)
o Monitors Up to Three Temperatures
(1 Internal/2 Remote)
o Nonvolatile Fault Memory Stores Fault Conditions
for Later Retrieval
o Two Additional Configurable Fault Outputs
o Two Configurable GPIOs
o SMBus/I2C-Compatible Interface with ALERT
Output and Bus Timeout Function
o JTAG Interface
o 7mm x 7mm, 48-Pin TQFN Package
EEPROM-Based System Monitors
with Nonvolatile Fault Memory
________________________________________________________________
Maxim Integrated Products
1
48
47
46
45
44
43
42
41
40
39
38
37
13
14
15
12
11
EP
10
9
8
7
6
5
4
3
2
1
+
25
26
27
28
29
30
31
32
33
34
35
36
16
17
18
19
20
21
22
23
24
ABP
GND
DBP
TDO
N.C.
N.C.
N.C.
TDI
TCK
TMS
RESET
FAULT1
( ) MAX16031 ONLY
IN2
IN3
IN4
N.C.
N.C.
N.C.
N.C.
GND
IN5
IN6
N.C. (IN7)
N.C. (IN8)
MAX16031
MAX16032
TQFN
Pin Configuration
19-0870; Rev 2; 6/10
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
EVALUATION
KIT
AVAILABLE
Ordering Information
PART
TEMP RANGE
PIN-PACKAGE
MAX16031ETM+
-40°C to +85°C
48 TQFN-EP*
MAX16032ETM+
-40°C to +85°C
48 TQFN-EP*
SMBus is a trademark of Intel Corp.
+
Denotes a lead(Pb)-free/RoHS-compliant package.
*
EP = Exposed pad.


Similar Part No. - MAX16031ETM+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16031ETM MAXIM-MAX16031ETM Datasheet
399Kb / 42P
   EEPROM-Based System Monitors with Nonvolatile Fault Memory
Rev 1; 10/07
More results

Similar Description - MAX16031ETM+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16031 MAXIM-MAX16031 Datasheet
399Kb / 42P
   EEPROM-Based System Monitors with Nonvolatile Fault Memory
Rev 1; 10/07
MAX16070 MAXIM-MAX16070 Datasheet
2Mb / 52P
   12-Channel/8-Channel, Flash-Configurable System Monitors with Nonvolatile Fault Registers
Rev 3; 8/11
MAX16046 MAXIM-MAX16046_09 Datasheet
481Kb / 70P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 4; 3/09
MAX16047 MAXIM-MAX16047_09 Datasheet
422Kb / 61P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 3; 3/09
MAX16047 MAXIM-MAX16047 Datasheet
516Kb / 62P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 11/07
MAX16047A MAXIM-MAX16047A Datasheet
1,015Kb / 61P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16046 MAXIM-MAX16046 Datasheet
545Kb / 68P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 10/07
MAX16046A MAXIM-MAX16046A Datasheet
1Mb / 71P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
logo
Siemens Semiconductor G...
SDA2526-2 SIEMENS-SDA2526-2 Datasheet
1,019Kb / 12P
   NONVOLATILE MEMORY 2-Kbit EEPROM WITH I2C BUS
logo
Maxim Integrated Produc...
MAX16067 MAXIM-MAX16067 Datasheet
2Mb / 47P
   6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 0; 10/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com